Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

27C256-90TS Datasheet(PDF) 11 Page - Microchip Technology

Part # 27C256-90TS
Description  256K (32K x 8) CMOS EPROM
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

27C256-90TS Datasheet(HTML) 11 Page - Microchip Technology

Back Button 27C256-90TS Datasheet HTML 4Page - Microchip Technology 27C256-90TS Datasheet HTML 5Page - Microchip Technology 27C256-90TS Datasheet HTML 6Page - Microchip Technology 27C256-90TS Datasheet HTML 7Page - Microchip Technology 27C256-90TS Datasheet HTML 8Page - Microchip Technology 27C256-90TS Datasheet HTML 9Page - Microchip Technology 27C256-90TS Datasheet HTML 10Page - Microchip Technology 27C256-90TS Datasheet HTML 11Page - Microchip Technology 27C256-90TS Datasheet HTML 12Page - Microchip Technology  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
27C256
© 1996 Microchip Technology Inc.
DS11001L-page 11
27C256 Product Identification System
To order or to obtain information (e.g., on pricing or delivery), please use listed part numbers, and refer to factory or listed sales offices.
Package:
L = Plastic Leaded Chip Carrier
P = Plastic DIP (Mil 600)
SO = Plastic SOIC (Mil 300)
TS = Thin Small Outline Package (TSOP) 8x20mm
VS = Very Small Outline Package (VSOP) 8x13.4mm
Temperature
Blank = 0˚C to +70˚C
Range:
I
= -40˚C to +85˚C
E = -40˚C to +125˚C
Access
90 = 90 ns
Time:
10 = 100 ns
12 = 120 ns
15 = 150 ns
20 = 200 ns
Device
27C256
256K (32K x 8) CMOS EPROM
27C256 –
90
I
/TS


Similar Part No. - 27C256-90TS

ManufacturerPart #DatasheetDescription
logo
Macronix International
27C256-90 MCNIX-27C256-90 Datasheet
764Kb / 15P
   256K-BIT [32K x 8] CMOS EPROM
logo
Microchip Technology
27C256-90/L MICROCHIP-27C256-90/L Datasheet
91Kb / 10P
   256K (32K x 8) CMOS EPROM
2004
27C256-90/P MICROCHIP-27C256-90/P Datasheet
91Kb / 10P
   256K (32K x 8) CMOS EPROM
2004
27C256-90/SO MICROCHIP-27C256-90/SO Datasheet
91Kb / 10P
   256K (32K x 8) CMOS EPROM
2004
logo
NXP Semiconductors
27C256-90A PHILIPS-27C256-90A Datasheet
558Kb / 14P
   256K-bit CMOS EPROM (32K x 8)
November 12 1990
More results

Similar Description - 27C256-90TS

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
27C256 MICROCHIP-27C256_04 Datasheet
91Kb / 10P
   256K (32K x 8) CMOS EPROM
2004
logo
ATMEL Corporation
AT27C256R ATMEL-AT27C256R Datasheet
251Kb / 9P
   256K 32K x 8 OTP CMOS EPROM
logo
Macronix International
MX27C256 MCNIX-MX27C256 Datasheet
764Kb / 15P
   256K-BIT [32K x 8] CMOS EPROM
logo
NXP Semiconductors
27C256 PHILIPS-27C256 Datasheet
558Kb / 14P
   256K-bit CMOS EPROM (32K x 8)
November 12 1990
logo
Microchip Technology
27LV256 MICROCHIP-27LV256 Datasheet
64Kb / 12P
   256K (32K x 8) Low-Voltage CMOS EPROM
1996
27LV256 MICROCHIP-27LV256_04 Datasheet
132Kb / 10P
   256K (32K x 8) Low-Voltage CMOS EPROM
2004
logo
ATMEL Corporation
AT27C256R ATMEL-AT27C256R_07 Datasheet
415Kb / 15P
   256K (32K x 8) OTP EPROM
AT27LV256A ATMEL-AT27LV256A Datasheet
221Kb / 9P
   256K 32K x 8 Low Voltage OTP CMOS EPROM
logo
Maxwell Technologies
27C256T MAXWELL-27C256T Datasheet
126Kb / 14P
   256K (32K x 8-Bit) OTP EPROM
logo
STMicroelectronics
M27256 STMICROELECTRONICS-M27256 Datasheet
93Kb / 10P
   NMOS 256K 32K x 8 UV EPROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com