Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

37LV36-TIL Datasheet(PDF) 3 Page - Microchip Technology

Part # 37LV36-TIL
Description  36K, 64K, and 128K Serial EPROM Family
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

37LV36-TIL Datasheet(HTML) 3 Page - Microchip Technology

  37LV36-TIL Datasheet HTML 1Page - Microchip Technology 37LV36-TIL Datasheet HTML 2Page - Microchip Technology 37LV36-TIL Datasheet HTML 3Page - Microchip Technology 37LV36-TIL Datasheet HTML 4Page - Microchip Technology 37LV36-TIL Datasheet HTML 5Page - Microchip Technology 37LV36-TIL Datasheet HTML 6Page - Microchip Technology 37LV36-TIL Datasheet HTML 7Page - Microchip Technology 37LV36-TIL Datasheet HTML 8Page - Microchip Technology 37LV36-TIL Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
© 1996 Microchip Technology Inc.
DS21109E-page 3
37LV36/65/128
2.0
DATA
2.1
Data I/O
Three-state DATA output for reading and input during
programming.
3.0
CLK
3.1
Clock Input
Used to increment the internal address and bit
counters for reading and programming.
4.0
RESET/OE
4.1
Reset Input and Output Enable
A LOW level on both the CE and RESET/OE inputs
enables the data output driver.
A HIGH level on
RESET/OE resets both the address and bit counters.
In the 37LVXXX, the logic polarity of this input is pro-
grammable as either RESET/OE or OE/RESET. This
document describes the pin as RESET/OE although
the opposite polarity is also possible. This option is
defined and set at device program time.
5.0
CE
5.1
Chip Enable Input
CE is used for device selection. A LOW level on both
CE and OE enables the data output driver. A HIGH
level on CE disables both the address and bit counters
and forces the device into a low power mode.
6.0
CEO
6.1
Chip Enable Output
This signal is asserted LOW on the clock cycle follow-
ing the last bit read from the memory. It will stay LOW
as long as CE and OE are both LOW. It will then follow
CE until OE goes HIGH. Thereafter, CEO will stay
HIGH until the entire EPROM is read again. This pin
also used to sense the status of RESET polarity when
Programming Mode is entered.
7.0
VPP
7.1
Programming Voltage Supply
Used to enter programming mode (+13 volts) and to
program the memory (+13 volts). Must be connected
directly to Vcc for normal Read operation. No over-
shoot above +14 volts is permitted.
8.0
CASCADING SERIAL EPROMS
Cascading Serial EPROMs provide additional memory
for multiple FPGAs configured as a daisy-chain, or for
future applications requiring larger configuration mem-
ories.
When the last bit from the first Serial EPROM is read,
the next clock signal to the Serial EPROM asserts its
CEO output LOW and disables its DATA line. The sec-
ond Serial EPROM recognizes the LOW level on its CE
input and enables its DATA output.
When configuration is complete, the address counters
of all cascaded Serial EPROMs are reset if RESET
goes LOW forcing the RESET/OE on each Serial
EPROM to go HIGH. If the address counters are not to
be reset upon completion, then the RESET/OE inputs
can be tied to ground.
Additional logic may be required if cascaded memories
are so large that the rippled chip enable is not fast
enough to activate successive Serial EPROMs.
9.0
STANDBY MODE
The 37LVXXX enters a low-power Standby Mode
whenever CE is HIGH. In Standby Mode, the Serial
EPROM consumes less than 100
µA of current. The
output will remain in a high-impedance state regardless
of the state of the OE input.
10.0
PROGRAMMING MODE
Programming Mode is entered by holding VPP HIGH
(+13 volts) for two clock edges and then holding VPP =
VDD for one clock edge. Programming mode is exited
by driving a LOW on both CE and OE and then remov-
ing power from the device. Figures 4 through 7 show
the programming algorithm.
11.0
37LVXXX RESET POLARITY
The 37LVXXX lets the user choose the reset polarity as
either RESET/OE or OE/RESET. Any third-party com-
mercial programmer should prompt the user for the
desired reset polarity.
The programming of the overflow word should be han-
dled transparently by the EPROM programmer; it is
mentioned here as supplemental information only.
The polarity is programmed into the first overflow word
location, maximum address+1.
00000000 in these
locations makes the reset active LOW, FFFFFFFF in
these locations makes the reset active HIGH.
The
default condition is RESET active HIGH.


Similar Part No. - 37LV36-TIL

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
37LV36-T/L MICROCHIP-37LV36-T/L Datasheet
143Kb / 14P
   36K, 64K, and 128K Serial EPROM Family
2004
37LV36-T/P MICROCHIP-37LV36-T/P Datasheet
143Kb / 14P
   36K, 64K, and 128K Serial EPROM Family
2004
37LV36-T/SN MICROCHIP-37LV36-T/SN Datasheet
143Kb / 14P
   36K, 64K, and 128K Serial EPROM Family
2004
More results

Similar Description - 37LV36-TIL

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
37LV36 MICROCHIP-37LV36_04 Datasheet
143Kb / 14P
   36K, 64K, and 128K Serial EPROM Family
2004
logo
Catalyst Semiconductor
CAT25C64 CATALYST-CAT25C64 Datasheet
99Kb / 9P
   64K/128K-Bit SPI Serial CMOS E2PROM
logo
Macronix International
MX27C1100 MCNIX-MX27C1100 Datasheet
786Kb / 19P
   1M-BIT [128K x 8/64K x 16] CMOS EPROM
logo
STMicroelectronics
M27C512-12C1 STMICROELECTRONICS-M27C512-12C1 Datasheet
403Kb / 22P
   512 Kbit (64K x8) UV EPROM and OTP EPROM
M27C512 STMICROELECTRONICS-M27C512_07 Datasheet
278Kb / 22P
   512 Kbit (64K x8) UV EPROM and OTP EPROM
logo
Holtek Semiconductor In...
HT25LC512 HOLTEK-HT25LC512_04 Datasheet
175Kb / 11P
   CMOS 64K x 8-Bit SPI Serial OTP EPROM
logo
STMicroelectronics
M27W512-100K6 STMICROELECTRONICS-M27W512-100K6 Datasheet
369Kb / 21P
   512 Kbit (64K x8) Low Voltage UV EPROM and OTP EPROM
logo
List of Unclassifed Man...
EN27C512 ETC-EN27C512 Datasheet
106Kb / 12P
   512KBIT EPROM (64K x 8)
logo
Hitachi Semiconductor
HN27512 HITACHI-HN27512 Datasheet
302Kb / 7P
   512K (64K X 8 BIT ) UV AND OTP EPROM
logo
STMicroelectronics
2764A STMICROELECTRONICS-2764A Datasheet
99Kb / 11P
   64K (8K x 8) UV EPROM and OTP ROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com