Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UP1853 Datasheet(PDF) 1 Page - Unisonic Technologies

Part # UP1853
Description  HIGH CURRENT SWITCHING APPLICATION
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UP1853 Datasheet(HTML) 1 Page - Unisonic Technologies

  UP1853_15 Datasheet HTML 1Page - Unisonic Technologies UP1853_15 Datasheet HTML 2Page - Unisonic Technologies UP1853_15 Datasheet HTML 3Page - Unisonic Technologies UP1853_15 Datasheet HTML 4Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
UNISONIC TECHNOLOGIES CO., LTD
UP1853
PNP SILICON TRANSISTOR
www.unisonic.com.tw
1 of 4
Copyright © 2014 Unisonic Technologies Co., Ltd
QW-R207-019.D
HIGH CURRENT
(HIGH PERFORMANCE)
TRANSISTORS
FEATURES
* 5A Continuous Current , up to 10A peak current
* Very Low Saturation Voltages
* Excellent Gain Characteristics Specified up to 10A
* PD = 3W
ORDERING INFORMATION
Ordering Number
Package
Pin Assignment
Packing
1
2
3
UP1853G-AA3-R
SOT-223
B
C
E
Tape Reel
MARKING


Similar Part No. - UP1853_15

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
UP1853G-AA3-R UTC-UP1853G-AA3-R Datasheet
148Kb / 4P
   HIGH CURRENT (HIGH PERFORMANCE) TRANSISTORS
UP1853L-AA3-R UTC-UP1853L-AA3-R Datasheet
148Kb / 4P
   HIGH CURRENT (HIGH PERFORMANCE) TRANSISTORS
More results

Similar Description - UP1853_15

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
2SD1802 UTC-2SD1802 Datasheet
300Kb / 4P
   HIGH CURRENT SWITCHING APPLICATION
2SD1803 UTC-2SD1803 Datasheet
127Kb / 5P
   HIGH CURRENT SWITCHING APPLICATION
2SD1804 UTC-2SD1804_09 Datasheet
204Kb / 5P
   HIGH CURRENT SWITCHING APPLICATION
2SD1802 UTC-2SD1802_11 Datasheet
179Kb / 3P
   HIGH CURRENT SWITCHING APPLICATION
2SA1012 UTC-2SA1012_10 Datasheet
327Kb / 4P
   HIGH CURRENT SWITCHING APPLICATION
2SB1202 UTC-2SB1202_15 Datasheet
266Kb / 5P
   HIGH CURRENT SWITCHING APPLICATION
2SB1202 UTC-2SB1202 Datasheet
109Kb / 5P
   HIGH CURRENT SWITCHING APPLICATION
2SA1012 UTC-2SA1012 Datasheet
111Kb / 4P
   HIGH CURRENT SWITCHING APPLICATION
2SB1202 UTC-2SB1202_10 Datasheet
266Kb / 5P
   HIGH CURRENT SWITCHING APPLICATION
2SD1624 UTC-2SD1624_11 Datasheet
240Kb / 5P
   HIGH CURRENT SWITCHING APPLICATION
2SD1803 UTC-2SD1803_10 Datasheet
181Kb / 5P
   HIGH CURRENT SWITCHING APPLICATION
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com