Electronic Components Datasheet Search |
|
MCP3204-CIST Datasheet(PDF) 3 Page - Microchip Technology |
|
MCP3204-CIST Datasheet(HTML) 3 Page - Microchip Technology |
3 / 20 page © 1999 Microchip Technology Inc. Preliminary DS21298B-page 3 MCP3204/3208 Analog Inputs (Continued) Switch Resistance 1K Ω See Figure 4-1 Sample Capacitor 20 pF See Figure 4-1 Digital Input/Output Data Coding Format Straight Binary High Level Input Voltage V IH 0.7 V DD V Low Level Input Voltage V IL 0.3 V DD V High Level Output Voltage V OH 4.1 V I OH = -1mA, VDD = 4.5V Low Level Output Voltage V OL 0.4 V I OL = 1mA, VDD = 4.5V Input Leakage Current I LI -10 10 µA V IN = VSS or VDD Output Leakage Current I LO -10 10 µA V OUT = VSS or VDD Pin Capacitance (All Inputs/Outputs) C IN, COUT 10 pF V DD = 5.0V (Note 1) T AMB = 25 °C, f = 1 MHz Timing Parameters Clock Frequency f CLK 2.0 1.0 MHz MHz V DD = 5V (Note 3) V DD = 2.7V (Note 3) Clock High Time t HI 250 ns Clock Low Time t LO 250 ns CS Fall To First Rising CLK Edge t SUCS 100 ns Data Input Setup Time t SU 50 ns Data Input Hold Time t HD 50 ns CLK Fall To Output Data Valid t DO 200 ns See Test Circuits, Figure 1-2 CLK Fall To Output Enable t EN 200 ns See Test Circuits, Figure 1-2 CS Rise To Output Disable t DIS 100 ns See Test Circuits, Figure 1-2 CS Disable Time t CSH 500 ns D OUT Rise Time t R 100 ns See Test Circuits, Figure 1-2 (Note 1) D OUT Fall Time t F 100 ns See Test Circuits, Figure 1-2 (Note 1) Power Requirements Operating Voltage V DD 2.7 5.5 V Operating Current I DD 320 225 400 µA V DD = VREF = 5V, DOUT unloaded V DD = VREF = 2.7V, DOUT unloaded Standby Current I DDS 0.5 2 µA CS = V DD = 5.0V Note 1: This parameter is guaranteed by characterization and not 100% tested. Note 2: See graphs that relate linearity performance to V REF levels. Note 3: Because the sample cap will eventually lose charge, effective clock rates below 10kHz can affect linearity performance, especially at elevated temperatures. See Section 6.2 for more information. ELECTRICAL CHARACTERISTICS (CONTINUED) All parameters apply at V DD = 5V, VSS = 0V, VREF = 5V, TAMB = -40°C to +85 °C, fSAMPLE = 100ksps and f CLK = 20*fSAMPLE, unless otherwise noted. PARAMETER SYMBOL MIN. TYP. MAX. UNITS CONDITIONS |
Similar Part No. - MCP3204-CIST |
|
Similar Description - MCP3204-CIST |