Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MTE1122ISO Datasheet(PDF) 6 Page - Microchip Technology

Part # MTE1122ISO
Description  Energy Management Controller IC
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MTE1122ISO Datasheet(HTML) 6 Page - Microchip Technology

  MTE1122ISO Datasheet HTML 1Page - Microchip Technology MTE1122ISO Datasheet HTML 2Page - Microchip Technology MTE1122ISO Datasheet HTML 3Page - Microchip Technology MTE1122ISO Datasheet HTML 4Page - Microchip Technology MTE1122ISO Datasheet HTML 5Page - Microchip Technology MTE1122ISO Datasheet HTML 6Page - Microchip Technology MTE1122ISO Datasheet HTML 7Page - Microchip Technology MTE1122ISO Datasheet HTML 8Page - Microchip Technology  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
MTE1122
DS21112B-page 6
Preliminary
© 1995 Microchip Technology Inc.
PACKAGING INFORMATION
Package Type: 18-Lead Plastic Dual In-Line (300 mil)
Package Group: Plastic Dual In-Line (PLA)
Symbol
Millimeters
Inches
Min
Max
Notes
Min
Max
Notes
α
0
°
10
°
0
°
10
°
A
4.064
0.160
A1
0.381
-
0.015
A2
3.048
3.810
0.120
0.150
B
0.3556
0.5588
0.014
0.022
B1
1.524
1.524
Reference
0.060
0.060
Reference
C
0.203
0.381
Typical
0.008
0.015
Typical
D
22.479
23.495
0.885
0.925
D1
20.320
20.320
Reference
0.800
0.800
Reference
E
7.620
8.255
0.300
0.325
E1
6.096
7.112
0.240
0.280
e1
2.4892
2.5908
Typical
0.098
0.102
Typical
eA
7.620
7.620
Reference
0.300
0.300
Reference
eB
7.874
9.906
0.310
0.390
L
3.048
3.556
0.120
0.140
N
1818
1818
S
0.889
0.035
S1
0.508
0.005
Pin No. 1
Indicator
Area
Seating
Plane
Base
Plane
B
S
D
B1
E
E1
N
e1
S1
L
A
A1 A2
D1
α
C
eA
eB


Similar Part No. - MTE1122ISO

ManufacturerPart #DatasheetDescription
logo
Marktech Corporate
MTE1100 MARKTECH-MTE1100 Datasheet
78Kb / 2P
   GaAs INFRARED EMITTER INFRARED LED FOR PHOTO SENSOR
logo
Cystech Electonics Corp...
MTE110P10KQ8 CYSTEKEC-MTE110P10KQ8 Datasheet
438Kb / 9P
   P-Channel Enhancement Mode Power MOSFET
MTE115P10J3 CYSTEKEC-MTE115P10J3 Datasheet
435Kb / 9P
   P-Channel Enhancement Mode Power MOSFET
MTE115P10KJ3 CYSTEKEC-MTE115P10KJ3 Datasheet
436Kb / 9P
   P-Channel Enhancement Mode Power MOSFET
MTE115P10KQ8 CYSTEKEC-MTE115P10KQ8 Datasheet
711Kb / 9P
   P-Channel Enhancement Mode Power MOSFET
More results

Similar Description - MTE1122ISO

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
EM10DIN ETC2-EM10DIN Datasheet
134Kb / 4P
   Energy Management Energy Meter
EM11DIN ETC2-EM11DIN Datasheet
207Kb / 6P
   Energy Management Energy Analyzer
logo
EM Microelectronic - MA...
EM8500 EMMICRO-EM8500 Datasheet
1Mb / 34P
   POWER MANAGEMENT CONTROLLER WITH ENERGY HARVESTING INTERFACE
logo
WAGO Kontakttechnik Gmb...
750-8202-000-022 WAGO-750-8202-000-022 Datasheet
755Kb / 11P
   Controller PFC200; Application for energy data management
logo
Carlo Gavazzi Holding A...
ET340 CARLOGAVAZZI-ET340 Datasheet
278Kb / 8P
   Energy Management Energy Transducer Type ET340
EM340 CARLOGAVAZZI-EM340 Datasheet
619Kb / 10P
   Energy Management Energy Meter Type EM340
EM110 CARLOGAVAZZI-EM110 Datasheet
341Kb / 6P
   Energy Management Energy Meter Type EM110
EM111 CARLOGAVAZZI-EM111 Datasheet
437Kb / 12P
   Energy Management Energy Analyzer Type EM111
logo
Advantech Co., Ltd.
SRP-IFS250-H82F01A ADVANTECH-SRP-IFS250-H82F01A Datasheet
1Mb / 3P
   Factory Energy Management Solution
13-Jul-2020
logo
Monolithic Power System...
MP5507E MPS-MP5507E Datasheet
1Mb / 18P
   7V, 3A, High-Efficiency, Energy Management IC for Power Backup
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com