Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MCP3208-BISL Datasheet(PDF) 9 Page - Microchip Technology

Part # MCP3208-BISL
Description  2.7V 4-Channel/8-Channel 12-Bit A/D Converters with SPI Serial Interface
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP3208-BISL Datasheet(HTML) 9 Page - Microchip Technology

Back Button MCP3208-BISL Datasheet HTML 5Page - Microchip Technology MCP3208-BISL Datasheet HTML 6Page - Microchip Technology MCP3208-BISL Datasheet HTML 7Page - Microchip Technology MCP3208-BISL Datasheet HTML 8Page - Microchip Technology MCP3208-BISL Datasheet HTML 9Page - Microchip Technology MCP3208-BISL Datasheet HTML 10Page - Microchip Technology MCP3208-BISL Datasheet HTML 11Page - Microchip Technology MCP3208-BISL Datasheet HTML 12Page - Microchip Technology MCP3208-BISL Datasheet HTML 13Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 20 page
background image
© 1999 Microchip Technology Inc.
Preliminary
DS21298B-page 9
MCP3204/3208
Note: Unless otherwise indicated, V
DD = VREF = 5V, VSS = 0V, fSAMPLE = 100ksps, fCLK = 20* fSAMPLE,TA = 25°C
FIGURE 2-25: Effective Number of Bits (ENOB) vs.
V
REF
.
FIGURE 2-26: Spurious
Free
Dynamic
Range
(SFDR) vs. Input Frequency.
FIGURE 2-27: Frequency Spectrum of 10kHz input
(Representative Part).
FIGURE 2-28: Effective Number of Bits (ENOB) vs.
Input Frequency.
FIGURE 2-29: Power Supply Rejection (PSR) vs.
Ripple Frequency.
FIGURE 2-30: Frequency Spectrum of 1kHz input
(Representative Part, V
DD = 2.7V).
9.00
9.25
9.50
9.75
10.00
10.25
10.50
10.75
11.00
11.25
11.50
11.75
12.00
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
VREF (V)
V
DD = VREF = 2.7V
F
SAMPLE = 50ksps
V
DD = VREF = 5V
F
SAMPLE =100ksps
0
10
20
30
40
50
60
70
80
90
100
1
10
100
Input Frequency (kHz)
V
DD = VREF = 5V
F
SAMPLE = 100ksps
V
DD = VREF = 2.7V
F
SAMPLE = 50ksps
-130
-120
-110
-100
-90
-80
-70
-60
-50
-40
-30
-20
-10
0
0
10000
20000
30000
40000
50000
Frequency (Hz)
V
DD = VREF = 5V
F
SAMPLE = 100ksps
F
INPUT = 9.985kHz
4096 points
8.0
8.5
9.0
9.5
10.0
10.5
11.0
11.5
12.0
110
100
Input Frequency (kHz)
V
DD = VREF = 2.7V
F
SAMPLE = 50ksps
V
DD = VREF = 5V
F
SAMPLE = 100ksps
-80
-70
-60
-50
-40
-30
-20
-10
0
1
10
100
1000
10000
Ripple Frequency (kHz)
-130
-120
-110
-100
-90
-80
-70
-60
-50
-40
-30
-20
-10
0
0
5000
10000
15000
20000
25000
Frequency (Hz)
V
DD = VREF = 2.7V
F
SAMPLE = 50ksps
F
INPUT = 998.76Hz
4096 points


Similar Part No. - MCP3208-BISL

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
MCP3208-BI/P MICROCHIP-MCP3208-BI/P Datasheet
616Kb / 34P
   2.7V 4-Channel/8-Channel 12-Bit A/D Converters with SPI??Serial Interface
2007
MCP3208-BI/P MICROCHIP-MCP3208-BI/P Datasheet
753Kb / 40P
   2.7V 4-Channel/8-Channel 12-Bit A/D Converters with SPI Serial Interface
2008
MCP3208-BI/SL MICROCHIP-MCP3208-BI/SL Datasheet
616Kb / 34P
   2.7V 4-Channel/8-Channel 12-Bit A/D Converters with SPI??Serial Interface
2007
MCP3208-BI/SL MICROCHIP-MCP3208-BI/SL Datasheet
753Kb / 40P
   2.7V 4-Channel/8-Channel 12-Bit A/D Converters with SPI Serial Interface
2008
MCP3208-BI/ST MICROCHIP-MCP3208-BI/ST Datasheet
616Kb / 34P
   2.7V 4-Channel/8-Channel 12-Bit A/D Converters with SPI??Serial Interface
2007
More results

Similar Description - MCP3208-BISL

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
MCP3204 MICROCHIP-MCP3204_07 Datasheet
616Kb / 34P
   2.7V 4-Channel/8-Channel 12-Bit A/D Converters with SPI??Serial Interface
2007
MCP3204 MICROCHIP-MCP3204_08 Datasheet
753Kb / 40P
   2.7V 4-Channel/8-Channel 12-Bit A/D Converters with SPI Serial Interface
2008
MCP3004 MICROCHIP-MCP3004_07 Datasheet
596Kb / 34P
   2.7V 4-Channel/8-Channel 10-Bit A/D Converters with SPI??Serial Interface
2007
MCP3004 MICROCHIP-MCP3004_08 Datasheet
777Kb / 40P
   2.7V 4-Channel/8-Channel 10-Bit A/D Converters with SPI Serial Interface
2008
MCP3202 MICROCHIP-MCP3202 Datasheet
386Kb / 20P
   2.7V Dual Channel 12-Bit A/D Converter with SPI Serial Interface
1999
MCP3202 MICROCHIP-MCP3202_08 Datasheet
606Kb / 32P
   2.7V Dual Channel 12-Bit A/D Converter with SPI Serial Interface
2008
MCP3202 MICROCHIP-MCP3202_06 Datasheet
523Kb / 28P
   2.7V Dual Channel 12-Bit A/D Converter with SPI Serial Interface
2006
MCP3201 MICROCHIP-MCP3201_07 Datasheet
489Kb / 28P
   2.7V 12-Bit A/D Converter with SPI Serial Interface
2007
MCP3201 MICROCHIP-MCP3201_08 Datasheet
713Kb / 36P
   2.7V 12-Bit A/D Converter with SPI Serial Interface
2008
MCP3201 MICROCHIP-MCP3201 Datasheet
377Kb / 20P
   2.7V 12-Bit A/D Converter with SPI Serial Interface
1999
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com