Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

0622018960 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part # 0622018960
Description  Impel Daughtercard Press-In Tool
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX11 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX11 - Molex Electronics Ltd.

0622018960 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  0622018960 Datasheet HTML 1Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
This document was generated on 10/13/2015
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
0622018960
Status:
Active
Description:
Impel Daughtercard Press-In Tool
Documents:
RoHS Certificate of Compliance (PDF)
General
Product Family
Application Tooling
Series
T9999
Comments
See Tooling Specification (PDF) Above
Function
Insertion
Geographic Area
Global
Level of Automation
Manual
More Detailed Tech Information
applicationtooling@molex.com
Product Name
Impel™
Survey
www.molex.com//review/apptool_survey.html
Tool Type
Handtool
UPC
887191324500
Material Info
Reference - Drawing Numbers
Application Tooling Documents
ATS-622018960
Series image - Reference only
EU ELV
Not Reviewed
EU RoHS
China RoHS
Not Reviewed
REACH SVHC
Not Reviewed
Halogen-Free
Status
Not Reviewed
Need more information on product
environmental compliance?
Email productcompliance@molex.com
Please visit the Contact Us section for any
non-product compliance questions.
China ROHS
Not Reviewed
ELV
Not Reviewed
Search Parts in this Series
T9999 Series
Use With
171400 Impel 1.9mm Pitch DaughterCard
Module Assembly (6-Pair by 8 Column
Assemblies)
This document was generated on 10/13/2015
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


Similar Part No. - 0622018960

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0622018960 MOLEX11-0622018960 Datasheet
56Kb / 2P
   Impel 92 Ohm, 6 Pair Right-Angle Daughtercard, 1.90mm Pitch, Unguided
0622018960 MOLEX1-0622018960 Datasheet
56Kb / 2P
   Impel 92 Ohm, 6 Pair Right-Angle Daughtercard, 1.90mm Pitch, Unguided
More results

Similar Description - 0622018960

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
62201-8964 MOLEX11-62201-8964 Datasheet
27Kb / 1P
   Impel Daughtercard Press-In Tool
0622018966 MOLEX11-0622018966 Datasheet
28Kb / 1P
   Impel Daughtercard Press-In Tool
62201-8995 MOLEX11-62201-8995 Datasheet
35Kb / 1P
   Impel Daughtercard Press-In Tool
62201-8991 MOLEX11-62201-8991 Datasheet
35Kb / 1P
   Impel Daughtercard Press-In Tool
62201-8962 MOLEX11-62201-8962 Datasheet
47Kb / 1P
   Impel Daughtercard Press-In Tool
0622018987 MOLEX11-0622018987 Datasheet
23Kb / 1P
   Impel Daughtercard Press-In Tool
62201-8999 MOLEX11-62201-8999 Datasheet
36Kb / 1P
   Impel Daughtercard Press-In Tool
62201-8980 MOLEX-62201-8980 Datasheet
222Kb / 3P
   Impel Daughtercard Press-In Tool
01-02-14
62201-8980 MOLEX11-62201-8980 Datasheet
36Kb / 1P
   Impel Daughtercard Module Installation Press-In Tool
0622018969 MOLEX11-0622018969 Datasheet
30Kb / 1P
   Impel Daughtercard Module Installation Press-In Tool
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com