Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

28C64AT-25IP Datasheet(PDF) 5 Page - Microchip Technology

Part # 28C64AT-25IP
Description  64K (8K x 8) CMOS EEPROM
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

28C64AT-25IP Datasheet(HTML) 5 Page - Microchip Technology

  28C64AT-25IP Datasheet HTML 1Page - Microchip Technology 28C64AT-25IP Datasheet HTML 2Page - Microchip Technology 28C64AT-25IP Datasheet HTML 3Page - Microchip Technology 28C64AT-25IP Datasheet HTML 4Page - Microchip Technology 28C64AT-25IP Datasheet HTML 5Page - Microchip Technology 28C64AT-25IP Datasheet HTML 6Page - Microchip Technology 28C64AT-25IP Datasheet HTML 7Page - Microchip Technology 28C64AT-25IP Datasheet HTML 8Page - Microchip Technology  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
© 1996 Microchip Technology Inc.
DS11109H-page 5
28C64A
FIGURE 1-3:
DATA POLLING WAVEFORMS
FIGURE 1-4:
CHIP CLEAR WAVEFORMS
TABLE 1-5:
SUPPLEMENTARY CONTROL
Mode
CE
OE
WE
A9
VCC
I/OI
Chip Clear
VIL
VIH
VIL
XVCC
Extra Row Read
VIL
VIL
VIH
A9 = VH
VCC
Data Out
Extra Row Write
*
VIH
*
A9 = VH
VCC
Data In
Note:
VH = 12.0V
±0.5V.
*Pulsed per programming waveforms.
Address Valid
Last Written
Address Valid
t ACC
t CE
t WPL
t WPH
t DV
t WC
t OE
True Data Out
Data In
Valid
VIH
VIL
Data
OE
WE
CE
Address
I/O7 Out
VIH
VIL
VIH
VIL
VIH
VIL
VIH
VIL
VH
VIH
CE
OE
WE
tS
tH
tW
tS =
= 1
µs
tH
= 10ms
tW
VIH
VIL
VIH
VIL
= 12.0V
±0.5V
VH


Similar Part No. - 28C64AT-25IP

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
28C64AT-25I/L MICROCHIP-28C64AT-25I/L Datasheet
131Kb / 10P
   64K (8K x 8) CMOS EEPROM
2004
28C64AT-25I/P MICROCHIP-28C64AT-25I/P Datasheet
131Kb / 10P
   64K (8K x 8) CMOS EEPROM
2004
28C64AT-25I/SO MICROCHIP-28C64AT-25I/SO Datasheet
131Kb / 10P
   64K (8K x 8) CMOS EEPROM
2004
More results

Similar Description - 28C64AT-25IP

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
28C64A MICROCHIP-28C64A_04 Datasheet
131Kb / 10P
   64K (8K x 8) CMOS EEPROM
2004
28LV64A MICROCHIP-28LV64A_04 Datasheet
131Kb / 10P
   64K (8K x 8) Low Voltage CMOS EEPROM
2004
28LV64A MICROCHIP-28LV64A Datasheet
53Kb / 8P
   64K (8K x 8) Low Voltage CMOS EEPROM
1996
27C64 MICROCHIP-27C64 Datasheet
126Kb / 10P
   64K (8K x 8) CMOS EPROM
2004
logo
ATMEL Corporation
AT28C64 ATMEL-AT28C64 Datasheet
324Kb / 11P
   64K (8K x 8) CMOS E2PROM
logo
Sharp Corporation
LH5164A SHARP-LH5164A Datasheet
105Kb / 11P
   CMOS 64K (8K x 8) Static RAM
LH5164AV SHARP-LH5164AV Datasheet
84Kb / 11P
   CMOS 64K (8K x 8) Static RAM
LH5164AZ8 SHARP-LH5164AZ8 Datasheet
66Kb / 9P
   CMOS 64K (8K x 8) Static RAM
logo
Renesas Technology Corp
X4643 RENESAS-X4643 Datasheet
820Kb / 21P
   64K, 8K x 8 Bit CPU Supervisor with 64K EEPROM
March 29, 2005
logo
Sharp Corporation
LH5164A SHARP-LH5164A Datasheet
105Kb / 11P
   CMOS 64K (8K x 8) Static RAM
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com