Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM137QML Datasheet(PDF) 4 Page - Texas Instruments

Part # LM137QML
Description  LM137QML 3-Terminal Adjustable Negative Regulators
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM137QML Datasheet(HTML) 4 Page - Texas Instruments

  LM137QML_15 Datasheet HTML 1Page - Texas Instruments LM137QML_15 Datasheet HTML 2Page - Texas Instruments LM137QML_15 Datasheet HTML 3Page - Texas Instruments LM137QML_15 Datasheet HTML 4Page - Texas Instruments LM137QML_15 Datasheet HTML 5Page - Texas Instruments LM137QML_15 Datasheet HTML 6Page - Texas Instruments LM137QML_15 Datasheet HTML 7Page - Texas Instruments LM137QML_15 Datasheet HTML 8Page - Texas Instruments LM137QML_15 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 22 page
background image
LM137QML
SNVS313D – DECEMBER 2010 – REVISED FEBRUARY 2015
www.ti.com
6 Specifications
6.1 Absolute Maximum Ratings
(1)
UNIT
Power Dissipation(2)
Internally Limited
Input-Output Voltage Differential
40
V
Operating Ambient Temperature
−55 ≤ TA ≤ +125
°C
Operating Junction Temperature
−55 ≤ TJ ≤ +150
°C
Storage Temperature
−65 ≤ TA ≤ +150
°C
Maximum Junction Temperature
150
°C
Lead Temperature (Soldering, 10 sec.)
300
°C
Maximum Power Dissipation
T0–3
28
W
(@25°C)
T0–39
2.5
W
Package Weight (typical)
T0–3
12,750
mg
T0–39 Metal Can
955
mg
(1)
Absolute Maximum Ratings indicate limits beyond which damage to the device may occur. Operating Ratings indicate conditions for
which the device is functional, but do not guarantee specific performance limits. For ensured specifications and test conditions, see the
Electrical Characteristics. The ensured specifications apply only for the test conditions listed. Some performance characteristics may
degrade when the device is not operated under the listed test conditions.
(2)
The maximum power dissipation must be derated at elevated temperatures and is dictated by TJmax (maximum junction temperature),
RθJA (package junction to ambient thermal resistance), and TA (ambient temperature). The maximum allowable power dissipation at any
temperature is PDmax = (TJmax - TA)/RθJA or the number given in the Absolute Maximum Ratings, whichever is lower.
6.2 ESD Ratings
VALUE
UNIT
V(ESD)
Electrostatic discharge
Human-body model (HBM), per ANSI/ESDA/JEDEC JS-001(1)
±4000
V
(1)
JEDEC document JEP155 states that 500-V HBM allows safe manufacturing with a standard ESD control process. Manufacturing with
less than 500-V HBM is possible with the necessary precautions. Pins listed as ±4000 V may actually have higher performance. Human
body model, 100 pF discharged through 1.5 K
Ω.
6.3 Recommended Operating Conditions
MIN
MAX
UNIT
TA
−55 ≤ TA ≤ +125
°C
Input Voltage
−41.25
−4.25
V
6.4 Thermal Information
TO-3 METAL CAN
TO-39 METAL CAN
THERMAL METRIC(1)
UNIT
2 PINS
3 PINS
RθJA
40 (Still Air)
174 (Still Air @ 0.5W)
Junction-to-ambient thermal resistance
14 (500 LFM)
64 (500 LFM @ 0.5W)
°C/W
RθJC
Junction-to-case thermal resistance
4
15 (@ 1.0W)
(1)
For more information about traditional and new thermal metrics, see the IC Package Thermal Metrics application report, SPRA953.
4
Submit Documentation Feedback
Copyright © 2010–2015, Texas Instruments Incorporated
Product Folder Links: LM137QML


Similar Part No. - LM137QML_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM137QML TI1-LM137QML_16 Datasheet
833Kb / 22P
[Old version datasheet]   3-Terminal Adjustable Negative Regulators
LM137QML TI1-LM137QML_17 Datasheet
842Kb / 22P
[Old version datasheet]   3-Terminal Adjustable Negative Regulators
More results

Similar Description - LM137QML_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM137QML TI1-LM137QML Datasheet
312Kb / 17P
[Old version datasheet]   3-Terminal Adjustable Negative Regulators
LM137QML TI1-LM137QML_17 Datasheet
842Kb / 22P
[Old version datasheet]   3-Terminal Adjustable Negative Regulators
LM337-N-MIL TI1-LM337-N-MIL Datasheet
1Mb / 20P
[Old version datasheet]   3-Terminal Adjustable Negative Regulators
LM337IMP-NOPB TI1-LM337IMP-NOPB Datasheet
2Mb / 22P
[Old version datasheet]   3-Terminal Adjustable Negative Regulators
logo
National Semiconductor ...
LM137 NSC-LM137 Datasheet
836Kb / 12P
   3-Terminal Adjustable Negative Regulators
logo
Texas Instruments
LM137QML TI1-LM137QML_16 Datasheet
833Kb / 22P
[Old version datasheet]   3-Terminal Adjustable Negative Regulators
LM137 TI1-LM137_16 Datasheet
2Mb / 28P
[Old version datasheet]   3-Terminal Adjustable Negative Regulators
LM137JAN TI1-LM137JAN_13 Datasheet
791Kb / 18P
[Old version datasheet]   3-Terminal Adjustable Negative Regulators
LM137JAN TI1-LM137JAN Datasheet
349Kb / 18P
[Old version datasheet]   LM137JAN 3-Terminal Adjustable Negative Regulators
logo
National Semiconductor ...
LM137HV NSC-LM137HV Datasheet
340Kb / 10P
   3-Terminal Adjustable Negative Regulators (High Voltage)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com