Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

28C64A-15TS Datasheet(PDF) 7 Page - Microchip Technology

Part # 28C64A-15TS
Description  64K (8K x 8) CMOS EEPROM
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

28C64A-15TS Datasheet(HTML) 7 Page - Microchip Technology

  28C64A-15TS Datasheet HTML 1Page - Microchip Technology 28C64A-15TS Datasheet HTML 2Page - Microchip Technology 28C64A-15TS Datasheet HTML 3Page - Microchip Technology 28C64A-15TS Datasheet HTML 4Page - Microchip Technology 28C64A-15TS Datasheet HTML 5Page - Microchip Technology 28C64A-15TS Datasheet HTML 6Page - Microchip Technology 28C64A-15TS Datasheet HTML 7Page - Microchip Technology 28C64A-15TS Datasheet HTML 8Page - Microchip Technology  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
28C64A
© 1996 Microchip Technology Inc.
DS11109H-page 7
28C64A Product Identification System
To order or to obtain information, e.g., on pricing or delivery, please use the listed part numbers, and refer to the factory or the listed
sales offices.
Package:
L = Plastic Leaded Chip Carrier (PLCC)
P = Plastic DIP (600 mil)
SO = Plastic Small Outline IC (600 mil)
TS = Thin Small Outline Package (TSOP) 8x20mm
VS = Very Small Outline Package (VSOP) 8x13.4mm
Temperature
Blank = 0
°C to +70°C
Range:
I = -40
°C to +85°C
Access Time:
15
150 ns
20
200 ns
25
250 ns
Shipping:
Blank
Tube
T
Tape and Reel “L” and “SO”
Option:
Blank = twc = 1ms
F = twc = 200
µs
Device:
28C64A
8K x 8 CMOS EEPROM
28C64A
FT–15I/P


Similar Part No. - 28C64A-15TS

ManufacturerPart #DatasheetDescription
logo
Catalyst Semiconductor
28C64A-15 CATALYST-28C64A-15 Datasheet
238Kb / 8P
   64K - BIT CMOS E2PROM
logo
Microchip Technology
28C64A-15/L MICROCHIP-28C64A-15/L Datasheet
131Kb / 10P
   64K (8K x 8) CMOS EEPROM
2004
28C64A-15/P MICROCHIP-28C64A-15/P Datasheet
131Kb / 10P
   64K (8K x 8) CMOS EEPROM
2004
28C64A-15/SO MICROCHIP-28C64A-15/SO Datasheet
131Kb / 10P
   64K (8K x 8) CMOS EEPROM
2004
28C64A-15I/L MICROCHIP-28C64A-15I/L Datasheet
131Kb / 10P
   64K (8K x 8) CMOS EEPROM
2004
More results

Similar Description - 28C64A-15TS

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
28C64A MICROCHIP-28C64A_04 Datasheet
131Kb / 10P
   64K (8K x 8) CMOS EEPROM
2004
28LV64A MICROCHIP-28LV64A_04 Datasheet
131Kb / 10P
   64K (8K x 8) Low Voltage CMOS EEPROM
2004
28LV64A MICROCHIP-28LV64A Datasheet
53Kb / 8P
   64K (8K x 8) Low Voltage CMOS EEPROM
1996
27C64 MICROCHIP-27C64 Datasheet
126Kb / 10P
   64K (8K x 8) CMOS EPROM
2004
logo
ATMEL Corporation
AT28C64 ATMEL-AT28C64 Datasheet
324Kb / 11P
   64K (8K x 8) CMOS E2PROM
logo
Sharp Corporation
LH5164A SHARP-LH5164A Datasheet
105Kb / 11P
   CMOS 64K (8K x 8) Static RAM
LH5164AV SHARP-LH5164AV Datasheet
84Kb / 11P
   CMOS 64K (8K x 8) Static RAM
LH5164AZ8 SHARP-LH5164AZ8 Datasheet
66Kb / 9P
   CMOS 64K (8K x 8) Static RAM
logo
Renesas Technology Corp
X4643 RENESAS-X4643 Datasheet
820Kb / 21P
   64K, 8K x 8 Bit CPU Supervisor with 64K EEPROM
March 29, 2005
logo
Sharp Corporation
LH5164A SHARP-LH5164A Datasheet
105Kb / 11P
   CMOS 64K (8K x 8) Static RAM
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com