Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM2984C Datasheet(PDF) 5 Page - Texas Instruments

Part # LM2984C
Description  LM2984C Microprocessor Power Supply System
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM2984C Datasheet(HTML) 5 Page - Texas Instruments

  LM2984C_15 Datasheet HTML 1Page - Texas Instruments LM2984C_15 Datasheet HTML 2Page - Texas Instruments LM2984C_15 Datasheet HTML 3Page - Texas Instruments LM2984C_15 Datasheet HTML 4Page - Texas Instruments LM2984C_15 Datasheet HTML 5Page - Texas Instruments LM2984C_15 Datasheet HTML 6Page - Texas Instruments LM2984C_15 Datasheet HTML 7Page - Texas Instruments LM2984C_15 Datasheet HTML 8Page - Texas Instruments LM2984C_15 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
Electrical Characteristics (Continued)
VIN e 14V Istby e 1 mA Cstby e 10 mF Tj e 25 C (Note 6) unless otherwise indicated
Tested
Design
Parameter
Conditions
Typical
Limit
Limit
Units
(Note 2)
(Note 3)
Vstandby (Continued)
Output Noise Voltage
10 Hz – 100 kHz Istby e 1 mA
100
m
V
Long Term Stability
20
mV1000 hr
Ripple Rejection
fo e 120 Hz
70
60
dBmin
Dropout Voltage
Istby e 1 mA
026
050
050
Vmax
Dropout Voltage
Istby e 75 mA
038
060
070
Vmax
Current Limit
15
12
mAmin
Maximum Operational
45V s Vstby s 6V
45
35
35
Vmin
Input Voltage
Rstby e 1000X
Maximum Line
Vstby s 6V
45
35
35
Vmin
Transient
Rstby e 1000X
Reverse Polarity
Vstby t b06V
b
30
b
15
b
15
Vmin
Input Voltage DC
Rstby e 1000X
Reverse Polarity Input
T s 100 ms Rstby e 1000X
b
55
b
35
b
35
Vmin
Voltage Transient
Electrical Characteristics
VIN e 14V Tj e 25 C (Note 6) COUT e 10 mF Cbuf e 10 mF Cstby e 10 mF unless otherwise specified
Tested
Design
Parameter
Conditions
Typical
Limit
Limit
Units
(Note 2)
(Note 3)
Tracking and Isolation
Tracking
IOUT s 500 mA Ibuf e 5 mA
g
30
g
100
mVmax
VOUT–Vstby
Istby s 75 mA
Tracking
IOUT e 5 mA Ibuf s 100 mA
g
30
g
100
mVmax
Vbuf–Vstby
Istby s 75 mA
Tracking
IOUT s 500 mA Ibuf s 100 mA
g
30
g
100
mVmax
VOUT–Vbuf
Istby e 1mA
Isolation
ROUT e 1X Ibuf s 100 mA
500
450
Vmin
Vbuf from VOUT
550
Vmax
Isolation
ROUT e 1X Istby s 75 mA
500
450
Vmin
Vstby from VOUT
550
Vmax
Isolation
Rbuf e 1X IOUT s 500 mA
500
450
Vmin
VOUT from Vbuf
550
Vmax
Isolation
Rbuf e 1X Istby s 75 mA
500
450
Vmin
Vstby from Vbuf
550
Vmax
Isolation refers to the ability of the specified output to remain within the tested limits when the other output is shorted to ground
4


Similar Part No. - LM2984C_15

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM2984CT NSC-LM2984CT Datasheet
284Kb / 14P
   LM2984C Microprocessor Power Supply System
More results

Similar Description - LM2984C_15

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM2984C NSC-LM2984C Datasheet
284Kb / 14P
   LM2984C Microprocessor Power Supply System
LM2984 NSC-LM2984 Datasheet
398Kb / 16P
   Microprocessor Power Supply System
logo
Sanyo Semicon Device
LA5616 SANYO-LA5616 Datasheet
92Kb / 5P
   Microprocessor-Controlled Audio Power Supply
logo
Motorola, Inc
TCA5600 MOTOROLA-TCA5600 Datasheet
206Kb / 12P
   UNIVERSAL MICROPROCESSOR POWER SUPPLY/CONTROLLERS
logo
High Voltage Power Solu...
SPL-I-AC-30N50 HVPSI-SPL-I-AC-30N50 Datasheet
352Kb / 2P
   Microprocessor-Controlled Industrial Power Supply
logo
Toshiba Semiconductor
TLP651 TOSHIBA-TLP651_07 Datasheet
477Kb / 7P
   Microprocessor System Interfaces
TLP558 TOSHIBA-TLP558_07 Datasheet
218Kb / 7P
   Microprocessor System Interfaces
TLP719 TOSHIBA-TLP719_07 Datasheet
205Kb / 7P
   Microprocessor system interfaces
logo
Texas Instruments
UCC3830- TI-UCC3830- Datasheet
419Kb / 10P
[Old version datasheet]   5-Bit Microprocessor Power Supply Controller
logo
ON Semiconductor
CAT811 ONSEMI-CAT811_15 Datasheet
78Kb / 9P
   4-Pin Microprocessor Power Supply Supervisor
July, 2015 ??Rev. 3
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com