Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM2990 Datasheet(PDF) 5 Page - Texas Instruments

Part # LM2990
Description  LM2990 Negative Low-Dropout Regulator
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM2990 Datasheet(HTML) 5 Page - Texas Instruments

  LM2990_15 Datasheet HTML 1Page - Texas Instruments LM2990_15 Datasheet HTML 2Page - Texas Instruments LM2990_15 Datasheet HTML 3Page - Texas Instruments LM2990_15 Datasheet HTML 4Page - Texas Instruments LM2990_15 Datasheet HTML 5Page - Texas Instruments LM2990_15 Datasheet HTML 6Page - Texas Instruments LM2990_15 Datasheet HTML 7Page - Texas Instruments LM2990_15 Datasheet HTML 8Page - Texas Instruments LM2990_15 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 24 page
background image
LM2990
www.ti.com
SNVS093G – JUNE 1999 – REVISED MAY 2015
6.5 Electrical Characteristics: –5 V and –5.2 V
VIN = −5 V + VOUT(NOM)
(1), I
OUT = 1 A, COUT = 47 μF, unless otherwise specified. All limits apply for TJ = 25°C, unless otherwise
indicated in the Test Conditions.
LM2990 –5V
LM2990 –5.2V
PARAMETER
TEST CONDITIONS
UNIT
MIN(2)
TYP(3)
MAX(2)
MIN(2)
TYP(3)
MAX(2)
5 mA
≤ IOUT ≤ 1 A
−5.1
–5
–4.9
−5.3
–5.2
–5.1
V
Output voltage
5 mA
≤ IOUT ≤ 1 A
(VOUT)
–5.25
–5
−4.75
–5.46
–5.2
–4.94
V
−40°C ≤ TJ ≤ 125°C
IOUT = 5 mA,
Line regulation
4
40
4
40
mV
VO(NOM) −1 V > VIN > −26 V
Load regulation
50 mA
≤ IOUT ≤ 1 A
1
40
1
40
mV
IOUT = 0.1 A, ΔVOUT ≤ 100 mV
0.1
0.3
0.1
0.3
V
−40°C ≤ TJ ≤ 125°C
Dropout voltage
IOUT = 1 A, ΔVOUT ≤ 100 mV
0.6
1
0.6
1
V
−40°C ≤ TJ ≤ 125°C
IOUT ≤ 1 A
1
5
1
5
Quiescent
mA
current (Iq)
IOUT = 1 A, VIN = VOUT(NOM)
9
50
9
50
Short circuit
RL = 1 Ω
(4)
1.5
1.8
1.5
1.8
A
current
Maximum output
See(4)
1.5
1.8
1.5
1.8
A
current
Ripple rejection
Vripple = 1 Vrms,
50
58
50
58
dB(min)
ƒripple = 1 kHz, IOUT = 5 mA
Output noise
10 Hz to 100 kHz, IOUT = 5 mA
μV(max)
250
750
250
750
voltage
Long-term
1000 Hours
ppm
2000
2000
stability
(1)
VOUT(NOM) is the nominal (typical) regulator output voltage, −5 V, −5.2 V, −12 V or −15 V.
(2)
Limits are specified and 100% production tested.
(3)
Typicals are at TJ = 25°C and represent the most likely parametric norm.
(4)
The short circuit current is less than the maximum output current with the
−12 V and −15 V versions due to internal foldback current
limiting. The
−5 V and −5.2 V versions, tested with a lower input voltage, does not reach the foldback current limit and therefore
conducts a higher short circuit current level. If the LM2990 output is pulled above ground, the maximum allowed current sunk back into
the LM2990 is 1.5 A.
Copyright © 1999–2015, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Links: LM2990


Similar Part No. - LM2990_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM2990-5.0MD8 TI1-LM2990-5.0MD8 Datasheet
456Kb / 12P
[Old version datasheet]   LM2990QML Negative Low Dropout Regulator
LM2990-5.0MW8 TI1-LM2990-5.0MW8 Datasheet
456Kb / 12P
[Old version datasheet]   LM2990QML Negative Low Dropout Regulator
logo
National Semiconductor ...
LM2990J-12-QML NSC-LM2990J-12-QML Datasheet
421Kb / 12P
   Negative Low Dropout Regulator
LM2990J-15-QML NSC-LM2990J-15-QML Datasheet
421Kb / 12P
   Negative Low Dropout Regulator
LM2990J-5.0-QML NSC-LM2990J-5.0-QML Datasheet
421Kb / 12P
   Negative Low Dropout Regulator
More results

Similar Description - LM2990_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM2990S-5 TI-LM2990S-5 Datasheet
1Mb / 20P
[Old version datasheet]   LM2990 Negative Low Dropout Regulator
LM2990T-15 TI1-LM2990T-15 Datasheet
1Mb / 20P
[Old version datasheet]   LM2990 Negative Low Dropout Regulator
LM2990SX-12 TI-LM2990SX-12 Datasheet
1Mb / 20P
[Old version datasheet]   LM2990 Negative Low Dropout Regulator
LM2990S-5 TI1-LM2990S-5 Datasheet
1Mb / 20P
[Old version datasheet]   LM2990 Negative Low Dropout Regulator
logo
National Semiconductor ...
LM2990 NSC-LM2990 Datasheet
421Kb / 12P
   Negative Low Dropout Regulator
LM2991 NSC-LM2991_00 Datasheet
349Kb / 12P
   Negative Low Dropout Adjustable Regulator
logo
Texas Instruments
LM2991QML TI1-LM2991QML Datasheet
414Kb / 15P
[Old version datasheet]   Negative Low Dropout Adjustable Regulator
logo
Micrel Semiconductor
MIIC5271 MICREL-MIIC5271 Datasheet
117Kb / 10P
   UCAP NEGATIVE LOW DROPOUT REGULATOR
logo
Texas Instruments
LM2991 TI1-LM2991 Datasheet
1Mb / 19P
[Old version datasheet]   Negative Low Dropout Adjustable Regulator
logo
National Semiconductor ...
LM2991QML NSC-LM2991QML Datasheet
688Kb / 13P
   Negative Low Dropout Adjustable Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com