Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM9036Q Datasheet(PDF) 5 Page - Texas Instruments

Part # LM9036Q
Description  Ultra-Low Quiescent Current Voltage Regulator
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM9036Q Datasheet(HTML) 5 Page - Texas Instruments

  LM9036Q_15 Datasheet HTML 1Page - Texas Instruments LM9036Q_15 Datasheet HTML 2Page - Texas Instruments LM9036Q_15 Datasheet HTML 3Page - Texas Instruments LM9036Q_15 Datasheet HTML 4Page - Texas Instruments LM9036Q_15 Datasheet HTML 5Page - Texas Instruments LM9036Q_15 Datasheet HTML 6Page - Texas Instruments LM9036Q_15 Datasheet HTML 7Page - Texas Instruments LM9036Q_15 Datasheet HTML 8Page - Texas Instruments LM9036Q_15 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
LM9036Q
www.ti.com
SNVS685B – NOVEMBER 2010 – REVISED MARCH 2013
APPLICATIONS INFORMATION
Unlike other PNP low dropout regulators, the LM9036Q remains fully operational to 40V. Owing to power
dissipation characteristics of the package, full output current cannot be ensured for all combinations of ambient
temperature and input voltage.
The junction to ambient thermal resistance
θJA rating has two distinct components: the junction to case thermal
resistance rating
θJC; and the case to ambient thermal resistance rating θCA. The relationship is defined as: θJA =
θJC + θCA.
While the LM9036Q has an internally set thermal shutdown point of typically 150°C, this is intended as a safety
feature only. Continuous operation near the thermal shutdown temperature should be avoided as it may have a
negative affect on the life of the device.
The LM9036Q maintains regulation to 55V, it will not withstand a short circuit above 40V because of safe
operating area limitations in the internal PNP pass device. Above 55V the LM9036Q will break down with
catastrophic effects on the regulator and possibly the load as well. Do not use this device in a design where the
input operating voltage may exceed 40V, or where transients are likely to exceed 55V.
Copyright © 2010–2013, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Links: LM9036Q


Similar Part No. - LM9036Q_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM9036Q-Q1 TI-LM9036Q-Q1 Datasheet
817Kb / 13P
[Old version datasheet]   LM9036Q Ultra-Low Quiescent Current Voltage Regulator
LM9036QM-3.3 TI1-LM9036QM-3.3 Datasheet
261Kb / 10P
[Old version datasheet]   Ultra-Low Quiescent Current Voltage Regulator
LM9036QM-5.0 TI1-LM9036QM-5.0 Datasheet
261Kb / 10P
[Old version datasheet]   Ultra-Low Quiescent Current Voltage Regulator
LM9036QMM-3.3 TI1-LM9036QMM-3.3 Datasheet
261Kb / 10P
[Old version datasheet]   Ultra-Low Quiescent Current Voltage Regulator
LM9036QMM-5.0 TI1-LM9036QMM-5.0 Datasheet
261Kb / 10P
[Old version datasheet]   Ultra-Low Quiescent Current Voltage Regulator
More results

Similar Description - LM9036Q_15

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM9036 NSC-LM9036 Datasheet
167Kb / 7P
   Ultra-Low Quiescent Current Voltage Regulator
logo
Texas Instruments
LM9036 TI-LM9036_15 Datasheet
964Kb / 15P
[Old version datasheet]   Ultra-Low Quiescent Current Voltage Regulator
logo
National Semiconductor ...
LM9036 NSC-LM9036_08 Datasheet
224Kb / 10P
   Ultra-Low Quiescent Current Voltage Regulator
logo
Texas Instruments
LM9036Q TI1-LM9036Q Datasheet
261Kb / 10P
[Old version datasheet]   Ultra-Low Quiescent Current Voltage Regulator
logo
Infineon Technologies A...
TLS805B1SJV INFINEON-TLS805B1SJV_15 Datasheet
1Mb / 22P
   Ultra Low Quiescent Current Linear Voltage Regulator
Rev. 1.0, 2015-02-05
TLS810C1EJV33 INFINEON-TLS810C1EJV33_15 Datasheet
2Mb / 26P
   Ultra Low Quiescent Current Linear Voltage Regulator
Rev. 1.0, 2015-02-11
TLS805D1LDV50 INFINEON-TLS805D1LDV50 Datasheet
1Mb / 29P
   Ultra Low Quiescent Current Linear Voltage Regulator
Rev. 1.0, 2016-03-18
TLS805B1LDV INFINEON-TLS805B1LDV Datasheet
1Mb / 26P
   Ultra Low Quiescent Current Linear Voltage Regulator
Rev. 1.2, 2016-01-11
TLS805B1LDV50 INFINEON-TLS805B1LDV50 Datasheet
770Kb / 24P
   Ultra Low Quiescent Current Linear Voltage Regulator
Rev. 1.10, 2016-04-20
TLS810B1 INFINEON-TLS810B1 Datasheet
1Mb / 24P
   Ultra Low Quiescent Current Linear Voltage Regulator
Rev. 1.0, 2015-11-02
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com