Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM2936HVBMAX3.3 Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # LM2936HVBMAX3.3
Description  Ultra-Low Quiescent Current LDO Voltage Regulator
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM2936HVBMAX3.3 Datasheet(HTML) 4 Page - Texas Instruments

  LM2936HVBMAX3.3 Datasheet HTML 1Page - Texas Instruments LM2936HVBMAX3.3 Datasheet HTML 2Page - Texas Instruments LM2936HVBMAX3.3 Datasheet HTML 3Page - Texas Instruments LM2936HVBMAX3.3 Datasheet HTML 4Page - Texas Instruments LM2936HVBMAX3.3 Datasheet HTML 5Page - Texas Instruments LM2936HVBMAX3.3 Datasheet HTML 6Page - Texas Instruments LM2936HVBMAX3.3 Datasheet HTML 7Page - Texas Instruments LM2936HVBMAX3.3 Datasheet HTML 8Page - Texas Instruments LM2936HVBMAX3.3 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 34 page
background image
LM2936
SNOSC48O – JUNE 2000 – REVISED DECEMBER 2014
www.ti.com
6 Specifications
6.1 Absolute Maximum Ratings
(1) (2)
MIN
MAX
UNIT
Input voltage (survival)
−50
60
V
Power dissipation (3)
Internally limited
Junction temperature (TJMAX)
150
°C
Storage temperature, Tstg
−65
150
(1)
Absolute Maximum Ratings indicate limits beyond which damage to the device may occur. DC and AC electrical specifications do not
apply when operating the device beyond its specified operating ratings.
(2)
If Military/Aerospace specified devices are required, please contact the TI Sales Office/ Distributors for availability and specifications.
(3)
The maximum power dissipation is a function of TJ(MAX), RθJA, and TA. The maximum allowable power dissipation at any ambient
temperature is PD = (TJ(MAX) − TA) / RθJA. If this dissipation is exceeded, the die temperature can rise above the TJ(MAX) of 150°C, and
the LM2936 may go into thermal shutdown.
6.2 ESD Ratings
VALUE
UNIT
V(ESD)
Electrostatic discharge
Human-body model (HBM), per ANSI/ESDA/JEDEC JS-001(1)
±2000
V
(1)
JEDEC document JEP155 states that 500-V HBM allows safe manufacturing with a standard ESD control process. .
6.3 Recommended Operating Conditions
MIN
MAX
UNIT
Temperature, TJ
−40
125
°C
Input voltage, VIN , LM2936
5.5
40
V
Input voltage, VIN , LM2936HV only
5.5
60
V
Shutdown pin voltage, VSD, LM2936BM only
0
40
V
6.4 Thermal Information
LM2936
SOIC (D)
TO-252
VSSOP
SOT-223
TO-92 (LP)
THERMAL METRIC(1)
UNIT
(NDP)
(DGK)
(DCY)
8 PINS
3 PINS
8 PINS
4 PINS
3 PINS
RθJA
Junction-to-ambient thermal resistance
111.4
50.5
173.4
62.8
156.8
RθJC(top)
Junction-to-case (top) thermal resistance
56.3
52.6
65.9
44.2
80.4
RθJB
Junction-to-board thermal resistance
51.9
29.7
94.9
11.7
n/a
°C/W
ψJT
Junction-to-top characterization parameter
10.9
4.8
9.6
3.6
24.5
ψJB
Junction-to-board characterization parameter
51.4
29.3
93.3
11.6
136.0
RθJC(bot)
Junction-to-case (bottom) thermal resistance
n/a
1.6
n/a
n/a
n/a
(1)
For more information about traditional and new thermal metrics, see the IC Package Thermal Metrics application report, SPRA953.
4
Submit Documentation Feedback
Copyright © 2000–2014, Texas Instruments Incorporated
Product Folder Links: LM2936


Similar Part No. - LM2936HVBMAX3.3

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM2936HVBMAX3.3 NSC-LM2936HVBMAX3.3 Datasheet
853Kb / 15P
   Ultra-Low Quiescent Current LDO Voltage Regulator
logo
Texas Instruments
LM2936HVBMAX3.3 TI-LM2936HVBMAX3.3 Datasheet
1Mb / 28P
[Old version datasheet]   LM2936 Ultra-Low Quiescent Current LDO Voltage Regulator
LM2936HVBMAX3.3 TI-LM2936HVBMAX3.3 Datasheet
1Mb / 28P
[Old version datasheet]   LM2936 Ultra-Low Quiescent Current LDO Voltage Regulator
More results

Similar Description - LM2936HVBMAX3.3

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM2936 NSC-LM2936 Datasheet
853Kb / 15P
   Ultra-Low Quiescent Current LDO Voltage Regulator
logo
Texas Instruments
SM74501 TI1-SM74501 Datasheet
428Kb / 14P
[Old version datasheet]   Ultra-Low Quiescent Current LDO Voltage Regulator
LM2936Q TI1-LM2936Q Datasheet
420Kb / 17P
[Old version datasheet]   Ultra-Low Quiescent Current LDO Voltage Regulator
logo
Microchip Technology
MCP1710 MICROCHIP-MCP1710 Datasheet
959Kb / 24P
   Ultra Low Quiescent Current LDO Regulator
01/27/15
MCP1710 MICROCHIP-MCP1710_15 Datasheet
959Kb / 24P
   Ultra Low Quiescent Current LDO Regulator
01/27/15
logo
Rohm
BD7XXL2EFJ-C ROHM-BD7XXL2EFJ-C Datasheet
1Mb / 33P
   Ultra Low Quiescent Current LDO Regulator
19.Nov.2021 Rev.008
logo
Texas Instruments
LM2936Q-Q1 TI-LM2936Q-Q1 Datasheet
1Mb / 23P
[Old version datasheet]   LM2936Q Ultra-Low Quiescent Current LDO Voltage Regulator
LM2936MP-5.0 TI-LM2936MP-5.0 Datasheet
1Mb / 28P
[Old version datasheet]   LM2936 Ultra-Low Quiescent Current LDO Voltage Regulator
logo
Rohm
BD733L5FP-CE2 ROHM-BD733L5FP-CE2 Datasheet
614Kb / 21P
   Ultra Low Quiescent Current LDO Regulator
logo
Microchip Technology
MCP1710 MICROCHIP-MCP1710_12 Datasheet
1Mb / 26P
   Ultra-Low Quiescent Current LDO Regulator
2012 11/29/11
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com