Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LMS8117A Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # LMS8117A
Description  1A Low-Dropout Linear Regulator
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LMS8117A Datasheet(HTML) 9 Page - Texas Instruments

Back Button LMS8117A Datasheet HTML 5Page - Texas Instruments LMS8117A Datasheet HTML 6Page - Texas Instruments LMS8117A Datasheet HTML 7Page - Texas Instruments LMS8117A Datasheet HTML 8Page - Texas Instruments LMS8117A Datasheet HTML 9Page - Texas Instruments LMS8117A Datasheet HTML 10Page - Texas Instruments LMS8117A Datasheet HTML 11Page - Texas Instruments LMS8117A Datasheet HTML 12Page - Texas Instruments LMS8117A Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 18 page
background image
Application Note (Continued)
When the adjustable regulator is used (Figure 3), the best
performance is obtained with the positive side of the resistor
R1 tied directly to the output terminal of the regulator rather
than near the load. This eliminates line drops from appearing
effectively in series with the reference and degrading regu-
lation. For example, a 5V regulator with 0.05
Ω resistance
between the regulator and load will have a load regulation
due to line resistance of 0.05
Ω xI
L. If R1 (=125
Ω) is con-
nected near the load, the effective line resistance will be
0.05
Ω (1+R2/R1) or in this case, it is 4 times worse. In
addition, the ground side of the resistor R2 can be returned
near the ground of the load to provide remote ground sens-
ing and improve load regulation.
4.0 PROTECTION DIODES
Under normal operation, the LMS8117A regulators do not
need any protection diode. With the adjustable device, the
internal resistance between the adjust and output terminals
limits the current. No diode is needed to divert the current
around the regulator even with capacitor on the adjust ter-
minal. The adjust pin can take a transient signal of ±25V with
respect to the output voltage without damaging the device.
When a output capacitor is connected to a regulator and the
input is shorted to ground, the output capacitor will discharge
into the output of the regulator. The discharge current de-
pends on the value of the capacitor, the output voltage of the
regulator, and rate of decrease of V
IN. In the LMS8117A
regulators, the internal diode between the output and input
pins can withstand microsecond surge currents of 10A to
20A. With an extremely large output capacitor (
≥1000 µF),
and with input instantaneously shorted to ground, the regu-
lator could be damaged.
In this case, an external diode is recommended between the
output and input pins to protect the regulator, as shown in
Figure 4.
5.0 HEATSINK REQUIREMENTS
When an integrated circuit operates with an appreciable
current, its junction temperature is elevated. It is important to
quantify its thermal limits in order to achieve acceptable
performance and reliability. This limit is determined by sum-
ming the individual parts consisting of a series of tempera-
ture rises from the semiconductor junction to the operating
environment. A one-dimensional steady-state model of con-
duction heat transfer is demonstrated in Figure 5. The heat
generated at the device junction flows through the die to the
die attach pad, through the lead frame to the surrounding
case material, to the printed circuit board, and eventually to
the ambient environment. Below is a list of variables that
may affect the thermal resistance and in turn the need for a
heatsink.
Rθ
JC(Component
Variables)
Rθ
CA (Application
Variables)
Leadframe Size & Material
Mounting Pad Size,
Material, & Location
No. of Conduction Pins
Placement of Mounting
Pad
Die Size
PCB Size & Material
Die Attach Material
Traces Length & Width
Molding Compound Size
and Material
Adjacent Heat Sources
Volume of Air
Ambient Temperatue
Shape of Mounting Pad
10119619
FIGURE 3. Best Load Regulation using Adjustable
Output Regulator
10119615
FIGURE 4. Regulator with Protection Diode
www.national.com
8


Similar Part No. - LMS8117A

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMS8117A NSC-LMS8117A Datasheet
777Kb / 16P
   1A Low-Dropout Linear Regulator
LMS8117ADT-1.8 NSC-LMS8117ADT-1.8 Datasheet
777Kb / 16P
   1A Low-Dropout Linear Regulator
LMS8117ADT-1.8 NSC-LMS8117ADT-1.8 Datasheet
330Kb / 16P
   1A Low-Dropout Linear Regulator
July 2000
LMS8117ADT-3.3 NSC-LMS8117ADT-3.3 Datasheet
777Kb / 16P
   1A Low-Dropout Linear Regulator
LMS8117ADT-3.3 NSC-LMS8117ADT-3.3 Datasheet
330Kb / 16P
   1A Low-Dropout Linear Regulator
July 2000
More results

Similar Description - LMS8117A

ManufacturerPart #DatasheetDescription
logo
ZP Semiconductor
CJB1117-1.5 ZPSEMI-CJB1117-1.5 Datasheet
1Mb / 8P
   1A LOW DROPOUT LINEAR REGULATOR
CJB1117-ADJ ZPSEMI-CJB1117-ADJ Datasheet
1Mb / 8P
   1A LOW DROPOUT LINEAR REGULATOR
logo
Global Mixed-mode Techn...
G1117-XX GMT-G1117-XX Datasheet
266Kb / 6P
   1A Low-Dropout Linear Regulator
logo
National Semiconductor ...
LMS8117 NSC-LMS8117 Datasheet
330Kb / 16P
   1A Low-Dropout Linear Regulator
July 2000
logo
BCD Semiconductor Manuf...
AZ1117 BCDSEMI-AZ1117_12 Datasheet
1Mb / 27P
   1A LOW DROPOUT LINEAR REGULATOR
logo
Shenzhen Huazhimei Semi...
HM1084 HMSEMI-HM1084 Datasheet
810Kb / 9P
   1A low dropout linear regulator
logo
TECH PUBLIC Electronics...
AMS1117-5.0 TECHPUBLIC-AMS1117-5.0 Datasheet
2Mb / 8P
   1A LOW DROPOUT LINEAR REGULATOR
AMS1117-1.8 TECHPUBLIC-AMS1117-1.8 Datasheet
2Mb / 8P
   1A LOW DROPOUT LINEAR REGULATOR
LD1117-5.0 TECHPUBLIC-LD1117-5.0 Datasheet
2Mb / 8P
   1A LOW DROPOUT LINEAR REGULATOR
logo
BCD Semiconductor Manuf...
AP2218 BCDSEMI-AP2218 Datasheet
156Kb / 13P
   1A LOW DROPOUT LINEAR REGULATOR
logo
FOSLINK SEMICONDUCTOR C...
FSP1117 FOSLINK-FSP1117 Datasheet
284Kb / 10P
   1A LOW DROPOUT LINEAR REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com