Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM9076Q-Q1 Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # LM9076Q-Q1
Description  150mA Ultra-Low Quiescent Current LDO Regulator with Delayed Reset Output
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM9076Q-Q1 Datasheet(HTML) 4 Page - Texas Instruments

  LM9076Q-Q1 Datasheet HTML 1Page - Texas Instruments LM9076Q-Q1 Datasheet HTML 2Page - Texas Instruments LM9076Q-Q1 Datasheet HTML 3Page - Texas Instruments LM9076Q-Q1 Datasheet HTML 4Page - Texas Instruments LM9076Q-Q1 Datasheet HTML 5Page - Texas Instruments LM9076Q-Q1 Datasheet HTML 6Page - Texas Instruments LM9076Q-Q1 Datasheet HTML 7Page - Texas Instruments LM9076Q-Q1 Datasheet HTML 8Page - Texas Instruments LM9076Q-Q1 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
LM9076Q
SNVS713B – APRIL 2011 – REVISED MARCH 2013
www.ti.com
Electrical Characteristics for LM9076Q–3.3 (continued)
The following specifications apply for VIN = 14V; ILOAD = 10 mA; TJ = +25C; COUT = 10 μF, 0.5Ω < ESR < 4.0Ω; unless
otherwise specified. Bold values indicate
−40°C ≤ TJ ≤ +125°C.
(1) (2) Minimum and Maximum limits are specified through
test, design or statistical correlation.
Symbol
Parameter
Conditions
Min
Typ
Max
Units
ILOAD = 10 mA
30
50
mV
VDO
Dropout Voltage
ILOAD = 50 mA
80
mV
ILOAD = 150 mA
150
250
mV
9V
≤ VIN ≤ 16V,
25
45
μA
ILOAD = 100 uA
9V
≤ VIN ≤ 40V,
125
160
μA
ILOAD = 10 mA
IGND
Ground Pin Current
9V
≤ VIN ≤ 40V,
0.6
mA
ILOAD = 50 mA
9V
≤ VIN ≤ 16V,
3.6
4.5
mA
ILOAD = 150 mA
VOUT Short Circuit
VIN = 14V,
ISC
200
400
750
mA
Current
RLOAD = 1Ω
VIN = (14VDC) + (1VRMS
PSRR
Ripple Rejection
@ 120Hz)
50
60
dB
ILOAD = 50 mA
RESET PIN CHARACTERISTICS
Minimum VIN for valid
VOR
(3)
1.3
2.0
V
RESET Status
VOUT Threshold for
X VOUT
VTHR
(3)
0.83
0.89
0.94
RESET Low
(Nom)
External pull-up resistor
VOH
RESET pin high voltage
VOUT X 0.90
VOUT X 0.99
VOUT
V
to VOUT = 100 kΩ
CDELAY < 4.0V,
VOL
RESET pin low voltage
0.2
0.3
V
ISINK = 250 µA
CDELAY PIN CHARACTERISTICS
CDELAY Charging
VIN = 14V,
IDELAY
-0.70
-0.42
-0.25
uA
Current
VDELAY = 0V
VOUT < 4.0V,
VOL
CDELAY pin low voltage
0.100
V
ISINK = IDELAY
VIN = 14V, CDELAY =
0.001 uF
tDELAY
Reset Delay Time
VOUT rising from 0V, Δt
4.7
7.8
13.2
ms
from VOUT > VOR to
RESET pin HIGH
(3)
Not Production tested, Specified by Design. Minimum, Typical, and/or Maximum values are provided for informational purposes only.
4
Submit Documentation Feedback
Copyright © 2011–2013, Texas Instruments Incorporated
Product Folder Links: LM9076Q


Similar Part No. - LM9076Q-Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM9076Q TI1-LM9076Q Datasheet
357Kb / 16P
[Old version datasheet]   150mA Ultra-Low Quiescent Current LDO Regulator with Delayed Reset Output
LM9076QBMA-3.3 TI1-LM9076QBMA-3.3 Datasheet
357Kb / 16P
[Old version datasheet]   150mA Ultra-Low Quiescent Current LDO Regulator with Delayed Reset Output
LM9076QBMA-5.0 TI1-LM9076QBMA-5.0 Datasheet
357Kb / 16P
[Old version datasheet]   150mA Ultra-Low Quiescent Current LDO Regulator with Delayed Reset Output
LM9076QBMAX-3.3 TI1-LM9076QBMAX-3.3 Datasheet
357Kb / 16P
[Old version datasheet]   150mA Ultra-Low Quiescent Current LDO Regulator with Delayed Reset Output
LM9076QBMAX-5.0 TI1-LM9076QBMAX-5.0 Datasheet
357Kb / 16P
[Old version datasheet]   150mA Ultra-Low Quiescent Current LDO Regulator with Delayed Reset Output
More results

Similar Description - LM9076Q-Q1

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM9076 NSC-LM9076 Datasheet
259Kb / 8P
   150mA Ultra-Low Quiescent Current LDO Regulator with Delayed Reset Output
logo
Texas Instruments
LM9076Q TI1-LM9076Q Datasheet
357Kb / 16P
[Old version datasheet]   150mA Ultra-Low Quiescent Current LDO Regulator with Delayed Reset Output
LM9076BMA-3.3 TI-LM9076BMA-3.3 Datasheet
1Mb / 20P
[Old version datasheet]   LM9076 150mA Ultra-Low Quiescent Current LDO Regulator with Delayed Reset Output
LM9076 TI1-LM9076 Datasheet
1Mb / 20P
[Old version datasheet]   150mA Ultra-Low Quiescent Current LDO Regulator
logo
Micrel Semiconductor
MIC5238 MICREL-MIC5238 Datasheet
120Kb / 10P
   Ultra-Low Quiescent Current, 150mA uCap LDO Regulator
MIC5235 MICREL-MIC5235 Datasheet
65Kb / 9P
   Ultra-Low Quiescent Current, 150mA UCap LDO Regulator
MIC5295 MICREL-MIC5295_09 Datasheet
279Kb / 11P
   Low Quiescent Current, 150mA LDO Regulator
MIC5234 MICREL-MIC5234_11 Datasheet
680Kb / 16P
   Low-Quiescent Current 150mA LDO Regulator
MIC5295 MICREL-MIC5295 Datasheet
279Kb / 11P
   Low Quiescent Current, 150mA LDO Regulator
MIC5238 MICREL-MIC5238_09 Datasheet
1Mb / 12P
   Ultra-Low Quiescent Current, 150mA 關Cap LDO Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com