Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM2937IMP-12 Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # LM2937IMP-12
Description  500-mA Low Dropout Regulator
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM2937IMP-12 Datasheet(HTML) 2 Page - Texas Instruments

  LM2937IMP-12 Datasheet HTML 1Page - Texas Instruments LM2937IMP-12 Datasheet HTML 2Page - Texas Instruments LM2937IMP-12 Datasheet HTML 3Page - Texas Instruments LM2937IMP-12 Datasheet HTML 4Page - Texas Instruments LM2937IMP-12 Datasheet HTML 5Page - Texas Instruments LM2937IMP-12 Datasheet HTML 6Page - Texas Instruments LM2937IMP-12 Datasheet HTML 7Page - Texas Instruments LM2937IMP-12 Datasheet HTML 8Page - Texas Instruments LM2937IMP-12 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 30 page
background image
LM2937
SNVS100F – MARCH 2000 – REVISED JULY 2014
www.ti.com
Table of Contents
7.1
Overview ................................................................. 11
1
Features .................................................................. 1
7.2
Functional Block Diagram ....................................... 11
2
Applications ........................................................... 1
7.3
Feature Description................................................. 11
3
Description ............................................................. 1
7.4
Device Functional Modes........................................ 12
4
Revision History..................................................... 2
8
Application and Implementation ........................ 13
5
Pin Configuration and Functions ......................... 3
8.1
Application Information............................................ 13
6
Specifications......................................................... 4
8.2
Typical Application ................................................. 13
6.1
Absolute Maximum Ratings ...................................... 4
9
Power Supply Recommendations ...................... 17
6.2
Handling Ratings ...................................................... 4
10
Layout................................................................... 18
6.3
Recommended Operating Conditions ....................... 4
10.1
Layout Guidelines ................................................. 18
6.4
Thermal Information .................................................. 4
10.2
Layout Example .................................................... 18
6.5
Electrical Characteristics: LM2937-5 ........................ 5
11
Device and Documentation Support ................. 19
6.6
Electrical Characteristics: LM2937-8 ........................ 5
11.1
Trademarks ........................................................... 19
6.7
Electrical Characteristics: LM2937-10 ...................... 5
11.2
Electrostatic Discharge Caution ............................ 19
6.8
Electrical Characteristics: LM2937-12 ...................... 7
11.3
Glossary ................................................................ 19
6.9
Electrical Characteristics: LM2937-15 ...................... 7
12
Mechanical, Packaging, and Orderable
6.10
Typical Characteristics ............................................ 8
Information ........................................................... 19
7
Detailed Description ............................................ 11
4 Revision History
NOTE: Page numbers for previous revisions may differ from page numbers in the current version.
Changes from Revision E (June 2013) to Revision F
Page
Changed format to meet new TI standards; added Device Information and Handling Ratings tables; updated
connection drawings; rename Functional Description and Applications sections, reformat and add new information,
add Devices and Documentation section .............................................................................................................................. 1
2
Submit Documentation Feedback
Copyright © 2000–2014, Texas Instruments Incorporated
Product Folder Links: LM2937


Similar Part No. - LM2937IMP-12

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM2937IMP-12 NSC-LM2937IMP-12 Datasheet
308Kb / 11P
   500 mA Low Dropout Regulator
logo
Texas Instruments
LM2937IMP-12 TI1-LM2937IMP-12 Datasheet
1Mb / 24P
[Old version datasheet]   LM2937 500 mA Low Dropout Regulator
LM2937IMP-12/NOPB TI1-LM2937IMP-12/NOPB Datasheet
1Mb / 24P
[Old version datasheet]   LM2937 500 mA Low Dropout Regulator
More results

Similar Description - LM2937IMP-12

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
MIC5237 MICROCHIP-MIC5237 Datasheet
1Mb / 18P
   500 mA Low Dropout Regulator
09/14/21
logo
National Semiconductor ...
LM2937 NSC-LM2937 Datasheet
308Kb / 11P
   500 mA Low Dropout Regulator
logo
Texas Instruments
LM2937ET-5.0 TI1-LM2937ET-5.0 Datasheet
1Mb / 24P
[Old version datasheet]   LM2937 500 mA Low Dropout Regulator
logo
Toshiba Semiconductor
TA58M05S TOSHIBA-TA58M05S Datasheet
216Kb / 12P
   500 mA Low Dropout Voltage Regulator
logo
Texas Instruments
TPS74701 TI1-TPS74701_15 Datasheet
1Mb / 30P
[Old version datasheet]   500-mA Low-Dropout Linear Regulator
logo
Toshiba Semiconductor
TA58M05F TOSHIBA-TA58M05F Datasheet
220Kb / 12P
   500 mA Low Dropout Voltage Regulator
logo
Analog Devices
ADP1716 AD-ADP1716 Datasheet
589Kb / 20P
   500 mA, Low Dropout, CMOS Linear Regulator
REV. 0
ADP1716 AD-ADP1716_15 Datasheet
606Kb / 20P
   500 mA, Low Dropout, CMOS Linear Regulator
REV. 0
logo
Toshiba Semiconductor
TCR5BM TOSHIBA-TCR5BM Datasheet
1Mb / 16P
   500 mA CMOS Ultra Low Dropout Regulator
2022-09-02 Rev.4.0
logo
Analog Devices
ADP1715ARMZ-3.3-R7 AD-ADP1715ARMZ-3.3-R7 Datasheet
606Kb / 20P
   500 mA, Low Dropout, CMOS Linear Regulator
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com