Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

27C512A-12EVS Datasheet(PDF) 5 Page - Microchip Technology

Part # 27C512A-12EVS
Description  512K (64K x 8) CMOS EPROM
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

27C512A-12EVS Datasheet(HTML) 5 Page - Microchip Technology

  27C512A-12EVS Datasheet HTML 1Page - Microchip Technology 27C512A-12EVS Datasheet HTML 2Page - Microchip Technology 27C512A-12EVS Datasheet HTML 3Page - Microchip Technology 27C512A-12EVS Datasheet HTML 4Page - Microchip Technology 27C512A-12EVS Datasheet HTML 5Page - Microchip Technology 27C512A-12EVS Datasheet HTML 6Page - Microchip Technology 27C512A-12EVS Datasheet HTML 7Page - Microchip Technology 27C512A-12EVS Datasheet HTML 8Page - Microchip Technology 27C512A-12EVS Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
© 1996 Microchip Technology Inc.
DS11173E-page 5
27C512A
FIGURE 1-2:
PROGRAMMING WAVEFORMS (1)
TABLE 1-6:
MODES
Operation Mode
CE
OE/VPP
A9
O0 - O7
Read
VIL
VIL
XDOUT
Program
VIL
VH
XDIN
Program Verify
VIL
VIL
XDOUT
Program Inhibit
VIH
VH
X
High Z
Standby
VIH
X
X
High Z
Output Disable
VIL
VIH
X
High Z
Identity
VIL
VIL
VH
Identity Code
X = Don’t Care
tOPW
tOEH
tCE
(2)
VIH
VIL
VIH
VIL
6.5 V (3)
5.0V
VIH
VIL
Address
Data
VCC
CE
Address Stable
tDS
tAS
Data In Stable
Data Out Valid
Verify
tVCS
Notes:
The input timing reference level is 0.8V for VIL and 2.0V for VIH.
tDF and tOE are characteristics of the device but must be accommodated by the programmer.
VCC = 6.5V
±0.25V, VPP = VH = 13.0V ±0.5V for express programming algorithm.
(1)
(2)
(3)
tDH
tOR
tDF
(2)
tAH
tPRT
tCES
tPW
tOES
13.0 V (3)
VIL
OE/V PP
Program
1.2
Read Mode
(See Timing Diagrams and AC Characteristics)
Read Mode is accessed when
a)
the CE pin is low to power up (enable) the chip
b)
the OE/VPP pin is low to gate the data to the
output pins
For Read operations, if the addresses are stable, the
address access time (tACC) is equal to the delay from
CE to output (tCE). Data is transferred to the output
after a delay (tOE) from the falling edge of OE/VPP.


Similar Part No. - 27C512A-12EVS

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
27C512A-12E/L MICROCHIP-27C512A-12E/L Datasheet
133Kb / 10P
   512K (64K x 8) CMOS EPROM
2004
27C512A-12E/P MICROCHIP-27C512A-12E/P Datasheet
133Kb / 10P
   512K (64K x 8) CMOS EPROM
2004
27C512A-12E/SO MICROCHIP-27C512A-12E/SO Datasheet
133Kb / 10P
   512K (64K x 8) CMOS EPROM
2004
More results

Similar Description - 27C512A-12EVS

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
27C512A MICROCHIP-27C512A_04 Datasheet
133Kb / 10P
   512K (64K x 8) CMOS EPROM
2004
logo
Macronix International
MX27L512 MCNIX-MX27L512 Datasheet
760Kb / 14P
   512K-BIT [64K x 8] CMOS EPROM
logo
ATMEL Corporation
AT27C512R ATMEL-AT27C512R Datasheet
249Kb / 9P
   512K 64K x 8 OTP CMOS EPROM
AT27C512R ATMEL-AT27C512R_07 Datasheet
406Kb / 15P
   512K (64K x 8) OTP EPROM
AT27LV512A ATMEL-AT27LV512A Datasheet
220Kb / 9P
   512K 64K x 8 Low Voltage OTP CMOS EPROM
logo
Maxwell Technologies
27C512T MAXWELL-27C512T Datasheet
139Kb / 15P
   512K (64K x 8-Bit) OTP EPROM
logo
STMicroelectronics
M27512 STMICROELECTRONICS-M27512 Datasheet
90Kb / 11P
   NMOS 512K 64K x 8 UV EPROM
logo
List of Unclassifed Man...
MX26C512A ETC1-MX26C512A Datasheet
114Kb / 16P
   512K-BIT [64K x 8] CMOS MULTIPLE-TIME-PROGRAMMABLE EPROM
logo
Microchip Technology
27C64 MICROCHIP-27C64 Datasheet
126Kb / 10P
   64K (8K x 8) CMOS EPROM
2004
logo
AMIC Technology
A276308 AMICC-A276308 Datasheet
127Kb / 15P
   64K X 8 OTP CMOS EPROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com