Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HD9P6409-9Z96 Datasheet(PDF) 11 Page - Intersil Corporation

Part # HD9P6409-9Z96
Description  CMOS Manchester Encoder-Decoder
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HD9P6409-9Z96 Datasheet(HTML) 11 Page - Intersil Corporation

Back Button HD9P6409-9Z96 Datasheet HTML 7Page - Intersil Corporation HD9P6409-9Z96 Datasheet HTML 8Page - Intersil Corporation HD9P6409-9Z96 Datasheet HTML 9Page - Intersil Corporation HD9P6409-9Z96 Datasheet HTML 10Page - Intersil Corporation HD9P6409-9Z96 Datasheet HTML 11Page - Intersil Corporation HD9P6409-9Z96 Datasheet HTML 12Page - Intersil Corporation HD9P6409-9Z96 Datasheet HTML 13Page - Intersil Corporation HD9P6409-9Z96 Datasheet HTML 14Page - Intersil Corporation HD9P6409-9Z96 Datasheet HTML 15Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 11 / 15 page
background image
11
FN2951.4
October 1, 2015
FIGURE 11. ENCODER TIMING
FIGURE 12. ENCODER TIMING
FIGURE 13. ENCODER TIMING
NOTE: Manchester Data-In is not synchronous with Decoder Clock.
Decoder Clock is synchronous with decoded NRZ out of SDO.
FIGURE 14. DECODER TIMING
FIGURE 15. DECODER TIMING
FIGURE 16. DECODER TIMING
Timing Waveforms (Continued)
ECLK
SD/CDS
BZO
BOO
tCE1
tCE2
tCE3
tCE5
tCE4
CTS
BZO
BOO
ECLK
tCE6
CTS
BZO
BOO
ECLK
tCE7
DCLK
UDI
SDO
NVM
MANCHESTER
LOGIC-1
MANCHESTER
LOGIC-0
MANCHESTER
LOGIC-0
MANCHESTER
LOGIC-1
tCD2
tCD5
tCD2
tCD1
NRZ
LOGIC-1
RST
DCLK, SDO,
NVM
50%
50%
tCD3
RST
DCLK
50%
tCD4
HD-6409
HD-6409


Similar Part No. - HD9P6409-9Z96

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HD9P6409-9Z96 INTERSIL-HD9P6409-9Z96 Datasheet
277Kb / 12P
   CMOS Manchester Encoder-Decoder
HD9P6409-9Z96 INTERSIL-HD9P6409-9Z96 Datasheet
269Kb / 14P
   CMOS Manchester Encoder-Decoder
logo
Renesas Technology Corp
HD9P6409-9Z96 RENESAS-HD9P6409-9Z96 Datasheet
687Kb / 15P
   CMOS Manchester Encoder-Decoder
More results

Similar Description - HD9P6409-9Z96

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HD-6409 RENESAS-HD-6409 Datasheet
687Kb / 15P
   CMOS Manchester Encoder-Decoder
logo
Intersil Corporation
HD-15530 INTERSIL-HD-15530_02 Datasheet
281Kb / 13P
   CMOS Manchester Encoder-Decoder
HD-6409883 INTERSIL-HD-6409883 Datasheet
135Kb / 7P
   CMOS Manchester Encoder-Decoder
HD-15530 INTERSIL-HD-15530 Datasheet
169Kb / 12P
   CMOS Manchester Encoder-Decoder
March 1997
HD1-15530-9 INTERSIL-HD1-15530-9 Datasheet
276Kb / 13P
   CMOS Manchester Encoder-Decoder
March 1997
HD-6409 INTERSIL-HD-6409_05 Datasheet
277Kb / 12P
   CMOS Manchester Encoder-Decoder
HD-15531 INTERSIL-HD-15531 Datasheet
115Kb / 8P
   CMOS Manchester Encoder-Decoder
March 1997
logo
Renesas Technology Corp
HD-15531 RENESAS-HD-15531 Datasheet
732Kb / 16P
   CMOS Manchester Encoder-Decoder
March 1997
logo
Intersil Corporation
HD-6409 INTERSIL-HD-6409 Datasheet
68Kb / 12P
   CMOS Manchester Encoder-Decoder
March 1997
logo
Aeroflex Circuit Techno...
ACT15530 AEROFLEX-ACT15530 Datasheet
131Kb / 15P
   CMOS Manchester Encoder / Decoder
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com