Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HD3-15530-9 Datasheet(PDF) 2 Page - Intersil Corporation

Part # HD3-15530-9
Description  CMOS Manchester Encoder-Decoder
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HD3-15530-9 Datasheet(HTML) 2 Page - Intersil Corporation

  HD3-15530-9 Datasheet HTML 1Page - Intersil Corporation HD3-15530-9 Datasheet HTML 2Page - Intersil Corporation HD3-15530-9 Datasheet HTML 3Page - Intersil Corporation HD3-15530-9 Datasheet HTML 4Page - Intersil Corporation HD3-15530-9 Datasheet HTML 5Page - Intersil Corporation HD3-15530-9 Datasheet HTML 6Page - Intersil Corporation HD3-15530-9 Datasheet HTML 7Page - Intersil Corporation HD3-15530-9 Datasheet HTML 8Page - Intersil Corporation HD3-15530-9 Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
143
Block Diagrams
ENCODER
DECODER
GND
MASTER RESET
SEND CLK IN
÷ 6 OUT
BIT
COUNTER
CHARACTER
12
13
22
14
÷ 6
ENCODER
CLK
23
FORMER
÷ 2
21
2
18
19
20
15
17
SEND
DATA
SERIAL
DATA IN
ENCODER
ENABLE
SYNC
SELECT
ENCODER
16
BIPOLAR
ONE OUT
BIPOLAR
ZERO OUT
24
OUTPUT
INHIBIT
VCC
SHIFT CLK
7
6
UNIPOLAR
DATA IN
BIPOLAR
ONE IN
BIPOLAR
ZERO IN
DECODER
CLK
MASTER
RESET
8
TRANSITION
FINDER
SYNCHRONIZER
5
13
DECODER
RESET
11
BIT
COUNTER
BIT
RATE
CLK
PARITY
CHECK
9
1
DECODER
SHIFT
CLK
CHARACTER
IDENTIFIER
10
3
VALID
WORD
SERIAL
DATA OUT
COMMAND/
DATA SYNC
TAKE
DATA
4
Pin Description
PIN
NUMBER
TYPE
NAME
SECTION
DESCRIPTION
1
O
VALID WORD
Decoder
Output high indicates receipt of a valid word, (valid parity and no Manches-
ter errors).
2
O
ENCODER SHIFT
CLOCK
Encoder
Output for shifting data into the Encoder. The Encoder samples SDI on the
low-to-high transition of Encoder Shift Clock.
3
O
TAKE DATA
Decoder
Output is high during receipt of data after identification of a sync pulse and
two valid Manchester data bits.
4
O
SERIAL DATA OUT
Decoder
Delivers received data in correct NRZ format.
5
I
DECODER CLOCK
Decoder
Input drives the transition finder, and the synchronizer which in turn
supplies the clock to the balance of the decoder, input a frequency equal to
12X the data rate.
6
I
BIPOLAR ZERO IN
Decoder
A high input should be applied when the bus is in its negative state. This pin
must be held high when the Unipolar input is used.
7
I
BIPOLAR ONE IN
Decoder
A high input should be applied when the bus is in its positive state. This pin
must be held low when the Unipolar input is used.
8
I
UNLPOLAR DATA IN
Decoder
With pin 6 high and pin 7 low, this pin enters unipolar data into the transition
finder circuit. If not used this input must be held low.
9
O
DECODER SHIFT
CLOCK
Decoder
Output which delivers a frequency (DECODER CLOCK
÷ 12), synchro-
nized by the recovered serial data stream.
10
O
COMMAND SYNC
Decoder
Output of a high from this pin occurs during output of decoded data which
was preceded by a Command (or Status) synchronizing character. A low
output indicates a Data synchronizing character.
11
I
DECODER RESET
Decoder
A high input to this pin during a rising edge of DECODER SHIFT CLOCK
resets the decoder bit counting logic to a condition ready for a new word.
12
I
GROUND
Both
Ground Supply pin.
13
I
MASTER RESET
Both
A high on this pin clears 2:1 counters in both Encoder and Decoder, and
resets the
÷ 6 circuit.
14
O
÷ 6 OUT
Encoder
Output from 6:1 divider which is driven by the ENCODER CLOCK.
15
O
BIPOLAR ZERO OUT
Encoder
An active low output designed to drive the zero or negative sense of a
bipolar line driver.
16
I
OUTPUT INHIBIT
Encoder
A low on this pin forces pin 15 and 17 high, the inactive states.
17
O
BIPOLAR ONE OUT
Encoder
An active low output designed to drive the one or positive sense of a bipolar
line driver.
HD-15530


Similar Part No. - HD3-15530-9

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HD3-15530-9 INTERSIL-HD3-15530-9 Datasheet
169Kb / 12P
   CMOS Manchester Encoder-Decoder
March 1997
HD3-15530-9 INTERSIL-HD3-15530-9 Datasheet
281Kb / 13P
   CMOS Manchester Encoder-Decoder
logo
Renesas Technology Corp
HD3-15530-9 RENESAS-HD3-15530-9 Datasheet
724Kb / 13P
   CMOS Manchester Encoder-Decoder
March 1997
More results

Similar Description - HD3-15530-9

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HD-6409 RENESAS-HD-6409 Datasheet
687Kb / 15P
   CMOS Manchester Encoder-Decoder
logo
Intersil Corporation
HD-15530 INTERSIL-HD-15530_02 Datasheet
281Kb / 13P
   CMOS Manchester Encoder-Decoder
HD-6409883 INTERSIL-HD-6409883 Datasheet
135Kb / 7P
   CMOS Manchester Encoder-Decoder
HD-15530 INTERSIL-HD-15530 Datasheet
169Kb / 12P
   CMOS Manchester Encoder-Decoder
March 1997
HD-6409 INTERSIL-HD-6409_05 Datasheet
277Kb / 12P
   CMOS Manchester Encoder-Decoder
HD-15531 INTERSIL-HD-15531 Datasheet
115Kb / 8P
   CMOS Manchester Encoder-Decoder
March 1997
HD3-6409-9 INTERSIL-HD3-6409-9 Datasheet
347Kb / 15P
   CMOS Manchester Encoder-Decoder
October 1, 2015
logo
Renesas Technology Corp
HD-15531 RENESAS-HD-15531 Datasheet
732Kb / 16P
   CMOS Manchester Encoder-Decoder
March 1997
logo
Intersil Corporation
HD-6409 INTERSIL-HD-6409 Datasheet
68Kb / 12P
   CMOS Manchester Encoder-Decoder
March 1997
logo
Aeroflex Circuit Techno...
ACT15530 AEROFLEX-ACT15530 Datasheet
131Kb / 15P
   CMOS Manchester Encoder / Decoder
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com