Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HS1-3282-8 Datasheet(PDF) 6 Page - Intersil Corporation

Part # HS1-3282-8
Description  CMOS ARINC Bus Interface Circuit
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HS1-3282-8 Datasheet(HTML) 6 Page - Intersil Corporation

Back Button HS1-3282-8 Datasheet HTML 2Page - Intersil Corporation HS1-3282-8 Datasheet HTML 3Page - Intersil Corporation HS1-3282-8 Datasheet HTML 4Page - Intersil Corporation HS1-3282-8 Datasheet HTML 5Page - Intersil Corporation HS1-3282-8 Datasheet HTML 6Page - Intersil Corporation HS1-3282-8 Datasheet HTML 7Page - Intersil Corporation HS1-3282-8 Datasheet HTML 8Page - Intersil Corporation HS1-3282-8 Datasheet HTML 9Page - Intersil Corporation HS1-3282-8 Datasheet HTML 10Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 17 page
background image
188
Receiver Parity Status:
0 = Odd Parity
1 = Even Parity
If the receiver input data word string is broken before the
entire data word is received, the receiver will reset and
ignore the partially received data word.
If the transmitter is used to transmit consecutive data words,
each word will be separated by a four (4) bit “null” state (both
positive and negative outputs will maintain a zero (0) volt
level.)
Receiver Parity Status:
0 = Odd Parity
1 = Even Parity
No Source/Destination (S/D) in 25-Bit format.
Receiver Operation
Since the two receivers are functionally identical, only one
will be discussed in detail, and the block diagram will be
used for reference in this discussion. The receiver consists
of the following circuits:
• The Line Receiver functions as a voltage level translator.
It transforms the 10 volt differential line voltage, ARINC
429 format, into 5 volt internal logic level.
• The output of the Line Receiver is one of two inputs to the
Self-Test Data Selector (SEL). The other input to the
Data Selector is the Self-Test Signal from the Transmitter
section.
• The incoming data, either Self-Test or ARlNC 429, is
double sampled by the Word Gap Timer to generate a
Data Clock. The Receiver sample frequency (RCVCLK),
1MHz, or 125kHz, is generated by the Receiver/Transmit-
ter Timing Circuit. This sampling frequency is ten times the
Data Rate to ensure no data ambiguity.
• The derived data clock then shifts the data down a 32-Bit
long Data Shift Register (Data S/RI). The Data Word
Length is selectable for either 25 Bits or 32 Bits long by
the Control Signal (WLSEL). As soon as the data word is
completely received, an internal signal (WDCNT1) is gen-
erated by the Word Gap Timer Circuit.
• The Source/Destination (S/D) Decoder compares the user
set code (X and Y) with Bits 9 and 10 of the Data Word. If
the two codes are matched, a positive signal is generated
to enable the WDCNT1 signal to latch in the received
data. Otherwise, the data word is ignored and no latching
action takes place. The S/D Decoder can be Enabled and
Disabled by the control signal S/D ENB. If the data word is
latched, an indicator flag (D/R1) is set. This indicates a
valid data word is ready to be fetched by the user.
• After the receiver data has been shifted down the shift
register, it is placed in a holding register. The device ready
flag will then be set indicating that data is ready to be
fetched. If the data is ignored and left in the holding regis-
ter, it will be written over when the next data word is
received.
• The received data in the 32-bit holding register is placed
on the bus in the form of two (2)16-bit words regardless of
whether the format is for 32 or 25-bit data words. Either
word can be accessed first or repeatedly until the next
received data word falls into the holding register.
• The parity of the incoming word is checked and the status
(i.e., logic “0” for odd parity and logic “1” for even parity)
stored in the receiver latch and output on BD08 during the
Word No. 1.
• Assuming the user desires to access the data, he first sets
the Data Select Line (SEL) to a Logic “0” level and pulses
the Enable (EN1) line. This action causes the Data
Selector (SELl) to select the first-data word, which con-
tains the label field and Enable it onto the Data Bus. To
obtain the second data word, the user sets the SEL line to
a Logic “1” level and pulse the Enable (EN1) line again.
The Enable pulse duration is matched to the user circuit
requirement needed to read the Data Word from the Data
Bus. The second Enable pulse is also used to reset the
Device Ready (D/R1) flip-flop. This completes a receiving
cycle.
TABLE 2B. WORD 2 FORMAT
BI-DIRECTIONAL
BlT#
FUNCTION
ARINC BIT#
15
Sign
29
14
MSB
28
13 - 00
Data
27 - 14
TABLE 3. ARINC 25-BIT DATA FORMAT
ARINC BIT #
FUNCTION
1 - 8
Label
9LSB
11 - 23
Data
24
MSB
25
Parity Status
TABLE 4A. WORD 1 FORMAT
BI-DIRECTIONAL
BIT#
FUNCTION
ARINC BIT#
15 - 9
Don’t Care
XXX
8
Parity Status
25
7 - 0
Label
1 - 8
TABLE 4B. WORD 2 FORMAT
BI-DIRECTIONAL
BIT#
FUNCTION
ARINC BlT#
15
MSB
24
14 - 1
Data
23 -10
0LSB
9
HS-3282


Similar Part No. - HS1-3282-8

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HS1-3282-8 INTERSIL-HS1-3282-8 Datasheet
176Kb / 15P
   CMOS ARINC Bus Interface Circuit
HS1-3282-8 INTERSIL-HS1-3282-8 Datasheet
305Kb / 17P
   CMOS ARINC Bus Interface Circuit
More results

Similar Description - HS1-3282-8

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HS-3282 INTERSIL-HS-3282 Datasheet
176Kb / 15P
   CMOS ARINC Bus Interface Circuit
HS-3282 INTERSIL-HS-3282_02 Datasheet
305Kb / 17P
   CMOS ARINC Bus Interface Circuit
HS1-3182-8 INTERSIL-HS1-3182-8 Datasheet
199Kb / 7P
   ARINC 429 Bus Interface Line Driver Circuit
May 30, 2008
HS-3182 INTERSIL-HS-3182 Datasheet
201Kb / 7P
   ARINC 429 Bus Interface Line Driver Circuit
logo
Actel Corporation
CORE429-XX ACTEL-CORE429-XX Datasheet
258Kb / 22P
   ARINC 429 Bus Interface
logo
Intersil Corporation
HS-3182 INTERSIL-HS-3182_07 Datasheet
196Kb / 7P
   ARINC 429 Bus Interface Line Driver
logo
Mitel Networks Corporat...
MT8930C-1 MITEL-MT8930C-1 Datasheet
323Kb / 42P
   CMOS ST-BUS??FAMILY Subscriber Network Interface Circuit
MT8971B MITEL-MT8971B Datasheet
390Kb / 20P
   ISO2-CMOS ST-BUS??FAMILY Digital Subscriber Interface Circuit Digital Network Interface Circuit
MT9171 MITEL-MT9171 Datasheet
393Kb / 22P
   ISO2-CMOS ST-BUS??FAMILY Digital Subscriber Interface Circuit Digital Network Interface Circuit
logo
Holt Integrated Circuit...
HI-8685 HOLTIC-HI-8685_08 Datasheet
95Kb / 12P
   ARINC INTERFACE DEVICE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com