Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MCP6004EOT Datasheet(PDF) 11 Page - Microchip Technology

Part # MCP6004EOT
Description  1 MHz Bandwidth Low Power Op Amp
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP6004EOT Datasheet(HTML) 11 Page - Microchip Technology

Back Button MCP6004EOT Datasheet HTML 7Page - Microchip Technology MCP6004EOT Datasheet HTML 8Page - Microchip Technology MCP6004EOT Datasheet HTML 9Page - Microchip Technology MCP6004EOT Datasheet HTML 10Page - Microchip Technology MCP6004EOT Datasheet HTML 11Page - Microchip Technology MCP6004EOT Datasheet HTML 12Page - Microchip Technology MCP6004EOT Datasheet HTML 13Page - Microchip Technology MCP6004EOT Datasheet HTML 14Page - Microchip Technology MCP6004EOT Datasheet HTML 15Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 24 page
background image
 2003 Microchip Technology Inc.
DS21733D-page 11
MCP6001/2/4
5.0
PACKAGING INFORMATION
5.1
Package Marking Information
XXXXXXXX
XXXXXNNN
YYWW
8-Lead PDIP (300 mil)
Example:
8-Lead SOIC (150 mil)
Example:
XXXXXXXX
XXXXYYWW
NNN
Legend: XX...X Customer specific information*
YY
Year code (last 2 digits of calendar year)
WW
Week code (week of January 1 is week ‘01’)
NNN
Alphanumeric traceability code
Note:
In the event the full Microchip part number cannot be marked on one line, it will
be carried over to the next line thus limiting the number of available characters
for customer specific information.
*
Standard marking consists of Microchip part number, year code, week code, traceability code (facility
code, mask rev#, and assembly code). For marking beyond this, certain price adders apply. Please
check with your Microchip Sales Office.
MCP6002
I/P057
0307
MCP6002
I/SN0307
057
5-Lead SC-70 (MCP6001)
Example:
1
23
5
4
5-Lead SOT-23 (MCP6001)
Example:(MCP6001 I-Temp Pinout)
XXNN
1
23
5
4
AA07
XNN
YWW
A57
307
8-Lead MSOP
Example:
XXXXXX
YWWNNN
6002
307057
Device
Industrial
Temp Code
Extended
Temp Code
MCP6001
AANN
CDNN
MCP6001R
ADNN
CENN
MCP6001U
AFNN
CFNN
Note:
Applies to 5-Lead SOT-23.


Similar Part No. - MCP6004EOT

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
MCP6004 MICROCHIP-MCP6004 Datasheet
470Kb / 28P
   1 MHz, Low-Power Op Amp
2005
MCP6004-E/LT MICROCHIP-MCP6004-E/LT Datasheet
470Kb / 28P
   1 MHz, Low-Power Op Amp
2005
MCP6004-E/MS MICROCHIP-MCP6004-E/MS Datasheet
470Kb / 28P
   1 MHz, Low-Power Op Amp
2005
MCP6004-E/OT MICROCHIP-MCP6004-E/OT Datasheet
470Kb / 28P
   1 MHz, Low-Power Op Amp
2005
MCP6004-E/P MICROCHIP-MCP6004-E/P Datasheet
470Kb / 28P
   1 MHz, Low-Power Op Amp
2005
More results

Similar Description - MCP6004EOT

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
MCP6001 MICROCHIP-MCP6001_05 Datasheet
470Kb / 28P
   1 MHz, Low-Power Op Amp
2005
logo
Texas Instruments
OPA838 TI1-OPA838 Datasheet
1Mb / 41P
[Old version datasheet]   1-mA, 300-MHz Gain Bandwidth, Voltage-Feedback Op Amp
logo
Microchip Technology
MIC920 MICROCHIP-MIC920 Datasheet
928Kb / 24P
   80 MHz Low-Power SC70 Op Amp
05/14/19
logo
Analog Devices
AD9617 AD-AD9617 Datasheet
140Kb / 10P
   Low Distortion, Precision, Wide Bandwidth Op Amp
REV. B
AD9618 AD-AD9618_15 Datasheet
474Kb / 8P
   LOW DISTORTION PRECISION WIDE BANDWIDTH OP AMP
REV. A
AD9618 AD-AD9618 Datasheet
414Kb / 8P
   Low Distortion, Precision, Wide Bandwidth Op Amp
REV. A
logo
Texas Instruments
OPA837_1809 TI1-OPA837_1809 Datasheet
2Mb / 58P
[Old version datasheet]   Low-Power, Precision, 105-MHz, Voltage-Feedback Op Amp
logo
Maxim Integrated Produc...
MAX9622 MAXIM-MAX9622_V01 Datasheet
777Kb / 10P
   Precision, High-Bandwidth Op Amp
2015
MAX9622 MAXIM-MAX9622 Datasheet
1Mb / 10P
   Precision, High-Bandwidth Op Amp
Rev 0; 9/10
logo
Texas Instruments
OPA837 TI1-OPA837_18 Datasheet
2Mb / 57P
[Old version datasheet]   Low-Power, Precision, 105-MHz, Voltage-Feedback Op Amp
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com