Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ICM7245AIM44Z Datasheet(PDF) 4 Page - Intersil Corporation

Part # ICM7245AIM44Z
Description  8-Character, 16-Segment, Microprocessor Compatible,LED Display Decoder Driver
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ICM7245AIM44Z Datasheet(HTML) 4 Page - Intersil Corporation

  ICM7245AIM44Z Datasheet HTML 1Page - Intersil Corporation ICM7245AIM44Z Datasheet HTML 2Page - Intersil Corporation ICM7245AIM44Z Datasheet HTML 3Page - Intersil Corporation ICM7245AIM44Z Datasheet HTML 4Page - Intersil Corporation ICM7245AIM44Z Datasheet HTML 5Page - Intersil Corporation ICM7245AIM44Z Datasheet HTML 6Page - Intersil Corporation ICM7245AIM44Z Datasheet HTML 7Page - Intersil Corporation ICM7245AIM44Z Datasheet HTML 8Page - Intersil Corporation ICM7245AIM44Z Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
ICM7245
4
FN8587.0
October 29, 2013
Absolute Maximum Ratings
Thermal Information
Supply Voltage VDD - VSS. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . +5.5V
Input Voltage (Any Terminal) . . . . . . . . . . . . . . . . . .VDD + 0.3V to VSS - 0.3V
CHARacter Output Current . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 300mA
SEGment Output Current. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 30mA
Operating Conditions
T
emperature Range. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -25°C to +85°C
Thermal Resistance (Typical)
θJA (°C/W)
θJC (°C/W)
44 Ld MQFP Package (Notes 4, 5) . . . . . . .
70
21
Storage Temperature Range. . . . . . . . . . . . . . . . . . . . . . . .-65°C to +150°C
Pb-Free Reflow Profile . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . see link below
http://www.intersil.com/pbfree/Pb-FreeReflow.asp
CAUTION: Do not operate at or near the maximum ratings listed for extended periods of time. Exposure to such conditions may adversely impact product
reliability and result in failures not covered by warranty.
NOTES:
4.
θJA is measured with the component mounted on a low effective thermal conductivity test board in free air. See Tech Brief TB379 for details.
5. For
θJC, the “case temp” location is taken at the package top center.
Electrical Specifications VDD = 3.3V, VSS = 0V, TA = +25°C, Unless Otherwise Specified.
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNITS
DC CHARACTERISTICS
Supply Voltage (VDD - VSS)VSUPP
33.3
3.6
V
Operating Supply Current
IDD
VSUPP = 3.6V, 10 Segments ON, All 8 Characters
-
50
-
mA
Quiescent Supply Current
ISTBY
VSUPP = 3.6V, OSC/OFF Pin < 0.5V, CS = VSS
-
3.2
25
µA
Input High Voltage
VIH
2.0
-
-
V
Input Low Voltage
VIL
--
0.8
V
Input Current
IIN
-10
-
+10
µA
CHARacter Drive Current
ICHAR
VSUPP = 3.3V, VOUT = 1V
70
135
-
mA
VSUPP = 3.0V, VOUT = 2V
120
175
235
mA
CHARacter Leakage Current
ICHLK
--
100
µA
SEGment Drive Current
ISEG
VSUPP = 3.3V, VOUT = 2V
3.7
5.1
6.7
mA
SEGment Leakage Current
ISLK
-0.02
10
µA
DISPlay FULL Output Low
VOL
IOL = 1.6mA
-
-
0.4
V
DISPlay FULL Output High
VOH
lIH = 100µA
2.4
-
-
V
Display Scan Rate
fDS
-
300
-
Hz
Electrical Specifications Drive levels 0.4V and 2.4V, timing measured at 0.8V and 2.0V. VDD = 3.3V, TA = +25°C,
Unless Otherwise Specified.
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNITS
AC CHARACTERISTICS
WR, CLeaR Pulse Width Low
tWPI
500
250
-
ns
WR, CLeaR Pulse Width High (Note 6)
tWPH
-
250
-
ns
Data Hold Time
tDH
0-100
-
ns
Data Setup Time
tDS
250
150
-
ns
Address Hold Time
tAH
125
-
-
ns
Address Setup Time
tAS
100
-
-
ns
CS Setup Time
tCS
0-
-
ns
Pulse Transition Time
tT
--
100
ns
SEN Setup Time
tSEN
0
-25
-
ns
Display Full Delay
tWDF
760
540
-
ns


Similar Part No. - ICM7245AIM44Z

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ICM7245AIM44Z INTERSIL-ICM7245AIM44Z Datasheet
400Kb / 13P
   8-Character, 16-Segment, Microprocessor Compatible, LED Display Decoder Driver
logo
Renesas Technology Corp
ICM7245AIM44Z RENESAS-ICM7245AIM44Z Datasheet
665Kb / 13P
   8-Character, 16-Segment, Microprocessor Compatible, LED Display Decoder Driver
logo
Intersil Corporation
ICM7245AIM44ZT INTERSIL-ICM7245AIM44ZT Datasheet
400Kb / 13P
   8-Character, 16-Segment, Microprocessor Compatible, LED Display Decoder Driver
logo
Renesas Technology Corp
ICM7245AIM44ZT RENESAS-ICM7245AIM44ZT Datasheet
665Kb / 13P
   8-Character, 16-Segment, Microprocessor Compatible, LED Display Decoder Driver
More results

Similar Description - ICM7245AIM44Z

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ICM7245 RENESAS-ICM7245 Datasheet
665Kb / 13P
   8-Character, 16-Segment, Microprocessor Compatible, LED Display Decoder Driver
logo
Intersil Corporation
ICM7245 INTERSIL-ICM7245 Datasheet
400Kb / 13P
   8-Character, 16-Segment, Microprocessor Compatible, LED Display Decoder Driver
ICM7243BIPLZ INTERSIL-ICM7243BIPLZ Datasheet
604Kb / 16P
   8-Character, Microprocessor-Compatible, LED Display Decoder Driver
logo
Renesas Technology Corp
ICM7243 RENESAS-ICM7243 Datasheet
781Kb / 17P
   8-Character, Microprocessor-Compatible, LED Display Decoder Driver
ICM7244 RENESAS-ICM7244 Datasheet
657Kb / 14P
   8-Character, Microprocessor Compatible, LED Display Decoder Driver
logo
Intersil Corporation
ICM7243 INTERSIL-ICM7243_05 Datasheet
540Kb / 14P
   8-Character, Microprocessor-Compatible, LED Display Decoder Driver
ICM7243 INTERSIL-ICM7243 Datasheet
109Kb / 12P
   8-Character, Microprocessor- Compatible, LED Display Decoder Driver
ICM7244AIM44Z INTERSIL-ICM7244AIM44Z Datasheet
425Kb / 13P
   8-Character, Microprocessor Compatible,LED Display Decoder Driver
January 22, 2009
ICM7243BlPL INTERSIL-ICM7243BlPL Datasheet
423Kb / 17P
   8-Character, Microprocessor-Compatible, LED Display Decoder Dri
October 2, 2015
ICM7228AIBI INTERSIL-ICM7228AIBI Datasheet
400Kb / 19P
   8-Digit, Microprocessor-Compatible, LED Display Decoder Driver
August 19, 2015
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com