Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL43143IVZ Datasheet(PDF) 1 Page - Intersil Corporation

Part # ISL43143IVZ
Description  Low-Voltage, Single and Dual Supply, Quad SPST, High Performance Analog Switches
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL43143IVZ Datasheet(HTML) 1 Page - Intersil Corporation

  ISL43143IVZ Datasheet HTML 1Page - Intersil Corporation ISL43143IVZ Datasheet HTML 2Page - Intersil Corporation ISL43143IVZ Datasheet HTML 3Page - Intersil Corporation ISL43143IVZ Datasheet HTML 4Page - Intersil Corporation ISL43143IVZ Datasheet HTML 5Page - Intersil Corporation ISL43143IVZ Datasheet HTML 6Page - Intersil Corporation ISL43143IVZ Datasheet HTML 7Page - Intersil Corporation ISL43143IVZ Datasheet HTML 8Page - Intersil Corporation ISL43143IVZ Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
1
FN6037.4
ISL43143, ISL43144, ISL43145
Low-Voltage, Single and Dual Supply,
Quad SPST, High Performance Analog
Switches
The Intersil ISL43143–ISL43145 devices are CMOS,
precision, quad SPST analog switches designed to operate
from a single +2V to +12V supply or from a 2V to 6V supply.
Targeted applications include battery powered equipment that
benefit from the devices’ low power consumption (<1
W), low
leakage currents (5nA max), and fast switching speeds
(tON = 52ns, tOFF = 40ns). A 5 maximum RON flatness
ensures signal fidelity, while channel-to-channel mismatch is
guaranteed to be less than 2
.
The ISL43143/ISL43144/ISL43145 are quad single-pole/
single-throw (SPST) devices. The ISL43143 has four normally
closed (NC) switches; the ISL43144 has four normally open
(NO) switches; the ISL43145 has two NO and two NC
switches and can be used as a dual SPDT, or a dual 2:1
multiplexer.
Table 1 summarizes the performance of this family.
Features
• Fully Specified for 10% Tolerances at VS = 5V and
V+ = 12V, 5V and 3.3V
• Four Separately Controlled SPST Switches
• Pin Compatible with DG411/DG412/DG413
• ON Resistance (RON Max.) . . . . . . . . . . . . . . . . . . . . 25
•RON Matching Between Channels. . . . . . . . . . . . . . . . . .<1
• Low Power Consumption (PD). . . . . . . . . . . . . . . . . . . .<1W
• Low Off Leakage Current (Max at 85°C) . . . . . . . . . 2.5nA
• Fast Switching Action
-tON . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 52ns
-tOFF . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 40ns
• Minimum 2000V ESD Protection per Method 3015.7
• TTL, CMOS Compatible
• Pb-Free Plus Anneal Available (RoHS Compliant)
Applications
• Battery Powered, Handheld, and Portable Equipment
- Barcode Scanners
- Laptops, Notebooks, Palmtops
• Communications Systems
-Radios
- XDSL and PBX / PABX
- RF “Tee” Switches
- Base Stations
• Test Equipment
- Medical Ultrasound
- Electrocardiograph
-ATE
• Audio and Video Switching
• General Purpose Circuits
- +3V/+5V DACs and ADCs
- Digital Filters
- Operational Amplifier Gain Switching Networks
- High Frequency Analog Switching
- High Speed Multiplexing
Related Literature
• Technical Brief TB363 “Guidelines for Handling and
Processing Moisture Sensitive Surface Mount Devices
(SMDs)”
• AN557 “Recommended Test Procedures for Analog
Switches”
TABLE 1. FEATURES AT A GLANCE
ISL43143
ISL43144
ISL43145
Number of Switches
4
4
4
Configuration
All NC
All NO
2 NC/2 NO
4.5V RON
18
18
18
4.5V tON/tOFF
52ns/40ns
52ns/40ns
52ns/40ns
10.8V RON
14
14
14
10.8V tON/tOFF
40ns/27ns
40ns/27ns
40ns/27ns
4.5V RON
30
30
30
4.5V tON/tOFF
64ns/29ns
64ns/29ns
64ns/29ns
3V RON
51
51
51
3V tON/tOFF
120ns/50ns
120ns/50ns
120ns/50ns
Packages
16 Ld TSSOP, 16Ld QFN 4x4
Data Sheet
August 31, 2015
CAUTION: These devices are sensitive to electrostatic discharge; follow proper IC Handling Procedures.
1-888-INTERSIL or 1-888-468-3774
| Intersil (and design) is a registered trademark of Intersil Americas Inc.
Copyright Intersil Americas LLC. 2003-2005, 2015. All Rights Reserved
All other trademarks mentioned are the property of their respective owners.,


Similar Part No. - ISL43143IVZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL43143IVZ INTERSIL-ISL43143IVZ Datasheet
526Kb / 15P
   Low-Voltage, Single and Dual Supply, Quad SPST, High Performance Analog Switches
logo
Renesas Technology Corp
ISL43143IVZ RENESAS-ISL43143IVZ Datasheet
990Kb / 16P
   Low-Voltage, Single and Dual Supply, Quad SPST, High Performance Analog Switches
More results

Similar Description - ISL43143IVZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL43140 INTERSIL-ISL43140_04 Datasheet
505Kb / 16P
   Low-Voltage, Single and Dual Supply, High Performance, Quad SPST, Analog Switches
logo
Renesas Technology Corp
ISL43143 RENESAS-ISL43143 Datasheet
990Kb / 16P
   Low-Voltage, Single and Dual Supply, Quad SPST, High Performance Analog Switches
logo
Intersil Corporation
ISL43140 INTERSIL-ISL43140 Datasheet
432Kb / 16P
   Low-Voltage, Single and Dual Supply, High Performance, Quad SPST, Analog Switches
ISL43143 INTERSIL-ISL43143_05 Datasheet
526Kb / 15P
   Low-Voltage, Single and Dual Supply, Quad SPST, High Performance Analog Switches
logo
Renesas Technology Corp
ISL43140 RENESAS-ISL43140 Datasheet
1Mb / 17P
   Low-Voltage, Single and Dual Supply, High Performance, Quad SPST, Analog Switches
logo
Intersil Corporation
ISL43143 INTERSIL-ISL43143 Datasheet
470Kb / 15P
   Low-Voltage, Single and Dual Supply, Quad SPST, High Performance Analog Switches
ISL43140IBZ INTERSIL-ISL43140IBZ Datasheet
580Kb / 17P
   Low-Voltage, Single and Dual Supply,High Performance, Quad SPST, Analog Switches
August 24, 2015
ISL84521 INTERSIL-ISL84521 Datasheet
365Kb / 12P
   Low-Voltage, Single and Dual Supply, Quad SPST, Analog Switches
ISL8391IB INTERSIL-ISL8391IB Datasheet
344Kb / 12P
   Low-Voltage, Single and Dual Supply Quad SPST, Analog Switches
August 2004
logo
Renesas Technology Corp
ISL84521 RENESAS-ISL84521 Datasheet
700Kb / 13P
   Low-Voltage, Single and Dual Supply, Quad SPST, Analog Switches
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com