Electronic Components Datasheet Search |
|
ISL8393IBZ Datasheet(PDF) 2 Page - Intersil Corporation |
|
ISL8393IBZ Datasheet(HTML) 2 Page - Intersil Corporation |
2 / 12 page 2 Pinouts (Note 1) ISL8391 (SOIC) TOP VIEW ISL8392 (SOIC) TOP VIEW ISL8393 (SOIC) TOP VIEW NOTE: 1. Switches Shown for Logic “0” Input. 14 15 16 9 13 12 11 10 1 2 3 4 5 7 6 8 IN1 COM1 NC1 V- GND NC4 IN4 COM4 IN2 NC2 V+ N.C. NC3 COM3 IN3 COM2 14 15 16 9 13 12 11 10 1 2 3 4 5 7 6 8 IN1 COM1 NO1 V- GND NO4 IN4 COM4 IN2 NO2 V+ N.C. NO3 COM3 IN3 COM2 14 15 16 9 13 12 11 10 1 2 3 4 5 7 6 8 IN1 COM1 NO1 V- GND NO4 IN4 COM4 IN2 NC2 V+ N.C. NC3 COM3 IN3 COM2 Truth Table LOGIC ISL8391 ISL8392 ISL8393 SW 1, 2, 3, 4 SW 1, 2, 3, 4 SW 1, 4 SW 2, 3 0On Off Off On 1 Off On On Off NOTE: Logic “0” ≤ 0.8V. Logic “1” ≥ 2.4V. Pin Descriptions PIN FUNCTION V+ Positive Power Supply Input V- Negative Power Supply Input. Connect to GND for Single Supply Configurations. GND Ground Connection IN Digital Control Input COM Analog Switch Common Pin NO Analog Switch Normally Open Pin NC Analog Switch Normally Closed Pin N.C. No Internal Connection Ordering Information PART NO. (BRAND) TEMP. RANGE (oC) PACKAGE PKG. DWG. # ISL8391IB -40 to 85 16 Ld SOIC (N) M16.15 ISL8391IBZ (See Note 2) -40 to 85 16 Ld SOIC (N) (Pb-free) M16.15 ISL8392IB -40 to 85 16 Ld SOIC (N) M16.15 ISL8392IBZ (See Note 2) -40 to 85 16 Ld SOIC (N) (Pb-free) M16.15 ISL8393IB -40 to 85 16 Ld SOIC (N) M16.15 ISL8393IBZ (See Note 2) -40 to 85 16 Ld SOIC (N) (Pb-free) M16.15 *Add “-T” suffix to part number for tape and reel packaging. NOTE: 2. Intersil Pb-free products employ special Pb-free material sets; molding compounds/die attach materials and 100% matte tin plate termination finish, which is compatible with both SnPb and Pb-free soldering operations. Intersil Pb-free products are MSL classified at Pb-free peak reflow temperatures that meet or exceed the Pb-free requirements of IPC/JEDEC J Std-020B. ISL8391, ISL8392, ISL8393 |
Similar Part No. - ISL8393IBZ |
|
Similar Description - ISL8393IBZ |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |