Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ICM7556IPDZ Datasheet(PDF) 4 Page - Intersil Corporation

Part # ICM7556IPDZ
Description  General Purpose Timers
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ICM7556IPDZ Datasheet(HTML) 4 Page - Intersil Corporation

  ICM7556IPDZ Datasheet HTML 1Page - Intersil Corporation ICM7556IPDZ Datasheet HTML 2Page - Intersil Corporation ICM7556IPDZ Datasheet HTML 3Page - Intersil Corporation ICM7556IPDZ Datasheet HTML 4Page - Intersil Corporation ICM7556IPDZ Datasheet HTML 5Page - Intersil Corporation ICM7556IPDZ Datasheet HTML 6Page - Intersil Corporation ICM7556IPDZ Datasheet HTML 7Page - Intersil Corporation ICM7556IPDZ Datasheet HTML 8Page - Intersil Corporation ICM7556IPDZ Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
4
FN2867.9
August 24, 2006
Functional Diagram
Reset Voltage
VRST
VDD = 2V to 15V
0.4
1.0
0.2
1.2
V
Reset Current
IRST
VDD = 15V
10
50
nA
Discharge Leakage
IDIS
VDD = 15V
10
50
nA
Output Voltage
VOL
VDD = 15V, ISINK = 20mA
0.4
1.0
1.25
V
VDD = 5V, ISINK = 3.2mA
0.2
0.4
0.5
V
VOH
VDD = 15V, ISOURCE = 0.8mA
14.3
14.6
14.2
V
VDD = 5V, ISOURCE = 0.8mA
4.0
4.3
3.8
V
Discharge Output Voltage
VDIS
VDD = 5V, ISINK = 15mA
0.2
0.4
0.6
V
VDD = 15V, ISINK = 15mA
0.4
V
Supply Voltage (Note 3)
VDD
Functional Operation
2.0
18.0
3.0
16.0
V
Output Rise Time (Note 3)
tR
RL = 10M, CL = 10pF, VDD = 5V
75
ns
Output Fall Time (Note 3)
tF
RL = 10M, CL = 10pF, VDD = 5V
75
ns
Oscillator Frequency
(Note 3)
fMAX
VDD = 5V, RA = 470Ω, RB = 270Ω,
C = 200pF
1MHz
NOTES:
3. These parameters are based upon characterization data and are not tested.
4. Applies only to military temperature range product (M suffix).
Electrical Specifications
Applies to ICM7555 and ICM7556, unless otherwise specified (Continued)
PARAMETER
SYMBOL
TEST CONDITIONS
TA = +25°C
(NOTE 4)
-55°C TO
+125°C
UNITS
MIN
TYP
MAX
MIN
TYP
MAX
+
-
THRESHOLD
CONTROL
VOLTAGE
6
5
3
1
+
-
TRIGGER
2
COMPARATOR
R
GND
B
COMPARATOR
A
R
VDD
8
OUTPUT
7
1
n
DISCHARGE
OUTPUT
DRIVERS
FLIP-FLOP
RESET
4
R
NOTE:
This functional diagram reduces the circuitry down to its simplest equivalent components. Tie down unused inputs.
TRUTH TABLE
THRESHOLD VOLTAGE
TRIGGER VOLTAGE
RESET
OUTPUT
DISCHARGE SWITCH
Don’t Care
Don’t Care
Low
Low
On
>2/3(V+)
>1/3(V+)
High
Low
On
<2/3(V+)
>1/3(V+)
High
Stable
Stable
Don’t Care
<1/3(V+)
High
High
Off
NOTE: RESET will dominate all other inputs: TRIGGER will dominate over THRESHOLD.
ICM7555, ICM7556


Similar Part No. - ICM7556IPDZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ICM7556IPDZ INTERSIL-ICM7556IPDZ Datasheet
287Kb / 12P
   General Purpose Timers
More results

Similar Description - ICM7556IPDZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADUCM322I AD-ADUCM322I Datasheet
464Kb / 23P
   general-purpose timers
logo
Maxim Integrated Produc...
ICM7555 MAXIM-ICM7555 Datasheet
326Kb / 8P
   General Purpose timers
19-0481; Rev 2; 11/92
logo
Intersil Corporation
ICM7555 INTERSIL-ICM7555_06 Datasheet
287Kb / 12P
   General Purpose Timers
logo
STMicroelectronics
NE556DT STMICROELECTRONICS-NE556DT Datasheet
517Kb / 16P
   General-purpose dual bipolar timers
NE555 STMICROELECTRONICS-NE555_07 Datasheet
494Kb / 20P
   General purpose single bipolar timers
NE556 STMICROELECTRONICS-NE556 Datasheet
641Kb / 8P
   GENERAL PURPOSE DUAL BIPOLAR TIMERS
logo
Panasonic Semiconductor
AN6780 PANASONIC-AN6780 Datasheet
47Kb / 4P
   General Purpose Long Interval Timers
logo
STMicroelectronics
NE555 STMICROELECTRONICS-NE555_95 Datasheet
142Kb / 10P
   GENERAL PURPOSE SINGLE BIPOLAR TIMERS
NE556 STMICROELECTRONICS-NE556_09 Datasheet
517Kb / 16P
   General-purpose dual bipolar timers
SA555DT STMICROELECTRONICS-SA555DT Datasheet
1Mb / 20P
   General-purpose single bipolar timers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com