Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL43840IR Datasheet(PDF) 5 Page - Intersil Corporation

Part # ISL43840IR
Description  Low-Voltage, Single and Dual Supply,Dual 4 to 1 Multiplexer Analog Switch with Enable
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL43840IR Datasheet(HTML) 5 Page - Intersil Corporation

  ISL43840IR Datasheet HTML 1Page - Intersil Corporation ISL43840IR Datasheet HTML 2Page - Intersil Corporation ISL43840IR Datasheet HTML 3Page - Intersil Corporation ISL43840IR Datasheet HTML 4Page - Intersil Corporation ISL43840IR Datasheet HTML 5Page - Intersil Corporation ISL43840IR Datasheet HTML 6Page - Intersil Corporation ISL43840IR Datasheet HTML 7Page - Intersil Corporation ISL43840IR Datasheet HTML 8Page - Intersil Corporation ISL43840IR Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
5
FN6056.2
March 13, 2006
COM OFF Leakage Current,
ICOM(OFF)
V+ = 13.2V, VCOM = 12V, 1V, VNO = 1V, 12V,
(Note 7)
25
-0.1
0.002
0.1
nA
Full
-2.5
-
2.5
nA
COM ON Leakage Current,
ICOM(ON)
V
+ = 13.2V, VCOM = 1V, 12V, VNO = 1V, 12V, or
floating, (Note 7)
25
-0.1
0.002
0.1
nA
Full
-2.5
-
2.5
nA
DIGITAL INPUT CHARACTERISTICS
Input Voltage High, VENH, VADDH
Full
3.7
3.3
-
V
Input Voltage Low, VENL, VADDL
Full
-
2.7
0.8
V
Input Current, IENH, IENL, IADDH,
IADDL
V+ = 13.2V, VENH, VADD = 0V or V+
Full
-0.5
0.03
0.5
µA
DYNAMIC CHARACTERISTICS
Enable Turn-ON Time, tON
V+ = 10.8V, VNO = 10V, RL = 300Ω, CL = 35pF,
VIN = 0 to 4, (See Figure 1)
25
-
24
40
ns
Full
-
45
ns
Enable Turn-OFF Time, tOFF
V+ = 10.8V, VNO = 10V, RL = 300Ω, CL = 35pF,
VIN = 0 to 4, (See Figure 1)
25
-
15
30
ns
Full
-
35
ns
Address Transition Time, tTRANS
V+ = 10.8V, VNO = 10V, RL = 300Ω, CL = 35pF,
VIN = 0 to 4, (See Figure 1)
25
-
27
50
ns
Full
-
55
ns
Break-Before-Make Time Delay, tD
V+ = 13.2V, RL = 300Ω, CL = 35pF, VNO = 10V,
VIN = 0 to 4, (See Figure 3)
Full
2
5
ns
Charge Injection, Q
CL = 1.0nF, VG = 0V, RG = 0Ω, (See Figure 2)
25
-
2.7
5
pC
OFF Isolation
RL = 50Ω, CL = 15pF, f = 100kHz,
VNO = 1VRMS, (See Figures 4 and 6)
25
-
92
-
dB
Crosstalk, (Note 8)
25
-
≤110
-
dB
All Hostile Crosstalk, (Note 8)
25
-
-105
-
dB
NO or NC OFF Capacitance, COFF f = 1MHz, VNO = VCOM = 0V, (See Figure 7)
25
-
3
-
pF
COM OFF Capacitance,
CCOM(OFF)
f = 1MHz, VNO = VCOM = 0V, (See Figure 7)
25
-
12
-
pF
COM ON Capacitance, CCOM(ON) f = 1MHz, VNO = VCOM = 0V, (See Figure 7)
25
-
18
-
pF
POWER SUPPLY CHARACTERISTICS
Power Supply Range
Full
2
-
12
V
Positive Supply Current, I+
V+ = 13.2V, VENH, VADD = 0V or V+, all channels On
or Off
Full
-1
-
1
µA
Positive Supply Current, I-
Full
-1
-
1
µA
Electrical Specifications +12V Supply
Test Conditions: V+ = +10.8V to +13.2V, GND = 0V, VINH = 4V, VINL = 0.8V (Note 3),
Unless Otherwise Specified (Continued)
PARAMETER
TEST CONDITIONS
TEMP
(°C)
(NOTE 4)
MIN
TYP
(NOTE 4)
MAX
UNITS
ISL43840


Similar Part No. - ISL43840IR

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL43840IR INTERSIL-ISL43840IR Datasheet
505Kb / 14P
   Low-Voltage, Single and Dual Supply, Dual 4 to 1 Multiplexer Analog Switch with Enable
ISL43840IR INTERSIL-ISL43840IR Datasheet
471Kb / 14P
   Low-Voltage, Single and Dual Supply, Dual 4 to 1 Multiplexer Analog Switch with Enable
logo
Renesas Technology Corp
ISL43840IR RENESAS-ISL43840IR Datasheet
757Kb / 14P
   Low-Voltage, Single and Dual Supply, Dual 4 to 1 Multiplexer Analog Switch with Enable
logo
Intersil Corporation
ISL43840IRZ INTERSIL-ISL43840IRZ Datasheet
471Kb / 14P
   Low-Voltage, Single and Dual Supply, Dual 4 to 1 Multiplexer Analog Switch with Enable
logo
Renesas Technology Corp
ISL43840IRZ RENESAS-ISL43840IRZ Datasheet
757Kb / 14P
   Low-Voltage, Single and Dual Supply, Dual 4 to 1 Multiplexer Analog Switch with Enable
More results

Similar Description - ISL43840IR

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL43840 INTERSIL-ISL43840_06 Datasheet
471Kb / 14P
   Low-Voltage, Single and Dual Supply, Dual 4 to 1 Multiplexer Analog Switch with Enable
ISL43840 INTERSIL-ISL43840 Datasheet
505Kb / 14P
   Low-Voltage, Single and Dual Supply, Dual 4 to 1 Multiplexer Analog Switch with Enable
logo
Renesas Technology Corp
ISL43840 RENESAS-ISL43840 Datasheet
757Kb / 14P
   Low-Voltage, Single and Dual Supply, Dual 4 to 1 Multiplexer Analog Switch with Enable
ISL43841 RENESAS-ISL43841 Datasheet
892Kb / 15P
   Low-Voltage, Single and Dual Supply, Dual 4 to 1 Multiplexer Analog Switch with Latch
logo
Intersil Corporation
ISL43841 INTERSIL-ISL43841 Datasheet
492Kb / 14P
   Low-Voltage, Single and Dual Supply, Dual 4 to 1 Multiplexer Analog Switch with Latch
ISL43841 INTERSIL-ISL43841_04 Datasheet
490Kb / 14P
   Low-Voltage, Single and Dual Supply, Dual 4 to 1 Multiplexer Analog Switch with Latch
ISL84051_0710 INTERSIL-ISL84051_0710 Datasheet
443Kb / 18P
   Low Voltage, Single and Dual Supply, 8 to 1 Multiplexer, Dual 4 to 1 Multiplexer and a Triple SPDT Analog Switch
logo
Renesas Technology Corp
ISL84051 RENESAS-ISL84051 Datasheet
919Kb / 19P
   Low Voltage, Single and Dual Supply, 8-to-1 Multiplexer, Dual 4-to-1 Multiplexer and a Triple SPDT Analog Switch
logo
Intersil Corporation
ISL84051 INTERSIL-ISL84051_07 Datasheet
441Kb / 18P
   Low Voltage, Single and Dual Supply, 8 to 1 Multiplexer, Dual 4 to 1 Multiplexer and a Triple SPDT Analog Switch
ISL84053IAZ-T INTERSIL-ISL84053IAZ-T Datasheet
784Kb / 19P
   Low Voltage, Single and Dual Supply, 8-to-1 Multiplexer, Dual 4-to-1 Multiplexer and a Triple SPDT Analog Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com