Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL43410IR Datasheet(PDF) 11 Page - Intersil Corporation

Part # ISL43410IR
Description  Low-Voltage, Single Supply, DPDT High Performance Analog Switch
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL43410IR Datasheet(HTML) 11 Page - Intersil Corporation

Back Button ISL43410IR Datasheet HTML 5Page - Intersil Corporation ISL43410IR Datasheet HTML 6Page - Intersil Corporation ISL43410IR Datasheet HTML 7Page - Intersil Corporation ISL43410IR Datasheet HTML 8Page - Intersil Corporation ISL43410IR Datasheet HTML 9Page - Intersil Corporation ISL43410IR Datasheet HTML 10Page - Intersil Corporation ISL43410IR Datasheet HTML 11Page - Intersil Corporation ISL43410IR Datasheet HTML 12Page - Intersil Corporation ISL43410IR Datasheet HTML 13Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 11 / 13 page
background image
11
FN6044.4
May 12, 2008
Die Characteristics
SUBSTRATE POTENTIAL (POWERED UP):
GND
TRANSISTOR COUNT:
193
PROCESS:
Si Gate CMOS
FIGURE 15. ADDRESS TRANS TIME vs SUPPLY VOLTAGE
FIGURE 16. CHARGE INJECTION vs SWITCH VOLTAGE
FIGURE 17. FREQUENCY RESPONSE
FIGURE 18. CROSSTALK AND OFF-ISOLATION
Typical Performance Curves T
A = +25°C, Unless Otherwise Specified. (Continued)
V+ (V)
23456789
10
11
12
VCOM = (V+) - 1V
50
100
150
200
250
300
350
0
-40°C
+85°C
+25°C
02
46
8
10
12
-5
-4
-3
-2
-1
0
1
2
3
VCOM (V)
V+ = 3.3V
V+ = 5V
V+ = 12V
FREQUENCY (Hz)
+3
0
-3
GAIN
PHASE
0
45
90
135
180
1M
10M
100M
600M
RL = 50Ω
VIN = 0.2VP-P (V+ = 13V)
VIN = 5VP-P (V+ = 13V)
VIN = 0.2VP-P (V+ = 3V)
VIN = 2.5VP-P (V+ = 3V)
FREQUENCY (Hz)
1k
100k
1M
100M
500M
10k
10M
-110
-10
-20
-30
-40
-50
-60
-70
-80
-90
-100
110
10
20
30
40
50
60
70
80
90
100
ISOLATION
CROSSTALK
V+ = 3V TO 12V
ISL43410


Similar Part No. - ISL43410IR

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL43410IR INTERSIL-ISL43410IR Datasheet
422Kb / 13P
   Low-Voltage, Single Supply, DPDT High Performance Analog Switch
ISL43410IR INTERSIL-ISL43410IR Datasheet
493Kb / 13P
   Low-Voltage, Single Supply, DPDT High Low-Voltage, Single Supply, DPDT High
logo
Renesas Technology Corp
ISL43410IR RENESAS-ISL43410IR Datasheet
825Kb / 14P
   Low-Voltage, Single Supply, DPDT High Performance Analog Switch
logo
Intersil Corporation
ISL43410IR-T INTERSIL-ISL43410IR-T Datasheet
422Kb / 13P
   Low-Voltage, Single Supply, DPDT High Performance Analog Switch
ISL43410IR-T INTERSIL-ISL43410IR-T Datasheet
493Kb / 13P
   Low-Voltage, Single Supply, DPDT High Low-Voltage, Single Supply, DPDT High
More results

Similar Description - ISL43410IR

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL43410 RENESAS-ISL43410 Datasheet
825Kb / 14P
   Low-Voltage, Single Supply, DPDT High Performance Analog Switch
logo
Intersil Corporation
ISL43410 INTERSIL-ISL43410_06 Datasheet
422Kb / 13P
   Low-Voltage, Single Supply, DPDT High Performance Analog Switch
logo
ON Semiconductor
NLAS44599DTR2G ONSEMI-NLAS44599DTR2G Datasheet
175Kb / 13P
   Low Voltage Single Supply Dual DPDT Analog Switch
July, 2008 ??Rev. 14
NLAST9431 ONSEMI-NLAST9431 Datasheet
101Kb / 11P
   Low Voltage Single Supply Dual DPDT Analog Switch
January, 2006 ??Rev. 0
NLAS9431 ONSEMI-NLAS9431 Datasheet
111Kb / 11P
   Low Voltage Single Supply Dual DPDT Analog Switch
January, 2006 ??Rev. 0
NLAS44599 ONSEMI-NLAS44599 Datasheet
167Kb / 12P
   Low Voltage Single Supply Dual DPDT Analog Switch
April, 2005 ??Rev. 13
NLAST44599 ONSEMI-NLAST44599_10 Datasheet
148Kb / 13P
   Low Voltage Single Supply Dual DPDT Analog Switch
November, 2010 ??Rev. 9
NLAST44599 ONSEMI-NLAST44599 Datasheet
90Kb / 12P
   Low Voltage Single Supply Dual DPDT Analog Switch
August, 2002 ??Rev. 5
NLAST44599 ONSEMI-NLAST44599_05 Datasheet
147Kb / 12P
   Low Voltage Single Supply Dual DPDT Analog Switch
February, 2005 ??Rev. 7
logo
Intersil Corporation
ISL43410 INTERSIL-ISL43410 Datasheet
493Kb / 13P
   Low-Voltage, Single Supply, DPDT High Low-Voltage, Single Supply, DPDT High
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com