Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PIC16C77X Datasheet(PDF) 8 Page - Microchip Technology

Part # PIC16C77X
Description  28/40-Pin, 8-Bit CMOS Microcontrollers w/ 12-Bit A/D
Download  200 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16C77X Datasheet(HTML) 8 Page - Microchip Technology

Back Button PIC16C77X Datasheet HTML 4Page - Microchip Technology PIC16C77X Datasheet HTML 5Page - Microchip Technology PIC16C77X Datasheet HTML 6Page - Microchip Technology PIC16C77X Datasheet HTML 7Page - Microchip Technology PIC16C77X Datasheet HTML 8Page - Microchip Technology PIC16C77X Datasheet HTML 9Page - Microchip Technology PIC16C77X Datasheet HTML 10Page - Microchip Technology PIC16C77X Datasheet HTML 11Page - Microchip Technology PIC16C77X Datasheet HTML 12Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 200 page
background image
PIC16C77X
DS30275A-page 8
Advance Information
© 1999 Microchip Technology Inc.
TABLE 1-2
PIC16C774 PINOUT DESCRIPTION
Pin Name
DIP
Pin#
PLCC
Pin#
QFP
Pin#
I/O/P
Type
Buffer
Type
Description
OSC1/CLKIN
13
14
30
I
ST/CMOS(4)
Oscillator crystal input/external clock source input.
OSC2/CLKOUT
14
15
31
O
Oscillator crystal output. Connects to crystal or resonator
in crystal oscillator mode. In RC mode, OSC2 pin outputs
CLKOUT which has 1/4 the frequency of OSC1, and
denotes the instruction cycle rate.
MCLR/VPP
1
2
18
I/P
ST
Master clear (reset) input or programming voltage input.
This pin is an active low reset to the device.
PORTA is a bi-directional I/O port.
RA0/AN0
2
3
19
I/O
TTL
RA0 can also be analog input0
RA1/AN1
3
4
20
I/O
TTL
RA1 can also be analog input1
RA2/AN2/VREF-/VRL
4
5
21
I/O
TTL
RA2 can also be analog input2 or negative analog
reference voltage input or internal voltage reference
low
RA3/AN3/VREF+/VRH
5
6
22
I/O
TTL
RA3 can also be analog input3 or positive analog
reference voltage input or internal voltage reference
high
RA4/T0CKI
6
7
23
I/O
ST
RA4 can also be the clock input to the Timer0 timer/
counter. Output is open drain type.
RA5/AN4
7
8
24
I/O
TTL
RA5 can also be analog input4
PORTB is a bi-directional I/O port. PORTB can be soft-
ware programmed for internal weak pull-up on all inputs.
RB0/INT
33
36
8
I/O
TTL/ST(1)
RB0 can also be the external interrupt pin.
RB1/SS
34
37
9
I/O
TTL/ST(1)
RB1 can also be the SSP slave select
RB2/AN8
35
38
10
I/O
TTL
RB2 can also be analog input8
RB3/AN9/LVDIN
36
39
11
I/O
TTL
RB3 can also be analog input9 or input reference for
low voltage detect
RB4
37
41
14
I/O
TTL
Interrupt on change pin.
RB5
38
42
15
I/O
TTL
Interrupt on change pin.
RB6
39
43
16
I/O
TTL/ST(2)
Interrupt on change pin. Serial programming clock.
RB7
40
44
17
I/O
TTL/ST(2)
Interrupt on change pin. Serial programming data.
Legend: I = input
O = output
I/O = input/output
P = power
— = Not used
TTL = TTL input
ST = Schmitt Trigger input
Note 1:
This buffer is a Schmitt Trigger input when configured for the multiplexed function.
2:
This buffer is a Schmitt Trigger input when used in serial programming mode.
3:
This buffer is a Schmitt Trigger input when configured as general purpose I/O and a TTL input when used in the Parallel
Slave Port mode (for interfacing to a microprocessor bus).
4:
This buffer is a Schmitt Trigger input when configured in RC oscillator mode and a CMOS input otherwise.


Similar Part No. - PIC16C77X

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
PIC16C77X MICROCHIP-PIC16C77X_13 Datasheet
4Mb / 202P
   28/40-Pin, 8-Bit CMOS Microcontrollers w/ 12-Bit A/D
11/29/12
More results

Similar Description - PIC16C77X

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
PIC16C77X MICROCHIP-PIC16C77X_13 Datasheet
4Mb / 202P
   28/40-Pin, 8-Bit CMOS Microcontrollers w/ 12-Bit A/D
11/29/12
PIC16C63A MICROCHIP-PIC16C63A Datasheet
1Mb / 184P
   28/40-Pin 8-Bit CMOS Microcontrollers
2000
PIC16F87X MICROCHIP-PIC16F87X_13 Datasheet
2Mb / 218P
   28/40-Pin 8-Bit CMOS FLASH Microcontrollers
11/29/12 1998-2013
PIC16LF877-04PT MICROCHIP-PIC16LF877-04PT Datasheet
2Mb / 218P
   28/40-Pin 8-Bit CMOS FLASH Microcontrollers
11/29/12
PIC16F7X MICROCHIP-PIC16F7X Datasheet
3Mb / 174P
   28/40-pin, 8-bit CMOS FLASH Microcontrollers
2002
PIC16CR73 MICROCHIP-PIC16CR73 Datasheet
3Mb / 172P
   28/40-Pin, 8-Bit CMOS ROM Microcontrollers
2007
PIC16F87X MICROCHIP-PIC16F87X_01 Datasheet
3Mb / 218P
   28/40-Pin 8-Bit CMOS FLASH Microcontrollers
2001
PIC16F87X MICROCHIP-PIC16F87X_98 Datasheet
1Mb / 200P
   28/40-pin 8-Bit CMOS FLASH Microcontrollers
1998
PIC16LF73-I MICROCHIP-PIC16LF73-I Datasheet
4Mb / 174P
   28/40-pin, 8-bit CMOS FLASH Microcontrollers
01/18/02
PIC16CR7X MICROCHIP-PIC16CR7X Datasheet
3Mb / 172P
   28/40-Pin, 8-Bit CMOS ROM Microcontrollers
2007
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com