Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL83699IV-T Datasheet(PDF) 4 Page - Intersil Corporation

Part # ISL83699IV-T
Description  Ultra Low ON-Resistance, Low Voltage, Single Supply, Quad SPDT (Dual DPDT) Analog Switch
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL83699IV-T Datasheet(HTML) 4 Page - Intersil Corporation

  ISL83699IV-T Datasheet HTML 1Page - Intersil Corporation ISL83699IV-T Datasheet HTML 2Page - Intersil Corporation ISL83699IV-T Datasheet HTML 3Page - Intersil Corporation ISL83699IV-T Datasheet HTML 4Page - Intersil Corporation ISL83699IV-T Datasheet HTML 5Page - Intersil Corporation ISL83699IV-T Datasheet HTML 6Page - Intersil Corporation ISL83699IV-T Datasheet HTML 7Page - Intersil Corporation ISL83699IV-T Datasheet HTML 8Page - Intersil Corporation ISL83699IV-T Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
4
FN6094.3
November 5, 2004
NO or NC OFF Capacitance, COFF f = 1MHz, VNO or VNC = VCOM = 0V, (See Figure 7)
25
-
106
-
pF
COM ON Capacitance, CCOM(ON)
f = 1MHz, VNO or VNC = VCOM = 0V, (See Figure 7)
25
-
212
-
pF
POWER SUPPLY CHARACTERISTICS
Power Supply Range
Full
1.65
3.6
V
Positive Supply Current, I+
V+ = 3.6V, VIN = 0V or V+
25
-
-
50
nA
Full
-
-
750
nA
DIGITAL INPUT CHARACTERISTICS
Input Voltage Low, VINL
Full
-
-
0.5
V
Input Voltage High, VINH
Full
1.4
-
-
V
Input Current, IINH, IINL
V+ = 3.6V, VIN = 0V or V+ (Note 8)
Full
-0.5
-
0.5
µA
NOTES:
4. VIN = input voltage to perform proper function.
5. The algebraic convention, whereby the most negative value is a minimum and the most positive a maximum, is used in this data sheet.
6. Parts are 100% tested at +25°C. Limits across the full temperature range are guaranteed by design and correlation.
7. Flatness is defined as the difference between maximum and minimum value of on-resistance over the specified analog signal range.
8. Guaranteed but not tested.
9. RON matching between channels is calculated by subtracting the channel with the highest max Ron value from the channel with lowest max Ron
value, between NC1 and NC2, NC3 and NC4 or between NO1 and NO2, NO3 and NO4.
Electrical Specifications - 1.8V Supply
Test Conditions: V+ = +1.65V to +2V, GND = 0V, VINH = 1.0V, VINL = 0.4V (Notes 4, 6),
Unless Otherwise Specified
PARAMETER
TEST CONDITIONS
TEMP
(°C)
(NOTE 5)
MIN
TYP
(NOTE 5)
MAX
UNITS
ANALOG SWITCH CHARACTERISTICS
Analog Signal Range, VANALOG
Full
0
-
V+
V
ON Resistance, RON
V+ = 1.8V, ICOM = 100mA, VNO or VNC = 0V to V+,
(See Figure 5)
25
-
0.45
0.8
Full
-
-
0.85
DYNAMIC CHARACTERISTICS
Turn-ON Time, tON
V+ = 1.65V, VNO or VNC = 1.0V, RL = 50Ω, CL = 35pF,
(See Figure 1, Note 8)
25
-
18
23
ns
Full
-
-
25
ns
Turn-OFF Time, tOFF
V+ = 1.65V, VNO or VNC = 1.0V, RL = 50Ω, CL = 35pF,
(See Figure 1, Note 8)
25
-
10
15
ns
Full
-
-
18
ns
Break-Before-Make Time Delay, tD
V+ = 2.0V, VNO or VNC = 1.0V, RL = 50Ω, CL = 35pF,
(See Figure 3, Note 8)
Full
2
5
-
ns
Charge Injection, Q
CL = 1.0nF, VG = 0V, RG = 0Ω, (See Figure 2)
25
-
-44
-
pC
OFF Isolation
RL = 50Ω, CL = 5pF, f = 100kHz, VCOM = 1VRMS,
(See Figure 4)
25
-
68
-
dB
Crosstalk (Channel-to-Channel)
RL = 50Ω, CL = 5pF, f = 100kHz, VCOM = 1VRMS,
(See Figure 6)
25
-
-98
-
dB
NO or NC OFF Capacitance, COFF f = 1MHz, VNO or VNC = VCOM = 0V, (See Figure 7)
25
-
106
-
pF
COM ON Capacitance, CCOM(ON)
f = 1MHz, VNO or VNC = VCOM = 0V, (See Figure 7)
25
-
212
-
pF
Electrical Specifications - 3V Supply
Test Conditions: V+ = +2.7V to +3.3V, GND = 0V, VINH = 1.4V, VINL = 0.5V (Notes 4, 6),
Unless Otherwise Specified (Continued)
PARAMETER
TEST CONDITIONS
TEMP
(°C)
(NOTE 5)
MIN
TYP
(NOTE 5)
MAX
UNITS
ISL83699


Similar Part No. - ISL83699IV-T

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL83699IV-T INTERSIL-ISL83699IV-T Datasheet
412Kb / 11P
   Ultra Low ON-Resistance, Low Voltage, Single Supply, Quad SPDT (Dual DPDT) Analog Switch
logo
Renesas Technology Corp
ISL83699IV-T RENESAS-ISL83699IV-T Datasheet
608Kb / 11P
   Ultra Low ON-Resistance, Low Voltage, Single Supply, Quad SPDT (Dual DPDT) Analog Switch
More results

Similar Description - ISL83699IV-T

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL83699 RENESAS-ISL83699 Datasheet
608Kb / 11P
   Ultra Low ON-Resistance, Low Voltage, Single Supply, Quad SPDT (Dual DPDT) Analog Switch
logo
Intersil Corporation
FN6094 INTERSIL-FN6094 Datasheet
412Kb / 11P
   Ultra Low ON-Resistance, Low Voltage, Single Supply, Quad SPDT (Dual DPDT) Analog Switch
logo
Vishay Siliconix
DG2788 VISHAY-DG2788_V01 Datasheet
190Kb / 11P
   Low Voltage, Low On-Resistance, Dual DPDT/Quad SPDT Analog Switch
01-Jan-2022
DG2788 VISHAY-DG2788 Datasheet
142Kb / 9P
   Low Voltage, Low On-Resistance, Dual DPDT/Quad SPDT Analog Switch
Rev. D, 26-Feb-07
DG2788 VISHAY-DG2788_11 Datasheet
142Kb / 10P
   Low Voltage, Low On-Resistance, Dual DPDT/Quad SPDT Analog Switch
Rev. E, 28-Feb-11
logo
Intersil Corporation
ISL84467 INTERSIL-ISL84467 Datasheet
289Kb / 12P
   Ultra Low ON-Resistance, 1.65V to 4.5V, Single Supply, Quad SPDT (Dual DPDT) Analog Switch
ISL8499 INTERSIL-ISL8499_08 Datasheet
452Kb / 14P
   Ultra Low ON-Resistance, 1.65V to 4.5V, Single Supply, Quad SPDT (Dual DPDT) Analog Switch
logo
Renesas Technology Corp
ISL54056 RENESAS-ISL54056 Datasheet
606Kb / 12P
   Ultra Low ON-Resistance, 1.65V to 4.5V, Single Supply, Quad SPDT (Dual DPDT) Analog Switch
logo
Intersil Corporation
ISL54056 INTERSIL-ISL54056 Datasheet
280Kb / 12P
   Ultra Low ON-Resistance, 1.65V to 4.5V, Single Supply, Quad SPDT (Dual DPDT) Analog Switch
logo
Renesas Technology Corp
ISL8499 RENESAS-ISL8499 Datasheet
774Kb / 14P
   Ultra Low ON-Resistance, 1.65V to 4.5V, Single Supply, Quad SPDT (Dual DPDT) Analog Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com