Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL84525IUZ Datasheet(PDF) 5 Page - Intersil Corporation

Part # ISL84525IUZ
Description  Low-Voltage, Single Supply, 4 to 1 Multiplexer and DPDT Analog Switches
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL84525IUZ Datasheet(HTML) 5 Page - Intersil Corporation

  ISL84525IUZ Datasheet HTML 1Page - Intersil Corporation ISL84525IUZ Datasheet HTML 2Page - Intersil Corporation ISL84525IUZ Datasheet HTML 3Page - Intersil Corporation ISL84525IUZ Datasheet HTML 4Page - Intersil Corporation ISL84525IUZ Datasheet HTML 5Page - Intersil Corporation ISL84525IUZ Datasheet HTML 6Page - Intersil Corporation ISL84525IUZ Datasheet HTML 7Page - Intersil Corporation ISL84525IUZ Datasheet HTML 8Page - Intersil Corporation ISL84525IUZ Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
5
FN6042.3
February 24, 2012
DIGITAL INPUT CHARACTERISTICS
Input Voltage High, VINH
Full
2.0
1.0
-
V
Input Voltage Low, VINL
Full
-
1.0
0.5
V
Input Current, IINH, IINL
V+ = 3.6V, VIN = 0V or V+
Full
-1
-
1
µA
DYNAMIC CHARACTERISTICS
Inhibit Turn-ON Time, tON
VNO or VNC = 1.5V, RL = 300Ω, CL = 35pF,
VIN = 0 to 3 (See Figure 1)
25
-
170
300
ns
Full
-
-
400
ns
Inhibit Turn-OFF Time, tOFF
VNO or VNC = 1.5V, RL = 300Ω, CL = 35pF,
VIN = 0 to 3 (See Figure 1)
25
-
50
200
ns
Full
-
-
300
ns
Address Transition Time, tTRANS
VNO or VNC = 1.5V, RL = 300Ω, CL = 35pF,
VIN = 0 to 3 (See Figure 1)
25
-
130
300
ns
Full
-
-
400
ns
Break-Before-Make Time Delay, tD
RL = 300Ω, CL = 35pF, VNO or VNC = 1.5V,
VIN = 0 to 3 (See Figure 3)
Full
5
40
-
ns
Charge Injection, Q
CL = 1.0nF, VG = 0V, RG = 0Ω (See Figure 2)
25
-
0.8
1
pC
OFF Isolation
RL = 50Ω, CL = 5pF, f = 1MHz (See Figure 4)
25
-
75
-
dB
Crosstalk (Channel-to-Channel)
RL = 50Ω, CL = 5pF, f = 1MHz (See Figure 6)
25
-
-85
-
dB
NO or NC OFF Capacitance, COFF f = 1MHz, VNO or VNC = VCOM = 0V (See Figure 7)
25
-
4
-
pF
COM OFF Capacitance,
CCOM(OFF)
f = 1MHz, VNO or VNC = VCOM = 0V (See Figure 7)
ISL84524
25
-
14
-
pF
f = 1MHz, VNO or VNC = VCOM = 0V (See Figure 7)
ISL84525
25
-
6
-
pF
COM ON Capacitance, CCOM(ON) f = 1MHz, VNO or VNC = VCOM = 0V (See Figure 7)
ISL84524
25
-
20
-
pF
f = 1MHz, VNO or VNC = VCOM = 0V (See Figure 7)
ISL84525
25
-
12
-
pF
POWER SUPPLY CHARACTERISTICS
Positive Supply Current, I+
V+ = 3.6V, VIN = 0V or V+, all channels on or off
25
-1
-
1
µA
Full
-10
-
10
µA
Electrical Specifications +3V Supply
Test Conditions: V+ = +2.7V to +3.6V, GND = 0V, VAH = 2.4V, VAL = 0.8V (Note 7), unless
otherwise specified. Boldface limits apply over the operating temperature range, -40°C to +85°C. (Continued)
PARAMETER
TEST CONDITIONS
TEMP
(°C)
MIN
(Note 8)
TYP
MAX
(Note 8) UNITS
ISL84524, ISL84525


Similar Part No. - ISL84525IUZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL84525IUZ INTERSIL-ISL84525IUZ Datasheet
354Kb / 12P
   Low-Voltage, Single Supply, 4 to 1 Multiplexer and DPDT Analog Switches
logo
Renesas Technology Corp
ISL84525IUZ RENESAS-ISL84525IUZ Datasheet
648Kb / 13P
   Low-Voltage, Single Supply, 4 to 1 Multiplexer and DPDT Analog Switches
More results

Similar Description - ISL84525IUZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL84524 INTERSIL-ISL84524_04 Datasheet
354Kb / 12P
   Low-Voltage, Single Supply, 4 to 1 Multiplexer and DPDT Analog Switches
ISL84524 INTERSIL-ISL84524 Datasheet
346Kb / 12P
   Low-Voltage, Single Supply, 4 to 1 Multiplexer and DPDT Analog Switches
logo
Renesas Technology Corp
ISL84524 RENESAS-ISL84524 Datasheet
648Kb / 13P
   Low-Voltage, Single Supply, 4 to 1 Multiplexer and DPDT Analog Switches
logo
Intersil Corporation
ISL84051 INTERSIL-ISL84051 Datasheet
560Kb / 17P
   Low-Voltage, Single and Dual Supply, 8 to 1 Multiplexer, Dual 4 to 1 Multiplexer and a Triple SPDT Analog Switches
ISL43681 INTERSIL-ISL43681_06 Datasheet
539Kb / 17P
   Low-Voltage, Single and Dual Supply, 8 to 1 Multiplexer and Differential 4 to 1 Multiplexer
logo
Renesas Technology Corp
ISL43681 RENESAS-ISL43681 Datasheet
1Mb / 18P
   Low-Voltage, Single and Dual Supply, 8 to 1 Multiplexer and Differential 4 to 1 Multiplexer
logo
Intersil Corporation
ISL43681 INTERSIL-ISL43681 Datasheet
604Kb / 17P
   Low-Voltage, Single and Dual Supply, 8 to 1 Multiplexer and Differential 4 to 1 Multiplexer
ISL43640IU INTERSIL-ISL43640IU Datasheet
415Kb / 13P
   Low-Voltage, Single Supply, 4 to 1 Multiplexer, High Performance Analog Switch
January 23, 2006
ISL43640 INTERSIL-ISL43640_06 Datasheet
412Kb / 13P
   Low-Voltage, Single Supply, 4 to 1 Multiplexer, High Performance Analog Switch
logo
Renesas Technology Corp
ISL43640 RENESAS-ISL43640 Datasheet
714Kb / 13P
   Low-Voltage, Single Supply, 4 to 1 Multiplexer, High Performance Analog Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com