Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MCP452WB Datasheet(PDF) 5 Page - Microchip Technology

Part # MCP452WB
Description  13.56 MHz Read/Write Passive RFID Device
Download  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP452WB Datasheet(HTML) 5 Page - Microchip Technology

  MCP452WB Datasheet HTML 1Page - Microchip Technology MCP452WB Datasheet HTML 2Page - Microchip Technology MCP452WB Datasheet HTML 3Page - Microchip Technology MCP452WB Datasheet HTML 4Page - Microchip Technology MCP452WB Datasheet HTML 5Page - Microchip Technology MCP452WB Datasheet HTML 6Page - Microchip Technology MCP452WB Datasheet HTML 7Page - Microchip Technology MCP452WB Datasheet HTML 8Page - Microchip Technology MCP452WB Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 50 page
background image
 2003 Microchip Technology Inc.
DS40232H-page 5
MCRF450/451/452/455
2.0
ELECTRICAL CHARACTERISTICS
TABLE 2-1:
ABSOLUTE RATINGS
TABLE 2-2:
OPERATING DC CHARACTERISTICS
Parameters
Symbol
Min
Max
Units
Conditions
Coil current into coil pad
IPP_AC
40
mA
Peak-to-Peak coil current
Maximum power dissipation
P
MPD
—0.5
W
Ambient temperature with power applied
T
AMB
-40
+125
°C
Assembly temperature
T
ASM
300
°C
< 10 sec.
Storage temperature
T
STORE
-65
150
°C
Note:
Stresses above those listed under “Maximum ratings” may cause permanent damage to the device. This
is a stress rating only and functional operation of the device at those or any other conditions above those
indicated in the operational listings of this specification is not implied. Exposure to maximum rating
conditions for extended periods may affect device reliability.
Standard Operating Conditions (unless otherwise stated)
Operating Temperature = -20°C to +70°C
Parameters
Symbol
Min
Typ
Max
Units
Conditions
Reading voltage
V
DDR
2.8
V
V
DD voltage for reading at 25°C
Operating current in
Normal mode
I
OPER_N
—20
µAVDD = 2.8V during reading at 25°C
Operating current in
Fast mode
I
OPER_F
—45
µAVDD = 2.8V during reading at 25°C
Writing current
I
WRITE
130
µA
At 25°C, V
DD = 2.8V
Writing voltage
V
WRITE
2.8
V
DC
At 25 °C
Modulation resistance
R
M
—3.0
5.0
DC turn-on resistance between
Drain and Source terminals of the
modulation transistor at V
DD = 2.8V
Data retention
200
Years
For T < 120°C
Endurance
1.0
Million
Cycles
At 25°C


Similar Part No. - MCP452WB

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
MCP4531 MICROCHIP-MCP4531 Datasheet
2Mb / 88P
   7/8-Bit Single/Dual I2C Digital POT with Volatile Memory
2008
MCP4531 MICROCHIP-MCP4531 Datasheet
3Mb / 102P
   7/8-Bit Single/Dual I2C Digital POT with Volatile Memory
2008-2013
MCP4531 MICROCHIP-MCP4531 Datasheet
2Mb / 102P
   7/8-Bit Single/Dual I2C Digital POT with Nonvolatile Memory
2008-2013
MCP4531-103E/MF MICROCHIP-MCP4531-103E/MF Datasheet
2Mb / 88P
   7/8-Bit Single/Dual I2C Digital POT with Volatile Memory
2008
MCP4531-103E/ML MICROCHIP-MCP4531-103E/ML Datasheet
2Mb / 88P
   7/8-Bit Single/Dual I2C Digital POT with Volatile Memory
2008
More results

Similar Description - MCP452WB

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
MCRF355 MICROCHIP-MCRF355 Datasheet
497Kb / 22P
   13.56 MHz Passive RFID Device with Anti-Collision Feature
10/18/02
logo
ATMEL Corporation
ATA5577M1330C-PPMY ATMEL-ATA5577M1330C-PPMY_14 Datasheet
292Kb / 8P
   Read/Write LF RFID IDIC Transponder 125KHz
logo
EM Microelectronic - MA...
EM4006 EMMICRO-EM4006 Datasheet
88Kb / 10P
   13.56 MHz 64 Data bit Read Only Contactless Identification Device
logo
ATMEL Corporation
AT88RF020 ATMEL-AT88RF020_06 Datasheet
330Kb / 14P
   13.56 MHz, 2048-bit RFID EEPROM
logo
Texas Instruments
DK-EM2-7960R TI-DK-EM2-7960R Datasheet
158Kb / 3P
[Old version datasheet]   13.56 MHz RFID Protocol on Stellaris짰
logo
ATMEL Corporation
AT88RF020 ATMEL-AT88RF020 Datasheet
194Kb / 14P
   13.56 MHz, 2048-bit RFID EEPROM
ATA5577C ATMEL-ATA5577C_14 Datasheet
1Mb / 47P
   Read/Write LF RFID IDIC 100 to 150kHz
ATA5577C ATMEL-ATA5577C Datasheet
1Mb / 47P
   Read/Write LF RFID IDIC 100 to 150kHz
ATA5575M2 ATMEL-ATA5575M2_14 Datasheet
915Kb / 25P
   Read/Write LF RFID IDIC 100kHz to 150kHz
ATA5575M1 ATMEL-ATA5575M1_14 Datasheet
813Kb / 22P
   Read/Write LF RFID IDIC 100kHz to 150kHz
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com