Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

X28HC256PIZ-12 Datasheet(PDF) 4 Page - Intersil Corporation

Part # X28HC256PIZ-12
Description  256k, 32k x 8-Bit, 5V, Byte Alterable EEPROM
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

X28HC256PIZ-12 Datasheet(HTML) 4 Page - Intersil Corporation

  X28HC256PIZ-12 Datasheet HTML 1Page - Intersil Corporation X28HC256PIZ-12 Datasheet HTML 2Page - Intersil Corporation X28HC256PIZ-12 Datasheet HTML 3Page - Intersil Corporation X28HC256PIZ-12 Datasheet HTML 4Page - Intersil Corporation X28HC256PIZ-12 Datasheet HTML 5Page - Intersil Corporation X28HC256PIZ-12 Datasheet HTML 6Page - Intersil Corporation X28HC256PIZ-12 Datasheet HTML 7Page - Intersil Corporation X28HC256PIZ-12 Datasheet HTML 8Page - Intersil Corporation X28HC256PIZ-12 Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 19 page
background image
X28HC256
4
FN8108.5
August 27, 2015
Submit Document Feedback
Absolute Maximum Ratings
Thermal Information
Voltage on any Pin with Respect to VSS . . . . . . . . . . . . . . . . . . . . . 1V to +7V
DC Output Current . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 10mA
Recommended Operating Conditions
Temperature Range
Commercial. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 0°C to +70°C
Industrial . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -40°C to +85°C
Supply Voltage . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 5V ± 10%
Temperature Under Bias
X28HC256. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -10°C to +85°C
X28HC256I . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .-65°C to +150°C
Storage Temperature . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .-65°C to +150°C
Pb-free Reflow Profile . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . see TB493
*Pb-free PDIPs can be used for through hole wave solder processing only.
They are not intended for use in Reflow solder processing applications.
CAUTION: Do not operate at or near the maximum ratings listed for extended periods of time. Exposure to such conditions may adversely impact product
reliability and result in failures not covered by warranty.
DC Electrical Specifications Across recommended operating conditions, unless otherwise specified.
PARAMETER
SYMBOL
TEST CONDITIONS
LIMITS
UNIT
MIN
(Note 7)
TYP
(Note 5)
MAX
(Note 7)
VCC Active Current
(TTL Inputs)
ICC
CE = OE = VIL, WE = VIH, All I/O’s = open,
address inputs = 0.4V/2.4V levels at f = 10MHz
30
60
mA
VCC Standby Current
(TTL Inputs)
ISB1
CE = VIH, OE = VIL, All I/O’s = open, other inputs = VIH
12
mA
VCC Standby Current
(CMOS Inputs)
ISB2
CE = VCC - 0.3V, OE = GND, All I/Os = open, other
inputs = VCC - 0.3V
200
500
µA
Input Leakage Current
ILI
VIN = VSS to VCC
10
µA
Output Leakage Current
ILO
VOUT = VSS to VCC, CE = VIH
10
µA
Input Low Voltage
VlL (Note 6)-1
0.8
V
Input High Voltage
VIH (Note 6)2
VCC + 1
V
Output Low Voltage
VOL
IOL = 6mA
0.4
V
Output High Voltage
VOH
IOH = -4mA
2.4
V
NOTES:
5. Typical values are for TA = +25°C and nominal supply voltage.
6. VIL minimum and VIH maximum are for reference only and are not tested.
7. Compliance to datasheet limits is assured by one or more methods: production test, characterization and/or design.
Power-up Timing
PARAMETER
SYMBOL
MAX
UNIT
Power-up to Read
tPUR, (Note 8)100
µs
Power-up to Write
tPUW, (Note 8)5
ms
NOTE:
8. This parameter is periodically sampled and not 100% tested.
Capacitance T
A = +25°C, f = 1MHz, VCC = 5V.
SYMBOL
TEST
CONDITIONS
MAX
UNIT
CI/O (Note 8)
Input/output capacitance
VI/O = 0V
10
pF
CIN (Note 8)
Input capacitance
VIN = 0V
6
pF
Endurance and Data Retention
PARAMETER
MIN
MAX
UNIT
Endurance
100,000
Cycles
Data retention
100
Years


Similar Part No. - X28HC256PIZ-12

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
X28HC256PIZ-12 INTERSIL-X28HC256PIZ-12 Datasheet
286Kb / 15P
   5 Volt, Byte Alterable EEPROM
X28HC256PIZ-12 INTERSIL-X28HC256PIZ-12 Datasheet
410Kb / 20P
   5V, Byte Alterable EEPROM
logo
Rochester Electronics
X28HC256PIZ-12 ROCHESTER-X28HC256PIZ-12 Datasheet
977Kb / 21P
   LOW POWER CMOS EEPROM with hi-speed page write capability 256K EEPROM
logo
Renesas Technology Corp
X28HC256PIZ-12 RENESAS-X28HC256PIZ-12 Datasheet
873Kb / 19P
   256k, 32k x 8-Bit, 5V, Byte Alterable EEPROM
More results

Similar Description - X28HC256PIZ-12

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
X28HC256 RENESAS-X28HC256 Datasheet
873Kb / 19P
   256k, 32k x 8-Bit, 5V, Byte Alterable EEPROM
logo
Intersil Corporation
X28C010 INTERSIL-X28C010_07 Datasheet
440Kb / 20P
   5V, Byte Alterable EEPROM
X28C512 INTERSIL-X28C512_06 Datasheet
465Kb / 21P
   5V, Byte Alterable EEPROM
X28C512 INTERSIL-X28C512 Datasheet
599Kb / 25P
   5V, Byte Alterable EEPROM
X28HC256 INTERSIL-X28HC256_07 Datasheet
410Kb / 20P
   5V, Byte Alterable EEPROM
logo
Renesas Technology Corp
X28C512 RENESAS-X28C512 Datasheet
848Kb / 21P
   5V, Byte Alterable EEPROM
X28C010 RENESAS-X28C010 Datasheet
823Kb / 20P
   5V, Byte Alterable EEPROM
February 12, 2007
logo
Maxwell Technologies
28C256T MAXWELL-28C256T Datasheet
283Kb / 14P
   256K EEPROM (32K x 8-Bit) EEPROM
logo
Renesas Technology Corp
X28HC64 RENESAS-X28HC64 Datasheet
784Kb / 18P
   64k, 8k x 8-Bit 5 Volt, Byte Alterable EEPROM
logo
Austin Semiconductor
AS28C010 AUSTIN-AS28C010 Datasheet
306Kb / 14P
   128K x 8 EEPROM EEPROM Memory 5 Volt, Byte Alterable
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com