Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

X28HC64JI-12 Datasheet(PDF) 6 Page - Intersil Corporation

Part # X28HC64JI-12
Description  5 Volt, Byte Alterable EEPR
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

X28HC64JI-12 Datasheet(HTML) 6 Page - Intersil Corporation

Back Button X28HC64JI-12 Datasheet HTML 2Page - Intersil Corporation X28HC64JI-12 Datasheet HTML 3Page - Intersil Corporation X28HC64JI-12 Datasheet HTML 4Page - Intersil Corporation X28HC64JI-12 Datasheet HTML 5Page - Intersil Corporation X28HC64JI-12 Datasheet HTML 6Page - Intersil Corporation X28HC64JI-12 Datasheet HTML 7Page - Intersil Corporation X28HC64JI-12 Datasheet HTML 8Page - Intersil Corporation X28HC64JI-12 Datasheet HTML 9Page - Intersil Corporation X28HC64JI-12 Datasheet HTML 10Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 18 page
background image
6
FN8109.3
August 18, 2015
Software Data Protection
Regardless of whether the device has previously been
protected or not, once the software data protection algorithm
is used, the X28HC64 will automatically disable further
writes unless another command is issued to deactivate it. If
no further commands are issued the X28HC64 will be write
protected during power-down and after any subsequent
power-up.
Note: Once initiated, the sequence of write operations
should not be interrupted.
CE
WE
(VCC)
WRITE
PROTECTED
VCC
0V
DATA
ADDR
AAA
1555
55
0AAA
A0
1555
tBLC MAX
WRITES
OK
BYTE
OR
PAGE
tWC
FIGURE 6. TIMING SEQUENCE—BYTE OR PAGE WRITE
WRITE LAST
WRITE DATA XX
TO ANY
WRITE DATA A0
TO ADDRESS
1555
WRITE DATA 55
TO ADDRESS
0AAA
WRITE DATA AA
TO ADDRESS
1555
AFTER TWC
RE-ENTERS DATA
PROTECTED STATE
BYTE TO
LAST ADDRESS
ADDRESS
OPTIONAL
BYTE/PAGE
LOAD OPERATION
BYTE/PAGE
LOAD ENABLED
FIGURE 7. WRITE SEQUENCE FOR SOFTWARE DATA
PROTECTION
X28HC64


Similar Part No. - X28HC64JI-12

ManufacturerPart #DatasheetDescription
logo
Xicor Inc.
X28HC64JI-12 XICOR-X28HC64JI-12 Datasheet
112Kb / 24P
   5 Volt, Byte Alterable E2PROM
logo
Intersil Corporation
X28HC64JI-12 INTERSIL-X28HC64JI-12 Datasheet
310Kb / 16P
   5 Volt, Byte Alterable EEPROM
X28HC64JI-12 INTERSIL-X28HC64JI-12 Datasheet
363Kb / 17P
   5 Volt, Byte Alterable EEPROM
logo
Renesas Technology Corp
X28HC64JI-12 RENESAS-X28HC64JI-12 Datasheet
784Kb / 18P
   64k, 8k x 8-Bit 5 Volt, Byte Alterable EEPROM
More results

Similar Description - X28HC64JI-12

ManufacturerPart #DatasheetDescription
logo
Xicor Inc.
X28C64 XICOR-X28C64 Datasheet
110Kb / 25P
   5 Volt, Byte Alterable E2PROM
logo
Intersil Corporation
X28HC64 INTERSIL-X28HC64 Datasheet
310Kb / 16P
   5 Volt, Byte Alterable EEPROM
logo
Xicor Inc.
XM28C040 XICOR-XM28C040 Datasheet
76Kb / 17P
   5 Volt, Byte Alterable E2PROM
X28HC256 XICOR-X28HC256 Datasheet
110Kb / 24P
   5 Volt, Byte Alterable E2PROM
X28HC64 XICOR-X28HC64 Datasheet
112Kb / 24P
   5 Volt, Byte Alterable E2PROM
X28VC256 XICOR-X28VC256 Datasheet
109Kb / 24P
   5 Volt, Byte Alterable E2PROM
X2804C XICOR-X2804C Datasheet
54Kb / 13P
   5 Volt, Byte Alterable E2PROM
X2816C XICOR-X2816C Datasheet
72Kb / 16P
   5 Volt, Byte Alterable E2PROM
X28C512 XICOR-X28C512 Datasheet
126Kb / 25P
   5 Volt, Byte Alterable E2PROM
logo
Intersil Corporation
X28HC256 INTERSIL-X28HC256 Datasheet
286Kb / 15P
   5 Volt, Byte Alterable EEPROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com