Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PIC16LC71 Datasheet(PDF) 10 Page - Microchip Technology

Part # PIC16LC71
Description  8-Bit CMOS Microcontrollers with A/D Converter
Download  176 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16LC71 Datasheet(HTML) 10 Page - Microchip Technology

Back Button PIC16LC71 Datasheet HTML 6Page - Microchip Technology PIC16LC71 Datasheet HTML 7Page - Microchip Technology PIC16LC71 Datasheet HTML 8Page - Microchip Technology PIC16LC71 Datasheet HTML 9Page - Microchip Technology PIC16LC71 Datasheet HTML 10Page - Microchip Technology PIC16LC71 Datasheet HTML 11Page - Microchip Technology PIC16LC71 Datasheet HTML 12Page - Microchip Technology PIC16LC71 Datasheet HTML 13Page - Microchip Technology PIC16LC71 Datasheet HTML 14Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 176 page
background image
PIC16C71X
DS30272A-page 10
© 1997 Microchip Technology Inc.
3.1
Clocking Scheme/Instruction Cycle
The clock input (from OSC1) is internally divided by
four to generate four non-overlapping quadrature
clocks namely Q1, Q2, Q3 and Q4. Internally, the pro-
gram counter (PC) is incremented every Q1, the
instruction is fetched from the program memory and
latched into the instruction register in Q4. The instruc-
tion is decoded and executed during the following Q1
through Q4. The clocks and instruction execution flow
is shown in Figure 3-2.
3.2
Instruction Flow/Pipelining
An “Instruction Cycle” consists of four Q cycles (Q1,
Q2, Q3 and Q4). The instruction fetch and execute are
pipelined such that fetch takes one instruction cycle
while decode and execute takes another instruction
cycle. However, due to the pipelining, each instruction
effectively executes in one cycle. If an instruction
causes the program counter to change (e.g. GOTO) then
two cycles are required to complete the instruction
(Example 3-1).
A fetch cycle begins with the program counter (PC)
incrementing in Q1.
In the execution cycle, the fetched instruction is latched
into the “Instruction Register” (IR) in cycle Q1. This
instruction is then decoded and executed during the
Q2, Q3, and Q4 cycles. Data memory is read during Q2
(operand read) and written during Q4 (destination
write).
FIGURE 3-2:
CLOCK/INSTRUCTION CYCLE
EXAMPLE 3-1:
INSTRUCTION PIPELINE FLOW
Q1
Q2
Q3
Q4
Q1
Q2
Q3
Q4
Q1
Q2
Q3
Q4
OSC1
Q1
Q2
Q3
Q4
PC
OSC2/CLKOUT
(RC mode)
PC
PC+1
PC+2
Fetch INST (PC)
Execute INST (PC-1)
Fetch INST (PC+1)
Execute INST (PC)
Fetch INST (PC+2)
Execute INST (PC+1)
Internal
phase
clock
All instructions are single cycle, except for any program branches. These take two cycles since the fetch
instruction is “flushed” from the pipeline while the new instruction is being fetched and then executed.
Tcy0
Tcy1
Tcy2
Tcy3
Tcy4
Tcy5
1. MOVLW 55h
Fetch 1
Execute 1
2. MOVWF PORTB
Fetch 2
Execute 2
3. CALL SUB_1
Fetch 3
Execute 3
4. BSF PORTA, BIT3 (Forced NOP)
Fetch 4
Flush
5. Instruction @ address SUB_1
Fetch SUB_1 Execute SUB_1


Similar Part No. - PIC16LC71

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
PIC16LC712 MICROCHIP-PIC16LC712 Datasheet
1Mb / 108P
   8-Bit CMOS Microcontrollers with A/D Converter and Capture/Compare/PWM
1999
PIC16LC712 MICROCHIP-PIC16LC712 Datasheet
1Mb / 106P
   8-Bit CMOS Microcontrollers with A/D Converter and Capture/Compare/PWM
11/29/12 1999-2013
PIC16LC712-04/JW MICROCHIP-PIC16LC712-04/JW Datasheet
1Mb / 108P
   8-Bit CMOS Microcontrollers with A/D Converter and Capture/Compare/PWM
1999
PIC16LC712-04/P MICROCHIP-PIC16LC712-04/P Datasheet
1Mb / 108P
   8-Bit CMOS Microcontrollers with A/D Converter and Capture/Compare/PWM
1999
PIC16LC712-04/SO MICROCHIP-PIC16LC712-04/SO Datasheet
1Mb / 108P
   8-Bit CMOS Microcontrollers with A/D Converter and Capture/Compare/PWM
1999
More results

Similar Description - PIC16LC71

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
PIC16C7X MICROCHIP-PIC16C7X Datasheet
2Mb / 288P
   8-Bit CMOS Microcontrollers with A/D Converter
1997 - 1999
PIC16LC63A-04 MICROCHIP-PIC16LC63A-04 Datasheet
1Mb / 184P
   8-Bit CMOS Microcontrollers with A/D Converter
10/01/00
PIC16LC74B-16 MICROCHIP-PIC16LC74B-16 Datasheet
329Kb / 41P
   8-Bit CMOS Microcontrollers with A/D Converter
1999 - 2002
PIC16C72 MICROCHIP-PIC16C72_13 Datasheet
1Mb / 128P
   8-Bit CMOS Microcontrollers with A/D Converter
11/29/12 1998-2013
PIC16C63A-20-SP MICROCHIP-PIC16C63A-20-SP Datasheet
1Mb / 186P
   8-Bit CMOS Microcontrollers with A/D Converter
11/29/12
PIC16C74A-10 MICROCHIP-PIC16C74A-10 Datasheet
2Mb / 184P
   8-Bit CMOS Microcontrollers with A/D Converter
10/01/00
PIC16C72 MICROCHIP-PIC16C72 Datasheet
1Mb / 124P
   8-Bit CMOS Microcontrollers with A/D Converter
1998
PIC16C74A-04P MICROCHIP-PIC16C74A-04P Datasheet
2Mb / 184P
   8-Bit CMOS Microcontrollers with A/D Converter
10/01/00
PIC16LC63A-04SO MICROCHIP-PIC16LC63A-04SO Datasheet
1Mb / 186P
   8-Bit CMOS Microcontrollers with A/D Converter
11/29/12
PIC16C63A MICROCHIP-PIC16C63A_13 Datasheet
1Mb / 186P
   8-Bit CMOS Microcontrollers with A/D Converter
11/29/12 1998-2013
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com