Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PIC16C9XX Datasheet(PDF) 6 Page - Microchip Technology

Part # PIC16C9XX
Description  8-Bit CMOS Microcontroller with LCD Driver
Download  189 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16C9XX Datasheet(HTML) 6 Page - Microchip Technology

Back Button PIC16C9XX Datasheet HTML 2Page - Microchip Technology PIC16C9XX Datasheet HTML 3Page - Microchip Technology PIC16C9XX Datasheet HTML 4Page - Microchip Technology PIC16C9XX Datasheet HTML 5Page - Microchip Technology PIC16C9XX Datasheet HTML 6Page - Microchip Technology PIC16C9XX Datasheet HTML 7Page - Microchip Technology PIC16C9XX Datasheet HTML 8Page - Microchip Technology PIC16C9XX Datasheet HTML 9Page - Microchip Technology PIC16C9XX Datasheet HTML 10Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 189 page
background image
PIC16C9XX
DS30444E - page 6
© 1997 Microchip Technology Inc.
TABLE 1-1: PIC16C9XX FAMILY OF DEVICES
PIC16C923
PIC16C924
Clock
Maximum Frequency of Operation (MHz)
8
8
Memory
EPROM Program Memory
4K
4K
Data Memory (bytes)
176
176
Peripherals
Timer Module(s)
TMR0,
TMR1,
TMR2
TMR0,
TMR1,
TMR2
Capture/Compare/PWM Module(s)
1
1
Serial Port(s)
(SPI/I2C, USART)
SPI/I2C
SPI/I2C
Parallel Slave Port
A/D Converter (8-bit) Channels
5
LCD Module
4 Com,
32 Seg
4 Com,
32 Seg
Features
Interrupt Sources
8
9
I/O Pins
25
25
Input Pins
27
27
Voltage Range (Volts)
2.5-6.0
2.5-6.0
In-Circuit Serial Programming
Yes
Yes
Brown-out Reset
Packages
64-pin SDIP,
TQFP;
68-pin PLCC,
Die
64-pin SDIP,
TQFP;
68-pin PLCC,
Die
All PICmicro Family devices have Power-on Reset, selectable Watchdog Timer, selectable code protect and high I/O current capabil-
ity. All PIC16C9XX Family devices use serial programming with clock pin RB6 and data pin RB7.


Similar Part No. - PIC16C9XX

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
PIC16C9XX MICROCHIP-PIC16C9XX Datasheet
1Mb / 184P
   8-Bit CMOS Microcontrollers with A/D Converter
10/01/00
More results

Similar Description - PIC16C9XX

ManufacturerPart #DatasheetDescription
logo
Hynix Semiconductor
GMS81C3004 HYNIX-GMS81C3004 Datasheet
1Mb / 90P
   CMOS SINGLE-CHIP 8-BIT MICROCONTROLLER WITH LCD DRIVER
logo
Integral Corp.
IZ7008 INTEGRAL-IZ7008 Datasheet
445Kb / 16P
   8-BIT MICROCONTROLLER WITH LCD DRIVER
logo
Finechips
MC96P6608 FINECHIPS-MC96P6608 Datasheet
84Kb / 1P
   8-bit Microcontroller with LCD Driver
MC96F6432 FINECHIPS-MC96F6432 Datasheet
86Kb / 1P
   8-bit Microcontroller with LCD Driver
MC96F6832 FINECHIPS-MC96F6832 Datasheet
85Kb / 1P
   8-bit Microcontroller with LCD Driver
MC96F7816 FINECHIPS-MC96F7816 Datasheet
86Kb / 1P
   8-bit Microcontroller with LCD Driver
logo
Feeling Technology Corp...
FM8PE68B FEELING-FM8PE68B Datasheet
3Mb / 81P
   OTP-Based 8-Bit Microcontroller with LCD Driver
FM8P756 FEELING-FM8P756 Datasheet
3Mb / 80P
   OTP-Based 8-Bit Microcontroller with LCD Driver
logo
List of Unclassifed Man...
ML610Q411 ETC2-ML610Q411 Datasheet
639Kb / 36P
   8-bit Microcontroller with a Built-in LCD driver
ML610Q428 ETC2-ML610Q428 Datasheet
552Kb / 33P
   8-bit Microcontroller with a Built-in LCD driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com