Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MCP6004IP Datasheet(PDF) 10 Page - Microchip Technology

Part # MCP6004IP
Description  1 MHz Bandwidth Low Power Op Amp
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP6004IP Datasheet(HTML) 10 Page - Microchip Technology

Back Button MCP6004IP Datasheet HTML 6Page - Microchip Technology MCP6004IP Datasheet HTML 7Page - Microchip Technology MCP6004IP Datasheet HTML 8Page - Microchip Technology MCP6004IP Datasheet HTML 9Page - Microchip Technology MCP6004IP Datasheet HTML 10Page - Microchip Technology MCP6004IP Datasheet HTML 11Page - Microchip Technology MCP6004IP Datasheet HTML 12Page - Microchip Technology MCP6004IP Datasheet HTML 13Page - Microchip Technology MCP6004IP Datasheet HTML 14Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 24 page
background image
MCP6001/2/4
DS21733D-page 10
 2003 Microchip Technology Inc.
4.0
DESIGN TOOLS
Microchip provides the basic design tools needed for
the MCP6001/2/4 family of op amps.
4.1
SPICE Macro Model
The latest Spice macro model for the MCP6001/2/4
operational amplifiers (op amps) is available on our
website at www.microchip.com. This model is intended
as an initial design tool that works well in the op amp’s
linear region of operation at room temperature. See the
model file for information on its capabilities.
Bench testing is a very important part of any design and
cannot be replaced with simulations. Also, simulation
results using this macro model need to be validated by
comparing them to the data sheet specifications and
characteristic curves.
4.2
FilterLab® Software
FilterLab is an innovative software tool that simplifies
analog active filter (using op amps) design. Available at
no cost from our website at www.microchip.com, the
FilterLab software active filter software design tool pro-
vides full schematic diagrams of the filter circuit with
component values. It also outputs the filter circuit in
SPICE format, which can be used with the macro
model to simulate actual filter performance.


Similar Part No. - MCP6004IP

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
MCP6004 MICROCHIP-MCP6004 Datasheet
470Kb / 28P
   1 MHz, Low-Power Op Amp
2005
MCP6004-E/LT MICROCHIP-MCP6004-E/LT Datasheet
470Kb / 28P
   1 MHz, Low-Power Op Amp
2005
MCP6004-E/MS MICROCHIP-MCP6004-E/MS Datasheet
470Kb / 28P
   1 MHz, Low-Power Op Amp
2005
MCP6004-E/OT MICROCHIP-MCP6004-E/OT Datasheet
470Kb / 28P
   1 MHz, Low-Power Op Amp
2005
MCP6004-E/P MICROCHIP-MCP6004-E/P Datasheet
470Kb / 28P
   1 MHz, Low-Power Op Amp
2005
More results

Similar Description - MCP6004IP

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
MCP6001 MICROCHIP-MCP6001_05 Datasheet
470Kb / 28P
   1 MHz, Low-Power Op Amp
2005
logo
Texas Instruments
OPA838 TI1-OPA838 Datasheet
1Mb / 41P
[Old version datasheet]   1-mA, 300-MHz Gain Bandwidth, Voltage-Feedback Op Amp
logo
Microchip Technology
MIC920 MICROCHIP-MIC920 Datasheet
928Kb / 24P
   80 MHz Low-Power SC70 Op Amp
05/14/19
logo
Analog Devices
AD9617 AD-AD9617 Datasheet
140Kb / 10P
   Low Distortion, Precision, Wide Bandwidth Op Amp
REV. B
AD9618 AD-AD9618_15 Datasheet
474Kb / 8P
   LOW DISTORTION PRECISION WIDE BANDWIDTH OP AMP
REV. A
AD9618 AD-AD9618 Datasheet
414Kb / 8P
   Low Distortion, Precision, Wide Bandwidth Op Amp
REV. A
logo
Texas Instruments
OPA837_1809 TI1-OPA837_1809 Datasheet
2Mb / 58P
[Old version datasheet]   Low-Power, Precision, 105-MHz, Voltage-Feedback Op Amp
logo
Maxim Integrated Produc...
MAX9622 MAXIM-MAX9622_V01 Datasheet
777Kb / 10P
   Precision, High-Bandwidth Op Amp
2015
MAX9622 MAXIM-MAX9622 Datasheet
1Mb / 10P
   Precision, High-Bandwidth Op Amp
Rev 0; 9/10
logo
Texas Instruments
OPA837 TI1-OPA837_18 Datasheet
2Mb / 57P
[Old version datasheet]   Low-Power, Precision, 105-MHz, Voltage-Feedback Op Amp
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com