Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

28C64AFT-15ITS Datasheet(PDF) 4 Page - Microchip Technology

Part # 28C64AFT-15ITS
Description  64K (8K x 8) CMOS EEPROM
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

28C64AFT-15ITS Datasheet(HTML) 4 Page - Microchip Technology

  28C64AFT-15ITS Datasheet HTML 1Page - Microchip Technology 28C64AFT-15ITS Datasheet HTML 2Page - Microchip Technology 28C64AFT-15ITS Datasheet HTML 3Page - Microchip Technology 28C64AFT-15ITS Datasheet HTML 4Page - Microchip Technology 28C64AFT-15ITS Datasheet HTML 5Page - Microchip Technology 28C64AFT-15ITS Datasheet HTML 6Page - Microchip Technology 28C64AFT-15ITS Datasheet HTML 7Page - Microchip Technology 28C64AFT-15ITS Datasheet HTML 8Page - Microchip Technology  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
28C64A
DS11109H-page 4
© 1996 Microchip Technology Inc.
TABLE 1-4:
BYTE WRITE AC CHARACTERISTICS
FIGURE 1-2:
PROGRAMMING WAVEFORMS
AC Testing Waveform:
VIH = 2.4V; VIL = 0.45V; VOH = 2.0V; VOL = 0.8V
Output Load:
1 TTL Load + 100 pF
Input Rise/Fall Times:
20 ns
Ambient Temperature:
Commercial (C):
Tamb
=
0˚C to +70˚C
Industrial
(I):
Tamb
=
-40˚C to +85˚C
Parameter
Symbol
Min
Max
Units
Remarks
Address Set-Up Time
tAS
10
ns
Address Hold Time
tAH
50
ns
Data Set-Up Time
tDS
50
ns
Data Hold Time
tDH
10
ns
Write Pulse Width
tWPL
100
ns
Note 1
Write Pulse High Time
tWPH
50
ns
OE Hold Time
tOEH
10
ns
OE Set-Up Time
tOES
10
ns
Data Valid Time
tDV
1000
ns
Note 2
Time to Device Busy
tDB
250
ns
Write Cycle Time (28C64A)
tWC
1
ms
0.5 ms typical
Write Cycle Time (28C64AF)
tWC
200
µs
100
µs typical
Note 1: A write cycle can be initiated be CE or WE going low, whichever occurs last. The data is latched on the pos-
itive edge WE, whichever occurs first.
2: Data must be valid within 1000ns max. after a write cycle is initiated and must be stable at least until tDH after
the positive edge of WE or CE, whichever occurs first.
tAS
tAH
tWPL
tDS
tDH
tOES
tOEH
tWC
Address
CE, WE
Data In
OE
VIH
VIL
VIH
VIL
VIH
VIL
VIH
VIL
Rdy/Busy
VOH
VOL
tDB
tDV
Busy
Ready


Similar Part No. - 28C64AFT-15ITS

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
28C64AFT-15I/L MICROCHIP-28C64AFT-15I/L Datasheet
131Kb / 10P
   64K (8K x 8) CMOS EEPROM
2004
28C64AFT-15I/P MICROCHIP-28C64AFT-15I/P Datasheet
131Kb / 10P
   64K (8K x 8) CMOS EEPROM
2004
28C64AFT-15I/SO MICROCHIP-28C64AFT-15I/SO Datasheet
131Kb / 10P
   64K (8K x 8) CMOS EEPROM
2004
More results

Similar Description - 28C64AFT-15ITS

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
28C64A MICROCHIP-28C64A_04 Datasheet
131Kb / 10P
   64K (8K x 8) CMOS EEPROM
2004
28LV64A MICROCHIP-28LV64A_04 Datasheet
131Kb / 10P
   64K (8K x 8) Low Voltage CMOS EEPROM
2004
28LV64A MICROCHIP-28LV64A Datasheet
53Kb / 8P
   64K (8K x 8) Low Voltage CMOS EEPROM
1996
27C64 MICROCHIP-27C64 Datasheet
126Kb / 10P
   64K (8K x 8) CMOS EPROM
2004
logo
ATMEL Corporation
AT28C64 ATMEL-AT28C64 Datasheet
324Kb / 11P
   64K (8K x 8) CMOS E2PROM
logo
Sharp Corporation
LH5164A SHARP-LH5164A Datasheet
105Kb / 11P
   CMOS 64K (8K x 8) Static RAM
LH5164AV SHARP-LH5164AV Datasheet
84Kb / 11P
   CMOS 64K (8K x 8) Static RAM
LH5164AZ8 SHARP-LH5164AZ8 Datasheet
66Kb / 9P
   CMOS 64K (8K x 8) Static RAM
logo
Renesas Technology Corp
X4643 RENESAS-X4643 Datasheet
820Kb / 21P
   64K, 8K x 8 Bit CPU Supervisor with 64K EEPROM
March 29, 2005
logo
Sharp Corporation
LH5164A SHARP-LH5164A Datasheet
105Kb / 11P
   CMOS 64K (8K x 8) Static RAM
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com