Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BSC009NE2LS5 Datasheet(PDF) 9 Page - Infineon Technologies AG

Part # BSC009NE2LS5
Description  Optimized for high performance buck converters
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

BSC009NE2LS5 Datasheet(HTML) 9 Page - Infineon Technologies AG

Back Button BSC009NE2LS5 Datasheet HTML 5Page - Infineon Technologies AG BSC009NE2LS5 Datasheet HTML 6Page - Infineon Technologies AG BSC009NE2LS5 Datasheet HTML 7Page - Infineon Technologies AG BSC009NE2LS5 Datasheet HTML 8Page - Infineon Technologies AG BSC009NE2LS5 Datasheet HTML 9Page - Infineon Technologies AG BSC009NE2LS5 Datasheet HTML 10Page - Infineon Technologies AG BSC009NE2LS5 Datasheet HTML 11Page - Infineon Technologies AG BSC009NE2LS5 Datasheet HTML 12Page - Infineon Technologies AG BSC009NE2LS5 Datasheet HTML 13Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 9 / 13 page
background image
9
OptiMOSTM5Power-MOSFET,25V
BSC009NE2LS5
Rev.2.0,2015-03-10
Final Data Sheet
Diagram9:Drain-sourceon-stateresistance
Tj[°C]
-60
-20
20
60
100
140
180
0.0
0.5
1.0
1.5
2.0
2.5
3.0
typ
RDS(on)=f(Tj);ID=30A;VGS=10V
Diagram10:Typ.gatethresholdvoltage
Tj[°C]
-60
-20
20
60
100
140
180
0.0
0.5
1.0
1.5
2.0
2.5
250 µA
VGS(th)=f(Tj);VGS=VDS;ID=250µA
Diagram11:Typ.capacitances
VDS[V]
0
5
10
15
20
25
101
102
103
104
Ciss
Coss
Crss
C=f(VDS);VGS=0V;f=1MHz
Diagram12:Forwardcharacteristicsofreversediode
VSD[V]
0.0
0.5
1.0
1.5
100
101
102
103
25 °C
150 °C
IF=f(VSD);parameter:Tj


Similar Part No. - BSC009NE2LS5

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
BSC009NE2LS5I INFINEON-BSC009NE2LS5I Datasheet
1Mb / 13P
   Optimized for high performance buck converters
Rev.2.0,2015-03-10
logo
Inchange Semiconductor ...
BSC009NE2LS5I ISC-BSC009NE2LS5I Datasheet
325Kb / 3P
   isc N-Channel MOSFET Transistor
2023-8-18
More results

Similar Description - BSC009NE2LS5

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
BSC0511NDI INFINEON-BSC0511NDI Datasheet
668Kb / 15P
   Optimized for high performance buck converters
Rev.2.0 2015-03-04
BSG0811ND INFINEON-BSG0811ND Datasheet
699Kb / 15P
   Optimized for high performance buck converters
Rev.2.0 2015-03-16
BSC026NE2LS5 INFINEON-BSC026NE2LS5 Datasheet
1Mb / 13P
   Optimized for high performance buck converters
Rev.2.0,2015-03-10
BSC009NE2LS5I INFINEON-BSC009NE2LS5I Datasheet
1Mb / 13P
   Optimized for high performance buck converters
Rev.2.0,2015-03-10
BSG0813NDI INFINEON-BSG0813NDI Datasheet
696Kb / 15P
   Optimized for high performance buck converters
Rev.2.0 2015-03-13
BSN011NE2LSI INFINEON-BSN011NE2LSI Datasheet
509Kb / 9P
   Optimized for high performance Buck converter
Rev. 2.0 2014-05-23
BSN012N03LS INFINEON-BSN012N03LS Datasheet
520Kb / 9P
   Optimized for high performance Buck converter
Rev. 2.0 2014-05-23
BSN045NE2LS INFINEON-BSN045NE2LS Datasheet
521Kb / 9P
   Optimized for high performance Buck converter
Rev. 2.0 2014-05-23
BSN012N03LSI INFINEON-BSN012N03LSI Datasheet
509Kb / 9P
   Optimized for high performance Buck converter
Rev. 2.0 2014-05-23
BSN011NE2LS INFINEON-BSN011NE2LS Datasheet
598Kb / 9P
   Optimized for high performance Buck converter
Rev. 2.0 2014-05-23
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com