Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UT4406 Datasheet(PDF) 1 Page - Unisonic Technologies

Part # UT4406
Description  N-CHANNEL ENHANCEMENT MODE POWER MOSFET
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UT4406 Datasheet(HTML) 1 Page - Unisonic Technologies

  UT4406_15 Datasheet HTML 1Page - Unisonic Technologies UT4406_15 Datasheet HTML 2Page - Unisonic Technologies UT4406_15 Datasheet HTML 3Page - Unisonic Technologies UT4406_15 Datasheet HTML 4Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
UNISONIC TECHNOLOGIES CO., LTD
UT4406
Power MOSFET
www.unisonic.com.tw
1 of 4
Copyright © 2015 Unisonic Technologies Co., Ltd
QW-R502-233.C
N-CHANNEL ENHANCEMENT
MODE
DESCRIPTION
The UT4406 can provide excellent RDS(ON), low gate charge
and operation with gate voltages as low as 2.5V by using UTC’s
advanced trench technology which makes an excellent high side
switch for notebook CPU core DC-DC conversion.
FEATURES
* RDS(ON) < 14.8mΩ @ VGS=10V, ID=12A
* RDS(ON) < 17.5mΩ @ VGS=4.5V, ID=10A
* RDS(ON) < 26.8mΩ @ VGS=2.5V, ID=8A
* Low capacitance
* Low gate charge
* Fast switching capability
* Avalanche energy specified
SYMBOL
1.Gate
3.Source
2.Drain
SOP-8
ORDERING INFORMATION
Ordering Number
Package
Pin Assignment
Packing
12
3
4
56
7
8
UT4406G-S08-R
SOP-8
S
S
S
G
D
D
D
D
Tape Reel
Note: Pin Assignment: G: Gate
D: Drain
S: Source
MARKING


Similar Part No. - UT4406_15

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
UT4406-S08-R UTC-UT4406-S08-R Datasheet
207Kb / 5P
   N-CHANNEL ENHANCEMENT MODE
UT4406-S08-T UTC-UT4406-S08-T Datasheet
207Kb / 5P
   N-CHANNEL ENHANCEMENT MODE
UT4406G-S08-R UTC-UT4406G-S08-R Datasheet
207Kb / 5P
   N-CHANNEL ENHANCEMENT MODE
UT4406G-S08-T UTC-UT4406G-S08-T Datasheet
207Kb / 5P
   N-CHANNEL ENHANCEMENT MODE
UT4406L-S08-R UTC-UT4406L-S08-R Datasheet
207Kb / 5P
   N-CHANNEL ENHANCEMENT MODE
More results

Similar Description - UT4406_15

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
MSAFA75N10C MICROSEMI-MSAFA75N10C Datasheet
83Kb / 4P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
logo
GTM CORPORATION
GP9973 GTM-GP9973 Datasheet
335Kb / 4P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
GE20N03 GTM-GE20N03 Datasheet
296Kb / 5P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
G2304A GTM-G2304A Datasheet
371Kb / 4P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
G111K GTM-G111K Datasheet
366Kb / 4P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
G138 GTM-G138 Datasheet
324Kb / 4P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
G301K GTM-G301K Datasheet
296Kb / 4P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
G2N7002K GTM-G2N7002K Datasheet
368Kb / 4P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
GE85T03 GTM-GE85T03 Datasheet
246Kb / 4P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
GE88L02 GTM-GE88L02 Datasheet
253Kb / 5P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
GE40N03 GTM-GE40N03 Datasheet
251Kb / 5P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com