Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UT9435 Datasheet(PDF) 4 Page - Unisonic Technologies

Part # UT9435
Description  P-CHANNEL POWER MOSFET
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UT9435 Datasheet(HTML) 4 Page - Unisonic Technologies

  UT9435_15 Datasheet HTML 1Page - Unisonic Technologies UT9435_15 Datasheet HTML 2Page - Unisonic Technologies UT9435_15 Datasheet HTML 3Page - Unisonic Technologies UT9435_15 Datasheet HTML 4Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
UT9435
Power MOSFET
UNISONICTECHNOLOGIESCO.,LTD
4 of 4
www.unisonic.com.tw
QW-R502-155.D
TYPICAL CHARACTERISTICS
Drain-Source Diode Forward Current vs.
Drain-Source Diode Forward Voltage
Drain-Source Diode Forward Voltage, -VSD (V)
-0.2
0
0
-0.8
-0.4
-0.6
-1.0
-0.2
-0.6
-0.8
-0.4
-1.0
-1.2
Drain-Source On-State Resistance Characteristics
Drain to Source Voltage, -VDS (mV)
-150
-6
0
0
-2
-4
-5
-1
-100
-50
-3
-200
VGS=-10V,
ID=-4A
VGS=-4.5V,
ID=-2A
0
-50
Drain Current vs. Gate Threshold Voltage
Gate Threshold Voltage, -VTH (V)
-250
-100
-150
-200
-300
Drain Current vs.
Drain-Source Breakdown Voltage
Drain-Source Breakdown Voltage, -BVDSS(V)
0
0
-50
-30
-250
-10
-100
-150
-200
-300
-20
-50
-40
-350
-400
-450
-0.5
0-1.0
-2.0
-1.5
UTC assumes no responsibility for equipment failures that result from using products at values that
exceed, even momentarily, rated values (such as maximum ratings, operating condition ranges, or
other parameters) listed in products specifications of any and all UTC products described or contained
herein. UTC products are not designed for use in life support appliances, devices or systems where
malfunction of these products can be reasonably expected to result in personal injury. Reproduction in
whole or in part is prohibited without the prior written consent of the copyright owner. The information
presented in this document does not form part of any quotation or contract, is believed to be accurate
and reliable and may be changed without notice.


Similar Part No. - UT9435_15

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
UT9435-AB3-R UTC-UT9435-AB3-R Datasheet
192Kb / 4P
   P-CHANNEL ENHANCEMENT MODE
UT9435-S08-R UTC-UT9435-S08-R Datasheet
192Kb / 4P
   P-CHANNEL ENHANCEMENT MODE
UT9435-TN3-R UTC-UT9435-TN3-R Datasheet
192Kb / 4P
   P-CHANNEL ENHANCEMENT MODE
UT9435G-AB3-R UTC-UT9435G-AB3-R Datasheet
192Kb / 4P
   P-CHANNEL ENHANCEMENT MODE
UT9435G-S08-R UTC-UT9435G-S08-R Datasheet
192Kb / 4P
   P-CHANNEL ENHANCEMENT MODE
More results

Similar Description - UT9435_15

ManufacturerPart #DatasheetDescription
logo
Seme LAB
IRFN9240SMD SEME-LAB-IRFN9240SMD Datasheet
23Kb / 2P
   P-CHANNEL POWER MOSFET
logo
Jiangsu Changjiang Elec...
CJ3139KW JIANGSU-CJ3139KW Datasheet
1Mb / 5P
   P-Channel Power MOSFET
logo
ON Semiconductor
MTB50P03HDL ONSEMI-MTB50P03HDL_14 Datasheet
143Kb / 9P
   P-Channel Power MOSFET
January, 2014 ??Rev. 7
logo
Unisonic Technologies
UT3P01Z UTC-UT3P01Z_10 Datasheet
173Kb / 4P
   P CHANNEL POWER MOSFET
logo
Infineon Technologies A...
BSB027P03LX3G INFINEON-BSB027P03LX3G Datasheet
1Mb / 13P
   p-Channel Power MOSFET
1.9, 2011-03-02
logo
Gunter Seniconductor Gm...
GFC9110 GSG-GFC9110 Datasheet
116Kb / 1P
   P Channel Power MOSFET
GFC9140 GSG-GFC9140 Datasheet
116Kb / 1P
   P Channel Power MOSFET
GFC9210 GSG-GFC9210 Datasheet
112Kb / 1P
   P Channel Power MOSFET
GFC9240 GSG-GFC9240 Datasheet
115Kb / 1P
   P Channel Power MOSFET
logo
Micro Commercial Compon...
MCQ4435A MCC-MCQ4435A Datasheet
641Kb / 4P
   P-Channel Power MOSFET
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com