Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NJU39610FM2 Datasheet(PDF) 11 Page - New Japan Radio

Part # NJU39610FM2
Description  MICROSTEPPING MOTOR CONTROLLER WITH DUAL DAC
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NJRC [New Japan Radio]
Direct Link  http://www.jrc.co.jp/eng/index.html
Logo NJRC - New Japan Radio

NJU39610FM2 Datasheet(HTML) 11 Page - New Japan Radio

Back Button NJU39610FM2 Datasheet HTML 3Page - New Japan Radio NJU39610FM2 Datasheet HTML 4Page - New Japan Radio NJU39610FM2 Datasheet HTML 5Page - New Japan Radio NJU39610FM2 Datasheet HTML 6Page - New Japan Radio NJU39610FM2 Datasheet HTML 7Page - New Japan Radio NJU39610FM2 Datasheet HTML 8Page - New Japan Radio NJU39610FM2 Datasheet HTML 9Page - New Japan Radio NJU39610FM2 Datasheet HTML 10Page - New Japan Radio NJU39610FM2 Datasheet HTML 11Page - New Japan Radio  
Zoom Inzoom in Zoom Outzoom out
 11 / 11 page
background image
NJU39610
The specifications on this databook are only
given for information , without any guarantee
as regards either mistakes or omissions. The
application circuits in this databook are
described only to show representative usages
of the product and not intended for the
guarantee or permission of any right including
the industrial rights.
D0
D7
A0
A1
WR
CS
RESET
VV
NJU39610
21
2
19
4
20
3
18
5
1
15
6
22
16
17
7
14
To
µP
+2.5V
Sign
CD
DA
1
1
1
Sign
CD
DA
2
2
2
SS
VDD
Ref
7
8
9
16
15
14
Phase
CD
V
Phase
CD
V
1
1
2
2
R1
R2
E
C
E
C
GND
RC
NJM3771
15 k
3 300 pF
1.0
1.0
M
M
M
M
A1
B1
A2
B2
V
CC
VV
MM1
MM2
+5 V
4
1
19
22
11
3
20
12
5,
6,
17, 18
2
13
21
10
11
2
2
R S
STEPPER
MOTOR
V
MM
Pin numbers refer
to DIP package.
GND (V
)
1 k
1 k
820 pF
820 pF
R S
0.1
µF
0.1
µF
+
10
µF
V
(+5 V)
CC
GND
(V
)
CC
MM
Counter
PROM
NJU39610
NJM3771
Voltage
Reference
Control Logic
Step
Direction
Clock Up/Dn
CE
A0
WR
CS
A1
Vref
D0-D7
Figure 14. Typical application in a microprocessor based system.
Figure 13. Typical blockdiagram of an application without a microprocessor.


Similar Part No. - NJU39610FM2

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJU39612 NJRC-NJU39612 Datasheet
139Kb / 11P
   MICROSTEPPING MOTOR CONTROLLER WITH DUAL DAC
NJU39612E2 NJRC-NJU39612E2 Datasheet
139Kb / 11P
   MICROSTEPPING MOTOR CONTROLLER WITH DUAL DAC
More results

Similar Description - NJU39610FM2

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJU39612 NJRC-NJU39612 Datasheet
139Kb / 11P
   MICROSTEPPING MOTOR CONTROLLER WITH DUAL DAC
logo
List of Unclassifed Man...
IM2000S ETC-IM2000S Datasheet
142Kb / 16P
   HIGH PERFORMANCE MICROSTEPPING STEP MOTOR CONTROLLER
logo
STMicroelectronics
L6482 STMICROELECTRONICS-L6482 Datasheet
1,012Kb / 73P
   cSPIN?? microstepping motor controller with motion engine and SPI
logo
Asahi Kasei Microsystem...
AP1021AEN AKM-AP1021AEN Datasheet
933Kb / 24P
   32V Dual Microstepping Motor Driver IC with SPI
AP1021 AKM-AP1021 Datasheet
933Kb / 24P
   32V Dual Microstepping Motor Driver IC with SPI
logo
Shindengen Electric Mfg...
MTD2525J SHINDENGEN-MTD2525J Datasheet
137Kb / 7P
   DMOS Microstepping Dual PWM Motor Driver
MTD2525JE SHINDENGEN-MTD2525JE Datasheet
137Kb / 7P
   DMOS Microstepping Dual PWM Motor Driver
logo
IXYS Corporation
IXMS150PSI IXYS-IXMS150PSI Datasheet
464Kb / 10P
   High Performance Dual PWM Microstepping Controller
logo
Allegro MicroSystems
SLA7042M ALLEGRO-SLA7042M Datasheet
99Kb / 8P
   MICROSTEPPING, UNIPOLAR PWM, HIGH-CURRENT MOTOR CONTROLLER/DRIVER
logo
Shindengen Electric Mfg...
MTD2017G SHINDENGEN-MTD2017G Datasheet
120Kb / 5P
   Dual Full-bridge Microstepping PWM Motor Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com