Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SKY73120-11 Datasheet(PDF) 2 Page - Skyworks Solutions Inc.

Part # SKY73120-11
Description  890-960 MHz Voltage Controlled Oscillator
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SKYWORKS [Skyworks Solutions Inc.]
Direct Link  http://www.skyworksinc.com
Logo SKYWORKS - Skyworks Solutions Inc.

SKY73120-11 Datasheet(HTML) 2 Page - Skyworks Solutions Inc.

  SKY73120-11 Datasheet HTML 1Page - Skyworks Solutions Inc. SKY73120-11 Datasheet HTML 2Page - Skyworks Solutions Inc. SKY73120-11 Datasheet HTML 3Page - Skyworks Solutions Inc. SKY73120-11 Datasheet HTML 4Page - Skyworks Solutions Inc. SKY73120-11 Datasheet HTML 5Page - Skyworks Solutions Inc. SKY73120-11 Datasheet HTML 6Page - Skyworks Solutions Inc. SKY73120-11 Datasheet HTML 7Page - Skyworks Solutions Inc. SKY73120-11 Datasheet HTML 8Page - Skyworks Solutions Inc. SKY73120-11 Datasheet HTML 9Page - Skyworks Solutions Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
DATA SHEET • SKY73120-11 VCO
Skyworks Solutions, Inc. • Phone [781] 376-3000 • Fax [781] 376-3100 • sales@skyworksinc.com • www.skyworksinc.com
2
December 4, 2008 • Skyworks Proprietary and Confidential Information • Products and Product Information are Subject to Change Without Notice • 200777D
Band
Select
VTUNE
RF_OUT
S1174
Figure 2. SKY73120-11 Functional Block Diagram
Table 1. SKY73120-11 Signal Descriptions
Pin #
Name
Description
Pin #
Name
Description
1
GND
Ground
15
BS0
Band select 0
2
GND
Ground
16
BS1
Band select 1
3
GND
Ground
17
NC
No connection
4
GND
Ground
18
NC
No connection
5
GND
Ground
19
NC
No connection
6
GND
Ground
20
VDD
Power supply
7
GND
Ground
21
GND
Ground
8
GND
Ground
22
GND
Ground
9
GND
Ground
23
GND
Ground
10
VTUNE
Tune voltage
24
GND
Ground
11
GND
Ground
25
GND
Ground
12
GND
Ground
26
GND
Ground
13
GND
Ground
27
GND
Ground
14
GND
Ground
28
RF_OUT
RF output
Technical Description
The SKY73120-11 is a fully integrated VCO that includes
varactors, a band select module, oscillator, output buffer, and RF
balun. The output power from the RF balun is 0 dBm and the
output impedance is designed to be 50
Ω.
The band select module can be used to change the center
operation frequency of the VCO by controlling the BS1 and BS0
pin signals. This allows the total frequency range to be extended
by keeping the same Kv and phase noise performance. The
control logic for the BS1 and BS0 pins is shown in Table 2 and
illustrated in Figure 3.
The band select pins BS0 and BS1 contain 10 k
Ω pull-up
resistors.


Similar Part No. - SKY73120-11

ManufacturerPart #DatasheetDescription
logo
Skyworks Solutions Inc.
SKY73120 SKYWORKS-SKY73120 Datasheet
1Mb / 17P
   The Right Products for Your System Applications
More results

Similar Description - SKY73120-11

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MLO80100-00940 ETC-MLO80100-00940 Datasheet
100Kb / 2P
   Surface Mount Voltage Controlled Oscillator EGSM 920 - 960 MHz
logo
Tyco Electronics
MLO80100 MACOM-MLO80100 Datasheet
100Kb / 2P
   Surface Mount Voltage Controlled Oscillator EGSM 920 - 960 MHz
logo
Pasternack Enterprises,...
PE51089 PASTERNACK-PE51089 Datasheet
299Kb / 1P
   Mag Mount Antenna 890-960 & 1710-1880 MHz 3.0 dBi
logo
RF Monolithics, Inc
HO4006 RFM-HO4006 Datasheet
83Kb / 2P
   640.0 MHz Voltage Controlled SAW Oscillator
logo
Z-Communications, Inc
V950ME17-LF ZCOMM-V950ME17-LF Datasheet
85Kb / 2P
   Voltage-Controlled Oscillator Voltage-Controlled Oscillator
ZRO0743B2LF ZCOMM-ZRO0743B2LF Datasheet
85Kb / 2P
   Voltage-Controlled Oscillator Voltage-Controlled Oscillator
V800ME10 ZCOMM-V800ME10_10 Datasheet
82Kb / 2P
   Voltage-Controlled Oscillator Voltage-Controlled Oscillator
logo
SYNERGY MICROWAVE CORPO...
DCYS300600-5 SYNERGY-DCYS300600-5 Datasheet
357Kb / 3P
   VOLTAGE CONTROLLED OSCILLATOR VOLTAGE CONTROLLED OSCILLATOR
logo
Teledyne Technologies I...
OAS5100 TELEDYNE-OAS5100 Datasheet
188Kb / 2P
   4300 TO 5100 MHz VOLTAGE CONTROLLED OSCILLATOR
logo
Tyco Electronics
AT65-0009 MACOM-AT65-0009_1 Datasheet
395Kb / 4P
   Voltage Attenuator,824 - 960 MHz
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com