Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PIC18C658 Datasheet(PDF) 1 Page - Microchip Technology

Part # PIC18C658
Description  High-Performance Microcontrollers with CAN Module
Download  366 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC18C658 Datasheet(HTML) 1 Page - Microchip Technology

  PIC18C658 Datasheet HTML 1Page - Microchip Technology PIC18C658 Datasheet HTML 2Page - Microchip Technology PIC18C658 Datasheet HTML 3Page - Microchip Technology PIC18C658 Datasheet HTML 4Page - Microchip Technology PIC18C658 Datasheet HTML 5Page - Microchip Technology PIC18C658 Datasheet HTML 6Page - Microchip Technology PIC18C658 Datasheet HTML 7Page - Microchip Technology PIC18C658 Datasheet HTML 8Page - Microchip Technology PIC18C658 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 366 page
background image
 2000 Microchip Technology Inc.
Advanced Information
DS30475A-page 1
High Performance RISC CPU:
• C-compiler optimized architecture instruction set
• Linear program memory addressing to 32 Kbytes
• Linear data memory addressing to 4 Kbytes
• Up to 10 MIPS operation:
- DC - 40 MHz clock input
- 4 MHz - 10 MHz osc./clock input with PLL active
• 16-bit wide instructions, 8-bit wide data path
• Priority levels for interrupts
• 8 x 8 Single Cycle Hardware Multiplier
Peripheral Features:
• High current sink/source 25 mA/25 mA
• Up to 76 I/O with individual direction control
• Four external interrupt pins
•Timer0 module: 8-bit/16-bit timer/counter with
8-bit programmable prescaler
•Timer1 module: 16-bit timer/counter
•Timer2 module: 8-bit timer/counter with 8-bit
period register (time base for PWM)
•Timer3 module: 16-bit timer/counter
• Secondary oscillator clock option - Timer1/Timer3
• Two Capture/Compare/PWM (CCP) modules
CCP pins can be configured as:
- Capture input: 16-bit, max resolution 6.25 ns
- Compare is 16-bit, max resolution 100 ns (TCY)
- PWM output: PWM resolution is 1- to 10-bit.
Max. PWM freq. @:8-bit resolution = 156 kHz
10-bit resolution = 39 kHz
• Master Synchronous Serial Port (MSSP) with two
modes of operation:
- 3-wire SPI™ (Supports all 4 SPI modes)
-I2C™ Master and Slave mode
• Addressable USART module: Supports Interrupt
on Address bit
Advanced Analog Features:
• 10-bit Analog-to-Digital Converter module (A/D)
with:
-
Fast sampling rate
-
Conversion available during SLEEP
-
DNL = ±1 LSb, INL = ±1 LSb
-
Up to 16 channels available
• Analog Comparator Module:
-
2 Comparators
-
Programmable input and output multiplexing
• Comparator Voltage Reference Module
• Programmable Low Voltage Detection (LVD)
module
-
Supports interrupt on low voltage detection
• Programmable Brown-out Reset (BOR)
CAN BUS Module Features:
• Message bit rates up to 1 Mbps
• Conforms to CAN 2.0B ACTIVE Spec with:
- 29-bit Identifier Fields
- 8 byte message length
• 3 Transmit Message Buffers with prioritization
• 2 Receive Message Buffers
• 6 full 29-bit Acceptance Filters
• Prioritization of Acceptance Filters
• Multiple Receive Buffers for High Priority
Messages to prevent loss due to overflow
• Advanced Error Management Features
Special Microcontroller Features:
• Power-on Reset (POR), Power-up Timer (PWRT),
and Oscillator Start-up Timer (OST)
• Watchdog Timer (WDT) with its own on-chip RC
oscillator
• Programmable code protection
• Power saving SLEEP mode
• Selectable oscillator options, including:
- 4X Phase Lock Loop (of primary oscillator)
- Secondary Oscillator (32 kHz) clock input
• In-Circuit Serial Programming (ICSP™) via two pins
CMOS Technology:
• Low power, high speed EPROM technology
• Fully static design
• Wide operating voltage range (2.5V to 5.5V)
• Industrial and Extended temperature ranges
• Low power consumption
Device
Program Memory
On-Chip
RAM
(bytes)
On-Chip
Off-Chip
EPROM
(bytes)
# Single
Word
Instructions
Maximum
Addressing
(bytes)
PIC18C658
32 K
16384
N/A
1536
PIC18C858
32 K
16384
N/A
1536
PIC18CXX8
High-Performance Microcontrollers with CAN Module


Similar Part No. - PIC18C658

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
PIC18C601 MICROCHIP-PIC18C601 Datasheet
5Mb / 320P
   High-Performance ROM-less Microcontrollers with External Memory Bus
2001
PIC18C601 MICROCHIP-PIC18C601 Datasheet
7Mb / 322P
   High-Performance ROM-less Microcontrollers with External Memory Bus
11/29/12 2001-2013
PIC18C601 MICROCHIP-PIC18C601 Datasheet
5Mb / 320P
   High-Performance ROM-less Microcontrollers
10/01/00
PIC18C601E/L MICROCHIP-PIC18C601E/L Datasheet
5Mb / 320P
   High-Performance ROM-less Microcontrollers with External Memory Bus
2001
PIC18C601E/PT MICROCHIP-PIC18C601E/PT Datasheet
5Mb / 320P
   High-Performance ROM-less Microcontrollers with External Memory Bus
2001
More results

Similar Description - PIC18C658

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
PIC18FXX8 MICROCHIP-PIC18FXX8_06 Datasheet
6Mb / 402P
   28/40-Pin High-Performance, Enhanced Flash Microcontrollers with CAN Module
2006
PIC18FXX8 MICROCHIP-PIC18FXX8 Datasheet
7Mb / 402P
   28/40-Pin High-Performance, Enhanced Flash Microcontrollers with CAN Module
2004
PIC18F258 MICROCHIP-PIC18F258 Datasheet
5Mb / 384P
   High Performance, 28/40-Pin Enhanced FLASH Microcontrollers with CAN
2002
PIC18F25 MICROCHIP-PIC18F25 Datasheet
7Mb / 842P
   28-Pin, Low-Power, High-Performance Microcontrollers with CAN Technology
11/07/16
PIC18F010 MICROCHIP-PIC18F010 Datasheet
2Mb / 176P
   High Performance Microcontrollers
2001
logo
National Semiconductor ...
HPC16083 NSC-HPC16083 Datasheet
467Kb / 36P
   High-Performance microControllers
logo
Microchip Technology
PIC32MX5XX MICROCHIP-PIC32MX5XX_11 Datasheet
5Mb / 256P
   High-Performance, USB, CAN and Ethernet 32-bit Flash Microcontrollers
2009-2011
PIC32MX5XX MICROCHIP-PIC32MX5XX Datasheet
2Mb / 236P
   High-Performance, USB, CAN and Ethernet 32-Bit Flash Microcontrollers
2010
PIC32MX575F256H-80I MICROCHIP-PIC32MX575F256H-80I Datasheet
2Mb / 236P
   High-Performance, USB, CAN and Ethernet 32-Bit Flash Microcontrollers
01/05/10
PIC32MX695F512L-80I MICROCHIP-PIC32MX695F512L-80I Datasheet
5Mb / 256P
   High-Performance, USB, CAN and Ethernet 32-bit Flash Microcontrollers
05/02/11
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com