Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HGX Datasheet(PDF) 2 Page - RUBYCON CORPORATION

Part # HGX
Description  MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RUBYCON [RUBYCON CORPORATION]
Direct Link  http://www.rubycon.com
Logo RUBYCON - RUBYCON CORPORATION

HGX Datasheet(HTML) 2 Page - RUBYCON CORPORATION

  HGX Datasheet HTML 1Page - RUBYCON CORPORATION HGX Datasheet HTML 2Page - RUBYCON CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
◆DIMENSIONS
(mm)
φD
φd
F
16
12.5
5
7.5
18
0.8
25
35
1600
2400
3000
3000
3900
4300
5600
5600
6800
1200
1600
2000
2200
2700
3000
3600
3900
4700
2060
2610
3130
2320
2490
2930
3500
3120
3720
2060
2610
2320
3130
2490
2930
3120
3500
3720
2870
3640
4370
3240
3470
4090
4880
4360
5190
2870
3640
3240
4370
3470
4090
4360
4880
5190
0.046
0.034
0.027
0.034
0.033
0.025
0.02
0.025
0.02
0.046
0.034
0.034
0.027
0.033
0.025
0.025
0.02
0.02
2260
2860
3440
2550
2730
3210
3840
3430
4090
2260
2860
2550
3440
2730
3210
3430
3840
4090
2920
3700
4440
3300
3520
4150
4960
4430
5280
2920
3700
3300
4440
3520
4150
4430
4960
5280
3910
4960
5960
4420
4730
5570
6650
5940
7080
3910
4960
4420
5960
4730
5570
5940
6650
7080
12.5×20
12.5×25
12.5×30
16×20
18×20
16×25
16×30
18×25
18×30
12.5×20
12.5×25
16×20
12.5×30
18×20
16×25
18×25
16×30
18×30
MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
HGX
Rated Voltage
(Vdc)
Capacitance
(μF)
Size
φD×L
(㎜)
ESR
(Ω/20℃,
100kHz)
Rated ripple current
I0(mArms/
135℃,100kHz)
Rated ripple current
I0(mArms/
125℃,100kHz)
MAX ripple current
IMAX(mArms/
135℃,100kHz)
MAX ripple current
IMAX(mArms/
125℃,100kHz)
MAX ripple current
IMAX(mArms/
105℃,100kHz)
◆STANDARD SIZE
Rated ripple current I0:Ripple current continuous operation within endurance lifetime.
Maximum ripple current IMAX:Maximum ripple current continuous operation.Estimated lifetime complies with our lifetime calculation fomula.
L+1.5MAX
15MIN
4MIN
φd
φD+0.2MAX
LAMINATED CASE
Ambient temperature
85℃
135℃
105℃
Enable continuous-operation field
Disable continuous-operation field


Similar Part No. - HGX

ManufacturerPart #DatasheetDescription
logo
STATEK CORPORATION
HGXO STATEK-HGXO Datasheet
87Kb / 2P
   High Shock Surface Mount Crystal Oscillator
logo
EUROQUARTZ limited
HGXO EUROQUARTZ-HGXO Datasheet
127Kb / 1P
   High Shock SMD Crystal Oscillator
logo
IQD Frequency Products ...
HGXO-3.3V IQD-HGXO-3.3V Datasheet
314Kb / 3P
   Crystal Clock Oscillator Specification
HGXO-5.0V IQD-HGXO-5.0V Datasheet
313Kb / 3P
   Crystal Clock Oscillator Specification
logo
STATEK CORPORATION
HGXOHT STATEK-HGXOHT Datasheet
78Kb / 2P
   High Shock, High Temperature Crystal Oscillator
More results

Similar Description - HGX

ManufacturerPart #DatasheetDescription
logo
RUBYCON CORPORATION
BXC RUBYCON-BXC_1 Datasheet
261Kb / 2P
   MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
NSKV RUBYCON-NSKV Datasheet
50Kb / 2P
   MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
AXW RUBYCON-AXW Datasheet
47Kb / 2P
   MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
ZLJ RUBYCON-ZLJ Datasheet
251Kb / 3P
   MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
50ML20 RUBYCON-50ML20 Datasheet
344Kb / 2P
   MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
logo
NIC-Components Corp.
NRSS101M16V5X11F NIC-NRSS101M16V5X11F Datasheet
303Kb / 6P
   Miniature Aluminum Electrolytic Capacitors
logo
United Chemi-Con, Inc.
EKMG350ELL472MMP1S CHEMI-CON-EKMG350ELL472MMP1S Datasheet
60Kb / 3P
   MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
logo
RUBYCON CORPORATION
50YXF47MEFC63X11 RUBYCON-50YXF47MEFC63X11 Datasheet
73Kb / 7P
   MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
logo
NIC-Components Corp.
NRELS NIC-NRELS Datasheet
87Kb / 2P
   Miniature Aluminum Electrolytic Capacitors
NRWPC NIC-NRWPC Datasheet
116Kb / 6P
   Miniature Aluminum Electrolytic Capacitors
NLEL NIC-NLEL Datasheet
285Kb / 5P
   Miniature Aluminum Electrolytic Capacitors
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com