Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SG240 Datasheet(PDF) 2 Page - KODENSHI_AUK CORP.

Part # SG240
Description  PWB direct mount type
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KODENSHI [KODENSHI_AUK CORP.]
Direct Link  http://www.kodenshi.co.kr
Logo KODENSHI - KODENSHI_AUK CORP.

SG240 Datasheet(HTML) 2 Page - KODENSHI_AUK CORP.

  SG240 Datasheet HTML 1Page - KODENSHI_AUK CORP. SG240 Datasheet HTML 2Page - KODENSHI_AUK CORP.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
PHOTOINTERRUPTER
フォトインタラプタ
SG240
Jul.2014
問い合わせ先/A REFERENCE
営業推進センター(西日本)/SALES(WEST)
営業推進センター(東日本)/SALES(EAST)
TEL 0774-20-3559 FAX 0774-24-1031
TEL 03-6455-0280 FAX 03-3461-1566
URL http://www.kodenshi.co.jp
本資料に記載しております内容は、技術の改良、進歩等によって予告なしに変更されることがあります。ご使用の際には、仕様書をご用命の上、内容の確認をお願い致します。
The contents of this data sheet are subject to change without advance notice for the purpose of improvement. When using this product, please refer to the latest specifications.
*1 Switching Time Measurement Circuit
*2 Method of Measuring Position Detection Characteristic
Input
Input
VCC
Output
RL
Output
tr
0
-+
tr:Rise Time
tf:Fall Time
tf
10%
90%
0
Y
X
Slit Center
Slit Center
0
0
50
100
(mW)
20
40
60
80
100
(℃)
周囲温度 Ta
Ambient Temperature
許容コレクタ損失/周囲温度 Pc/Ta
-20
0
0
50
100
(%)
20
40
60
80 (℃)
周囲温度 Ta
Ambient Temperature
相対光電流/周囲温度特性 IL/Ta
0
0
50
100
0.5
1.0
1.5
2.0
(mA)
(V)
順電流/順電圧特性 IF/VF
順電圧 VF
Forward Voltage
Ta=25℃
0
0
4
2
8
6
10
20
30
40
50
(mA)
(mA)
光電流/順電流特性 IL/IF
順電流 IF
Forward Current
VCE=5V
Ta=25℃
IF=20mA
VCE=5V
24
0
2
4
6
8
10
(mA)
6
8
10
12
(V)
0
光電流/
 コレクタ・エミッタ間電圧特性 IL/VCE
コレクタ・エミッタ間電圧 VCE
Collector - Emitter Voltage
Ta=25℃
(nA)
020
40
60
80
-20
10-1
10-2
100
101
102
(℃)
暗電流/周囲温度特性 ICEO/Ta
周囲温度 Ta
Ambient Temperature
VCE=10V
応答時間/負荷抵抗特性 tr,tf/RL *1
負荷抵抗 RL
Load Resistance
102
101
102
103
(μs)
103
104
(Ω)
IC=2mA
VCC=5V
Ta=25℃
位置検出特性 *2
移動距離 L
Moving Distance
50
100
(%)
XY
(mm)
0
-
1
+
1
+
2
-
2
IF=20mA
VCE=5V
Ta=25℃
(mm)
0
-
1
+
1
+
2
-
2
IF=20mA
VCE=5V
Ta=25℃
IF=30mA
IF=40mA
IF=50mA
IF=20mA
IF=10mA
tf
tr


Similar Part No. - SG240

ManufacturerPart #DatasheetDescription
logo
AMETHERM Circuit Protec...
SG240 AMETHERM-SG240 Datasheet
351Kb / 1P
   SURGE-GARD INRUSH CURRENT LIMITER
logo
List of Unclassifed Man...
SG240128A ETC2-SG240128A Datasheet
59Kb / 1P
   SG240128A
SG240128B ETC-SG240128B Datasheet
116Kb / 1P
   BUILT-IN CONTROLLER (T6963C OR EQUIVALENT)
More results

Similar Description - SG240

ManufacturerPart #DatasheetDescription
logo
KODENSHI_AUK CORP.
SG2C02 KODENSHI-SG2C02 Datasheet
152Kb / 3P
   PWB direct mount type
SG2C05 KODENSHI-SG2C05 Datasheet
163Kb / 3P
   PWB direct mount type
SG282 KODENSHI-SG282 Datasheet
155Kb / 2P
   PWB direct mount type
SG288 KODENSHI-SG288 Datasheet
263Kb / 2P
   PWB direct mount type
SG2C11 KODENSHI-SG2C11 Datasheet
154Kb / 2P
   PWB direct mount type
LG226L KODENSHI-LG226L Datasheet
149Kb / 2P
   PWB direct mount type
SG2C09-S KODENSHI-SG2C09-S Datasheet
166Kb / 3P
   PWB direct mount type
SG2C10 KODENSHI-SG2C10 Datasheet
167Kb / 3P
   PWB direct mount type
SG2C06 KODENSHI-SG2C06 Datasheet
155Kb / 2P
   PWB direct mount type
SG-105LF KODENSHI-SG-105LF Datasheet
155Kb / 3P
   PWB direct mount type
SG238V KODENSHI-SG238V Datasheet
143Kb / 2P
   PWB direct mount type
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com