Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AAT3691 Datasheet(PDF) 9 Page - Skyworks Solutions Inc.

Part # AAT3691
Description  Dual Input 1.6A Linear Charger with 28V OVP in a 3x4 TDFN Package
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SKYWORKS [Skyworks Solutions Inc.]
Direct Link  http://www.skyworksinc.com
Logo SKYWORKS - Skyworks Solutions Inc.

AAT3691 Datasheet(HTML) 9 Page - Skyworks Solutions Inc.

Back Button AAT3691 Datasheet HTML 5Page - Skyworks Solutions Inc. AAT3691 Datasheet HTML 6Page - Skyworks Solutions Inc. AAT3691 Datasheet HTML 7Page - Skyworks Solutions Inc. AAT3691 Datasheet HTML 8Page - Skyworks Solutions Inc. AAT3691 Datasheet HTML 9Page - Skyworks Solutions Inc. AAT3691 Datasheet HTML 10Page - Skyworks Solutions Inc. AAT3691 Datasheet HTML 11Page - Skyworks Solutions Inc. AAT3691 Datasheet HTML 12Page - Skyworks Solutions Inc. AAT3691 Datasheet HTML 13Page - Skyworks Solutions Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 18 page
background image
9
AAT3691
DATA SHEET
Dual Input 1.6A Linear Charger with 28V OVP in a 3x4 TDFN Package
Skyworks Solutions, Inc. • Phone [781] 376-3000 • Fax [781] 376-3100 • sales@skyworksinc.com • www.skyworksinc.com
201894B • Skyworks Proprietary Information • Products and Product Information are Subject to Change Without Notice. • April 27, 2012
Functional Description
The AAT3691 is a high performance battery charger
designed to charge single cell Lithium Ion or Polymer
batteries with up to 1600mA charging current from an
adaptor (ADP) power source, or with up to 500mA
charging current from an USB power source. The
AAT3691 is a stand-alone charging solution, with just a
few external component required for complete function-
ality. Both input paths include a fast turn-off over-volt-
age protection (OVP) circuit with voltage up to +28V and
an under-voltage lockout level of 3.0V.
The AAT3691 automatically selects the charging source
from USB or ADP according to ADP and USB voltage. The
ADP path is always the high priority charging path when
ADP voltage is higher than 4.5V. The charging current is
determined by the selected charging path and its exter-
nal set resistor (RSET).
USB charging uses an automatic charge reduction loop
control allow battery charging with limited available cur-
rent from a USB port while maintaining the regulated
port voltage. This system assures that the battery
charge function will not overload a USB port while charg-
ing if other system demands also share power with the
respective port supply.
During adapter charging, high set charging current or
high ambient operating temperature may cause the
AAT3691 junction temperature to rise up to 110°C. A
special digital thermal loop control system is employed
to maximize charging current by dynamically decreasing
the battery charging current.
Thermal protection shuts down the AAT3691's charging
function when internal dissipation becomes excessive,
while OVP function still works. The junction over-temper-
ature threshold is 140°C with 15°C of hysteresis. Once
an over-temperature condition is removed, the charging
function automatically recovers.
The status monitor output pin (STAT) is designed to indi-
cate the battery charge status with open-drain structure
by directly driving one external LED.
Battery Charging Operation
Regardless of which charge input function is selected
(adapter input or USB input), the AAT3691 has three
basic modes for the battery charge cycle: precondition-
ing (trickle) charge, constant current/fast charge, and
constant voltage charge. When no automatic charge
reduction mode or digital thermal loop is triggered, the
charge profile is controlled as shown in Figure 1.
Functional Block Diagram
Charge
Control
Current
Compare
Current
Compare
Reverse Blocking
BAT
UVLO
Over-Temp.
Protect
GND
STAT
USB
EN
CV/Precharge
USBCH
USBSET
Charge
Status
ADPSET
NOBAT
Reverse Blocking
OVP Sense
and Control
OVP Sense
and Control
ADPCH
ADP
OVP Switch
IC


Similar Part No. - AAT3691

ManufacturerPart #DatasheetDescription
logo
Advanced Analogic Techn...
AAT3690 ANALOGICTECH-AAT3690 Datasheet
439Kb / 20P
   1.0A USB Port/Adapter Lithium-Ion/Polymer Battery Charger
AAT3690IWP-4.2-T1 ANALOGICTECH-AAT3690IWP-4.2-T1 Datasheet
439Kb / 20P
   1.0A USB Port/Adapter Lithium-Ion/Polymer Battery Charger
logo
Skyworks Solutions Inc.
AAT3692 SKYWORKS-AAT3692 Datasheet
2Mb / 19P
   Dual Input 1.6A Linear Charger with 28V OVP in a 3x4 TDFN Package
AAT3696 SKYWORKS-AAT3696 Datasheet
2Mb / 21P
   1.6A Li-Ion Battery Charger in a 3x3 TDFN Package
logo
Advanced Analogic Techn...
AAT3697 ANALOGICTECH-AAT3697 Datasheet
1Mb / 22P
   2A Lithium-Ion/Polymer Battery Charger
More results

Similar Description - AAT3691

ManufacturerPart #DatasheetDescription
logo
Skyworks Solutions Inc.
AAT3692 SKYWORKS-AAT3692 Datasheet
2Mb / 19P
   Dual Input 1.6A Linear Charger with 28V OVP in a 3x4 TDFN Package
AAT3698 SKYWORKS-AAT3698 Datasheet
2Mb / 21P
   1.6A Linear Li-Ion Battery Charger in a 3x3 TDFN Package
AAT3696 SKYWORKS-AAT3696 Datasheet
2Mb / 21P
   1.6A Li-Ion Battery Charger in a 3x3 TDFN Package
logo
Diodes Incorporated
APM8600 DIODES-APM8600 Datasheet
192Kb / 14P
   SINGLE CELL LINEAR LITHIUM BATTERY CHARGER WITH 28V OVP
DS35140 Rev. 1 - 2
logo
Monolithic Power System...
MP2608 MPS-MP2608 Datasheet
453Kb / 12P
   28V, 1A Dual Input Linear Battery Charger With Timer
logo
Diodes Incorporated
APM8601 DIODES-APM8601 Datasheet
206Kb / 14P
   DUAL CHANNEL SINGLE CELL LINEAR LITHIUM BATTERY CHARGER WITH 28V
DS35138 Rev. 1 - 2
logo
Maxim Integrated Produc...
MAX8606 MAXIM-MAX8606 Datasheet
170Kb / 12P
   USB/AC Adapter, Li Linear Battery Charger with Integrated 50mOHM Battery Switch in TDFN
Rev 0; 8/05
MAX8922L MAXIM-MAX8922L Datasheet
704Kb / 15P
   30V Li Linear Battery Charger with GSM Test Mode in 3mm x 2mm TDFN
19-4929; Rev 1; 4/10
MAX8814 MAXIM-MAX8814 Datasheet
215Kb / 12P
   28V Linear Li Battery Charger with Smart Autoboot Assistant
Rev 0; 10/07
MAX8814 MAXIM-MAX8814_V01 Datasheet
217Kb / 11P
   28V Linear Li Battery Charger with Smart Autoboot Assistant
2015
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com