Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PIC18LC442 Datasheet(PDF) 8 Page - Microchip Technology

Part # PIC18LC442
Description  High-Performance Microcontrollers with 10-Bit A/D
Download  296 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC18LC442 Datasheet(HTML) 8 Page - Microchip Technology

Back Button PIC18LC442 Datasheet HTML 4Page - Microchip Technology PIC18LC442 Datasheet HTML 5Page - Microchip Technology PIC18LC442 Datasheet HTML 6Page - Microchip Technology PIC18LC442 Datasheet HTML 7Page - Microchip Technology PIC18LC442 Datasheet HTML 8Page - Microchip Technology PIC18LC442 Datasheet HTML 9Page - Microchip Technology PIC18LC442 Datasheet HTML 10Page - Microchip Technology PIC18LC442 Datasheet HTML 11Page - Microchip Technology PIC18LC442 Datasheet HTML 12Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 296 page
background image
PIC18CXX2
DS39026B-page 8
Preliminary
© 7/99 Microchip Technology Inc.
TABLE 1-2:
PIC18C2X2 PINOUT I/O DESCRIPTIONS
Pin Name
Pin Number
Pin
Type
Buffer
Type
DIP
SOIC
Description
MCLR/VPP
MCLR
VPP
11
I
P
ST
Master clear (reset) input. This pin is an active low reset
to the device.
Programming voltage input.
NC
These pins should be left unconnected.
OSC1/CLKI
OSC1
CLKI
99
I
I
ST
CMOS
Oscillator crystal input or external clock source input.
ST buffer when configured in RC mode. CMOS otherwise.
External clock source input. Always associated with
pin function OSC1. (See related OSC1/CLKIN,
OSC2/CLKOUT pins).
OSC2/CLKO/RA6
OSC2
CLKO
RA6
10
10
O
O
I/O
TTL
Oscillator crystal output. Connects to crystal or
resonator in crystal oscillator mode.
In RC mode, OSC2 pin outputs CLKOUT which has 1/4
the frequency of OSC1, and denotes the instruction
cycle rate.
General Purpose I/O pin.
PORTA is a bi-directional I/O port.
RA0/AN0
RA0
AN0
22
I/O
I
TTL
Analog
Digital I/O.
Analog input 0.
RA1/AN1
RA1
AN1
33
I/O
I
TTL
Analog
Digital I/O.
Analog input 1.
RA2/AN2/VREF-
RA2
AN2
VREF-
44
I/O
I
I
TTL
Analog
Analog
Digital I/O.
Analog input 2.
A/D Reference Voltage (Low) input.
RA3/AN3/VREF+
RA3
AN3
VREF+
55
I/O
I
I
TTL
Analog
Analog
Digital I/O.
Analog input 3.
A/D Reference Voltage (High) input.
RA4/T0CKI
RA4
T0CKI
66
I/O
I
ST/OD
ST
Digital I/O. Open drain when configured as output.
Timer0 external clock input.
RA5/AN4/SS/LVDIN
RA5
AN4
SS
LVDIN
77
I/O
I
I
I
TTL
Analog
ST
Analog
Digital I/O.
Analog input 4.
SPI Slave Select input.
Low Voltage Detect Input.
RA6
See the OSC2/CLKO/RA6 pin.
Legend: TTL = TTL compatible input
CMOS = CMOS compatible input or output
ST = Schmitt Trigger input with CMOS levels
I = Input
O = Output
P = Power
OD = Open Drain (no P diode to VDD)


Similar Part No. - PIC18LC442

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
PIC18LC658 MICROCHIP-PIC18LC658 Datasheet
9Mb / 366P
   High-Performance Microcontrollers with CAN Module
2000
PIC18LC658-E/CL MICROCHIP-PIC18LC658-E/CL Datasheet
9Mb / 366P
   High-Performance Microcontrollers with CAN Module
2000
PIC18LC658-E/L MICROCHIP-PIC18LC658-E/L Datasheet
9Mb / 366P
   High-Performance Microcontrollers with CAN Module
2000
PIC18LC658-E/PT MICROCHIP-PIC18LC658-E/PT Datasheet
9Mb / 366P
   High-Performance Microcontrollers with CAN Module
2000
PIC18LC658-I/CL MICROCHIP-PIC18LC658-I/CL Datasheet
9Mb / 366P
   High-Performance Microcontrollers with CAN Module
2000
More results

Similar Description - PIC18LC442

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
PIC18CXX2 MICROCHIP-PIC18CXX2_13 Datasheet
4Mb / 304P
   High Performance Microcontrollers with 10-bit A/D
11/29/12 1999-2013
PIC18CXX2 MICROCHIP-PIC18CXX2_01 Datasheet
4Mb / 305P
   High Performance Microcontrollers with 10-bit A/D
2001
PIC18C242-I-SP MICROCHIP-PIC18C242-I-SP Datasheet
4Mb / 304P
   High Performance Microcontrollers with 10-bit A/D
11/29/12
PIC18F242-I-SO MICROCHIP-PIC18F242-I-SO Datasheet
5Mb / 332P
   High-Performance, Enhanced Flash Microcontrollers with 10-Bit A/D
08/29/06
PIC18F442-I MICROCHIP-PIC18F442-I Datasheet
5Mb / 332P
   High-Performance, Enhanced Flash Microcontrollers with 10-Bit A/D
08/29/06
PIC18F452-IPT MICROCHIP-PIC18F452-IPT Datasheet
5Mb / 332P
   High-Performance, Enhanced Flash Microcontrollers with 10-Bit A/D
08/29/06
PIC18LF252-ISP MICROCHIP-PIC18LF252-ISP Datasheet
5Mb / 332P
   High-Performance, Enhanced Flash Microcontrollers with 10-Bit A/D
08/29/06
PIC18F452 MICROCHIP-PIC18F452 Datasheet
5Mb / 332P
   High Performance, Enhanced FLASH Microcontrollers with 10-Bit A/D
2002
PIC18LF252-I MICROCHIP-PIC18LF252-I Datasheet
5Mb / 332P
   High-Performance, Enhanced Flash Microcontrollers with 10-Bit A/D
08/29/06
PIC17C7XX MICROCHIP-PIC17C7XX_00 Datasheet
4Mb / 304P
   High-Performance 8-bit CMOS EPROM Microcontrollers with 10-bit A/D
2000
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com