Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AAT3673 Datasheet(PDF) 4 Page - Skyworks Solutions Inc.

Part # AAT3673
Description  1.6A Dynamic Battery Charger and Power Manager
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SKYWORKS [Skyworks Solutions Inc.]
Direct Link  http://www.skyworksinc.com
Logo SKYWORKS - Skyworks Solutions Inc.

AAT3673 Datasheet(HTML) 4 Page - Skyworks Solutions Inc.

  AAT3673 Datasheet HTML 1Page - Skyworks Solutions Inc. AAT3673 Datasheet HTML 2Page - Skyworks Solutions Inc. AAT3673 Datasheet HTML 3Page - Skyworks Solutions Inc. AAT3673 Datasheet HTML 4Page - Skyworks Solutions Inc. AAT3673 Datasheet HTML 5Page - Skyworks Solutions Inc. AAT3673 Datasheet HTML 6Page - Skyworks Solutions Inc. AAT3673 Datasheet HTML 7Page - Skyworks Solutions Inc. AAT3673 Datasheet HTML 8Page - Skyworks Solutions Inc. AAT3673 Datasheet HTML 9Page - Skyworks Solutions Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 28 page
background image
4
AAT3673
DATA SHEET
1.6A Dynamic Battery Charger and Power Manager
Skyworks Solutions, Inc. • Phone [781] 376-3000 • Fax [781] 376-3100 • sales@skyworksinc.com • www.skyworksinc.com
201881B • Skyworks Proprietary Information • Products and Product Information are Subject to Change Without Notice. • April 25, 2012
Electrical Characteristics
VADP = 5V, TA = -25°C to +85°C; unless otherwise noted, typical values are TA = 25°C.
Symbol
Description
Conditions
Min
Typ
Max
Units
Operation
VOVP
Input Over Voltage Protection Range
28
V
VADP
AC Adapter / USB Operating Voltage Range
4.0
6.5
VBAT
Battery Operating Voltage Range
3.0
VCO(REG)
VOUT
ADP to OUT Voltage Regulation
VADP = 5V, IOUT = 100mA, TA = 25°C
4.33
4.40
4.47
VADP = 4.8V to 6.5V, IOUT = 0mA to
400mA, TA = -25°C to +85°C
4.26
4.4
4.54
VDO
ADP to OUT Regulator Dropout1
IOUT = 400mA
150
250
mV
VUVLO_ADP
ADP Under-Voltage Lockout
Rising Edge
3.1
3.9
V
Hysteresis
0.1
VUVLO_BAT
BAT Under-Voltage Lockout
Rising Edge
2.8
2.9
3.0
Hysteresis
0.1
IADP_OP
ADP Normal Operating Current
VADP = 5V, VEN = 0V, ICC = 1A
0.8
1.6
mA
IADP_SHDN
ADP Shutdown Mode Current
(OVP is Still Active)
VADP = 5V, VEN = 5V, VENBAT = 5V,
No Load
360
μA
IBAT_OP
Battery Operating Current
VBAT = VCO(REG), VADP = VENBAT = GND
No Load
100
250
IBAT_SLP
Battery Sleep Current
VBAT = VCO(REG), VADP = 5V,
VEN = VENBAT = 5V
510
IBAT_SHDN
Leakage Current from BAT Pin
VBAT = VCO(REG), VENBAT = VADP = 5V
2
Over-Voltage Protection
VOVPT
Over-Voltage Protection Trip Voltage
VADP Rising Edge
6.5
6.75
7.0
V
Hysteresis
100
mV
VDO_OVP
Dropout Voltage Between ADP and BYP Pins VADP = 5V, IADP = 500mA
100
200
TRESPOV
Over-Voltage Protection Response Time
Step up VADP from 6V to 8V
0.5
μs
Options -1, -2, -3
TOVPON_130μs
OVP Switch Release Delay Time
VADP voltage step down from 8V to
6V, RLOAD = 100Ω, CBYP = 1μF
130
μs
TOVPSTARTON_130μs OVP Switch Start Up Delay Time
VADP voltage step up from 0V to
5V, RLOAD = 100Ω, CBYP = 1μF
150
Options -4, -5, -6
TOVPON_80ms
OVP Switch Release Delay Time
VADP voltage step down from 8V to
6V, RLOAD = 100Ω, CBYP = 1μF
80
ms
TOVPSTARTON_80ms OVP Switch Start Up Delay Time
VADP voltage step up from 0V to
5V, RLOAD = 100Ω, CBYP = 1μF
80
Power Switches
RDS(ON)_SWA
ADP-to-OUT FET On Resistance
VADP = 5.0V
600
RDS(ON)_SWB
BAT-to-OUT FET On Resistance
VBAT = 4.1V
60
RDS(ON)_CHA
ADP Battery Charging FET On-Resistance
VADP = 5.0V
600
Battery Charge Voltage Regulation
VCO(REG)
Output Charge Voltage Regulation
4.158
4.20
4.242
V
VMIN
Preconditioning Voltage Threshold
2.8
2.9
3.0
VRCH
Battery Recharge Voltage Threshold
VCO(REG)
- 0.17
VCO(REG)
- 0.1
VCO(REG)
- 0.05
VCHR_TH
Default ADP Charge Reduction Threshold
CHRADP Open; Reduce Charge
Current When ADP is Below VCHR_TH
4.5
VCHR_REG
CHRADP Pin Voltage Accuracy
VADP = 4.5V
1.9
2.0
2.1
1. VDO is defined as VADP - VOUT when VOUT is 98% of normal.


Similar Part No. - AAT3673

ManufacturerPart #DatasheetDescription
logo
Advanced Analogic Techn...
AAT3670 ANALOGICTECH-AAT3670 Datasheet
665Kb / 32P
   1.6A Dynamic Battery Charger and Power Manager
AAT3670 ANALOGICTECH-AAT3670 Datasheet
546Kb / 31P
   1.6A Dynamic Battery Charger and Power Manager
AAT3670ISK-4.2-T1 ANALOGICTECH-AAT3670ISK-4.2-T1 Datasheet
665Kb / 32P
   1.6A Dynamic Battery Charger and Power Manager
AAT3670ISK-4.2-T1 ANALOGICTECH-AAT3670ISK-4.2-T1 Datasheet
546Kb / 31P
   1.6A Dynamic Battery Charger and Power Manager
AAT3670 ANALOGICTECH-AAT3670_08 Datasheet
546Kb / 31P
   1.6A Dynamic Battery Charger and Power Manager
More results

Similar Description - AAT3673

ManufacturerPart #DatasheetDescription
logo
Skyworks Solutions Inc.
AAT3672 SKYWORKS-AAT3672 Datasheet
3Mb / 27P
   1.6A Dynamic Battery Charger and Power Manager
logo
Advanced Analogic Techn...
AAT3670 ANALOGICTECH-AAT3670_08 Datasheet
546Kb / 31P
   1.6A Dynamic Battery Charger and Power Manager
AAT3670 ANALOGICTECH-AAT3670 Datasheet
665Kb / 32P
   1.6A Dynamic Battery Charger and Power Manager
logo
Linear Technology
LTC4040 LINER-LTC4040 Datasheet
347Kb / 6P
   Battery Charger and Backup Power Manager
LTC4091 LINER-LTC4091 Datasheet
629Kb / 26P
   36V Battery Charger and Power Backup Manager
LTC4000EGN LINER-LTC4000EGN Datasheet
2Mb / 12P
   Battery Charger Controller and PowerPath Manager
LTC4088 LINER-LTC4088_15 Datasheet
311Kb / 24P
   High Efficiency Battery Charger/USB Power Manager
logo
Active-Semi, Inc
ACT2823 ACTIVE-SEMI-ACT2823 Datasheet
1Mb / 25P
   Dual Cell Li-Ion Battery Charger and Power Bank Manager
REV 1, 01-DEC-2016
ACT2823 ACTIVE-SEMI-ACT2823_16 Datasheet
1Mb / 25P
   Dual Cell Li-Ion Battery Charger and Power Bank Manager
REV 1, 01-DEC-2016
logo
ON Semiconductor
NCP1851FCCT1G ONSEMI-NCP1851FCCT1G Datasheet
124Kb / 2P
   Smallest 1.6A High Innovation Switching Battery Charger
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com