Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LSA Datasheet(PDF) 2 Page - RUBYCON CORPORATION

Part # LSA
Description  SCREW TERMINAL ALUMINUM ELECTROLYTIC CAPACITORS
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RUBYCON [RUBYCON CORPORATION]
Direct Link  http://www.rubycon.com
Logo RUBYCON - RUBYCON CORPORATION

LSA Datasheet(HTML) 2 Page - RUBYCON CORPORATION

  LSA Datasheet HTML 1Page - RUBYCON CORPORATION LSA Datasheet HTML 2Page - RUBYCON CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
◆STANDARD SIZE
SCREW TERMINAL ALUMINUM ELECTROLYTIC CAPACITORS
LSA
350
400
2700
3300
3900
3900
4700
4700
5600
5600
5600
6800
6800
6800
8200
8200
8200
10000
10000
12000
12000
15000
2200
2700
3300
3300
3900
3900
4700
4700
4700
5600
5600
5600
6800
6800
6800
8200
8200
10000
10000
12000
64×104
64×114
64×129
77×101
64×149
77×111
64×174
77×126
90×104
64×204
77×151
90×119
64×249
77×171
90×134
77×206
90×159
77×241
90×184
90×219
64×104
64×114
64×134
77×101
64×154
77×116
64×179
77×131
90×104
64×209
77×151
90×119
64×249
77×176
90×139
77×211
90×159
77×246
90×189
90×219
12.2
13.6
15.1
16.5
16.9
18.9
18.9
21.1
23.4
21.3
24.0
26.5
24.2
26.8
29.7
30.5
34.0
34.2
38.3
44.1
11.3
12.7
14.4
16.0
16.0
17.8
18.0
20.0
22.0
20.1
22.3
24.7
22.7
25.2
28.1
28.5
31.7
32.2
36.2
40.7
Size
φDXL
(㎜)
450
1800
2200
2700
2700
3300
3300
3900
3900
3900
4700
4700
4700
5600
5600
5600
6800
6800
8200
8200
10000
64×104
64×114
64×134
77×101
64×154
77×116
64×179
77×131
90×104
64×209
77×151
90×119
64×244
77×176
90×134
77×206
90×159
77×241
90×184
90×219
9.6
11.0
12.6
13.5
14.2
15.2
15.8
16.9
18.7
17.7
19.0
21.1
19.8
21.3
23.6
24.1
27.0
27.1
30.5
34.8
Size
φDXL
(㎜)
◆Tightening torque of bolt and Permissible current of terminal.
Rated Voltage
(Vdc)
Capacitance
(μF)
Rated Ripple Current
(A.r.m.s 85℃,120Hz)
Rated Voltage
(Vdc)
Capacitance
(μF)
Rated Ripple Current
(A.r.m.s 85℃,120Hz)
Clamp Bolt
M3
M4
0.6 [N・m]
1.3 [N・m]
Recommended Tightening torque
Terminal Recommended Tightening torque
(Permissible Range)
M5
2.2(1.5∼3.2) [N・m]
Permissible Current
of Terminal
60Arms


Similar Part No. - LSA

ManufacturerPart #DatasheetDescription
logo
DONG IL TECHNOLOGY LTD.
LSA DIT-LSA Datasheet
1Mb / 2P
   COMMON MODE CHOKE COIL
logo
SHINMEI ELECTRIC CO., L...
LSA-1112J5 SHINMEI-LSA-1112J5 Datasheet
87Kb / 1P
   Normally open type leaf switch
LSA-1119E SHINMEI-LSA-1119E Datasheet
74Kb / 2P
   Normally open type leaf switch
LSA-1119F SHINMEI-LSA-1119F Datasheet
74Kb / 2P
   Normally open type leaf switch
LSA-1119G SHINMEI-LSA-1119G Datasheet
74Kb / 2P
   Normally open type leaf switch
More results

Similar Description - LSA

ManufacturerPart #DatasheetDescription
logo
RUBYCON CORPORATION
LSH RUBYCON-LSH Datasheet
201Kb / 2P
   SCREW TERMINAL ALUMINUM ELECTROLYTIC CAPACITORS
logo
Kemet Corporation
ALS30A153DA025 KEMET-ALS30A153DA025 Datasheet
4Mb / 14P
   Screw Terminal Aluminum Electrolytic Capacitors
ALS70A303DA025 KEMET-ALS70A303DA025 Datasheet
7Mb / 15P
   Screw Terminal Aluminum Electrolytic Capacitors
ALS80A303DA025 KEMET-ALS80A303DA025 Datasheet
4Mb / 15P
   Screw Terminal Aluminum Electrolytic Capacitors
logo
RUBYCON CORPORATION
LSG RUBYCON-LSG Datasheet
180Kb / 2P
   SCREW TERMINAL ALUMINUM ELECTROLYTIC CAPACITORS
LSC RUBYCON-LSC Datasheet
202Kb / 2P
   SCREW TERMINAL ALUMINUM ELECTROLYTIC CAPACITORS
LSW RUBYCON-LSW_15 Datasheet
195Kb / 2P
   SCREW TERMINAL ALUMINUM ELECTROLYTIC CAPACITORS
LUR RUBYCON-LUR Datasheet
268Kb / 2P
   SCREW TERMINAL ALUMINUM ELECTROLYTIC CAPACITORS
63LSQ6800MNB36X50 RUBYCON-63LSQ6800MNB36X50 Datasheet
171Kb / 2P
   SCREW TERMINAL ALUMINUM ELECTROLYTIC CAPACITORS
LSQ RUBYCON-LSQ_15 Datasheet
172Kb / 2P
   SCREW TERMINAL ALUMINUM ELECTROLYTIC CAPACITORS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com